Part Number Hot Search : 
1SMB13 0022122 A1535A AD7699 1SS123 C7973 TFBS4710 55000
Product Description
Full Text Search
 

To Download KBU12M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU 12A ... KBU 12M Silicon-Bridge Rectifiers Silizium-Bruckengleichrichter Nominal current - Nennstrom Alternating input voltage Eingangswechselspannung Plastic case Kunststoffgehause 12 A 35...700 V 23.5 x 5.7 x 19.3 [mm] 8g
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
Standard packaging: bulk Standard Lieferform: lose im Karton
see page 22 s. Seite 22
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ KBU 12A KBU 12B KBU 12D KBU 12G KBU 12J KBU 12K KBU 12M max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000
Repetitive peak fwd. current - Period. Spitzenstrom Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Admissible torque for mounting Zulassiges Anzugsdrehmoment
1 2
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
60 A 2) 300 A 375 A2s - 50...+150/C - 50...+150/C 9 10% lb.in. 1 10% Nm
M4
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 18.02.2003
1
KBU 12A ... KBU 12M Characteristics Max. fwd. current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause TA = 50/C TA = 50/C Tj = 25/C Tj = 25/C R-load C-load R-load C-load IF = 12 A VR = VRRM IFAV IFAV IFAV IFAV VF IR RthC Kennwerte 8.4 A 7.4 A 12.0 A 9.6 A < 1.0 V 1) < 10 :A < 2.7 K/W
Type Typ KBU 12A KBU 12B KBU 12D KBU 12G KBU 12J KBU 12K KBU 12M
Max. admissible load capacitor Max. zulassiger Ladekondensator CL [:F] 20000 10000 5000 2500 1500 1000 800
Min. required protective resistor Min. erforderl. Schutzwiderstand Rt [S] 0.2 0.4 0.8 1.6 2.4 3.2 4.0
1
) Valid for one branch - Gultig fur einen Bruckenzweig F:\Data\WP\DatBlatt\Einzelblatter\kbu12a-12mul.wpd
2


▲Up To Search▲   

 
Price & Availability of KBU12M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X