|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS KBPC40S SERIES Pb 40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER Features Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Designed for Saving Mounting Space Recognized File # E157705 A J KBPC-S Dim Min Max A 28.40 28.70 B 10.97 11.23 C -- 21.00 D -- 25.00 E 5.10 -- G 1.20 O Typical H 3.05 3.60 J 5.08 O Nominal All Dimensions in mm -~~+ Mechanical Data Case: KBPC-S, Molded Plastic with Heatsink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Mounting: Through Hole with #10 Screw B Mounting Torque: 23 cm-kg (20 in-lbs) Max. Weight: 21 grams (approx.) Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 C D EE METAL HEATSINK G H Maximum Ratings and Electrical Characteristics @TA=25C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBPC40 00S Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 60C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg @IF = 20A VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RJC VISO Tj, TSTG 50 35 01S 100 70 02S 200 140 04S 400 280 06S 600 420 40 400 1.1 10 500 664 400 2.1 2500 -65 to +150 08S 800 560 10S 12S 14S 16S V V A A V A A2s pF C/W V C Characteristic Symbol Unit 1000 1200 1400 1600 700 840 980 1120 Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 125C I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance per leg (Note 2) RMS Isolation Voltage from Case to Leads Operating and Storage Temperature Range Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case, mounted on heatsink. KBPC40S SERIES 1 of 4 (c) 2006 Won-Top Electronics IF, AVERAGE FORWARD CURRENT (A) Mounted on a 220 x 220 x 50 mm AL plate heatsink 30 IF, INSTANTANEOUS FORWARD CURRENT (A) 40 100 10 20 1.0 10 0.1 Tj = 25C Resistive or Inductive load Pulse Width = 300s 0 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element) IFSM, PEAK FWD. SURGE CURRENT (A) 400 Single Half-Sine Wave (JEDEC Method) 1000 f = 1 Mhz Tj = 25C 300 Cj, CAPACITANCE (pF) Tj = 150C 200 100 100 0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100 Tj = 125C 100 10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) IR, INSTANTANEOUS REVERSE CURRENT (A) 10 1.0 0.1 Tj = 25C 0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element) KBPC40S SERIES 2 of 4 (c) 2006 Won-Top Electronics MARKING INFORMATION WTE KBPC40xxS -~~+ WTE KBPC40xxS xx Polarity = Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body PACKAGING INFORMATION BULK Inner Box Size L x W x H (mm) 195 x 195 x 40 Quantity (PCS) 80 Carton Size L x W x H (mm) 405 x 205 x 240 Quantity (PCS) 800 Approx. Gross Weight (KG) 17.0 Note: 1. Paper box, white or brown color. KBPC40S SERIES 3 of 4 (c) 2006 Won-Top Electronics ORDERING INFORMATION Product No. KBPC4000S KBPC4001S KBPC4002S KBPC4004S KBPC4006S KBPC4008S KBPC4010S KBPC4012S KBPC4014S KBPC4016S 1. 2. Package Type SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge Shipping Quantity 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box 80 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBPC4000S-LF. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. KBPC40S SERIES 4 of 4 (c) 2006 Won-Top Electronics |
Price & Availability of KBPC40S |