Part Number Hot Search : 
1N445 MAX68 TJ49150 LOGIC G4PH30K GB4600 FA5109P D1755
Product Description
Full Text Search
 

To Download KBPC4006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBPC40 SERIES
Pb
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! Diffused Junction A G ~ C C ~ D + A C G Low Reverse Leakage Current C Low Power Loss, High Efficiency Electrically Isolated Metal Case for ~ Maximum Heat Dissipation D + ! Case to Terminal Isolation Voltage 2500V ~ ! Recognized File # E157705 H
H E B
KBPC KBPC-W
KBPC KBPC-W Min Max Min Max 27.94 28.96 27.94 28.96 10.97 11.23 10.97 11.23 15.50 17.60 17.10 19.10 17.50 18.50 10.90 11.90 22.86 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm
Mechanical Data
! ! ! ! ! ! ! ! Case: KBPC (Metal Case with Faston Lugs) or KBPC-W (Metal Case with Wire Leads) Terminals: Plated Faston Lugs or Wire Leads, Add "W" Suffix to Indicate Wire Leads Polarity: As Marked on Case Mounting: Through Hole with #10 Screw Mounting Torque: 23 cm-kg (20 in-lbs) Max. Weight: 30 grams (KBPC); 28 grams (KBPC-W) Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E B
Dim A B C D E G H
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBPC40 00 50 35 01 100 70 02 200 140 04 400 280 06 600 420 40 400 1.2 10 1.0 664 300 2.1 2500 -65 to +150 08 800 560 10 12 14 16
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 60C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg @IF = 20A
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RJC VISO Tj, TSTG
Unit
1000 1200 1400 1600 700 840 980 1120
V V A A V A mA A2s pF C/W V C
Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 125C I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 1) Typical Thermal Resistance per leg (Note 2) RMS Isolation Voltage from Case to Leads Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance junction to case, mounted on heatsink.
KBPC40 SERIES
1 of 4
(c) 2006 Won-Top Electronics
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 220 x 220 x 50 mm AL plate heatsink
30
IF, INSTANTANEOUS FORWARD CURRENT (A)
40
100
10
20
1.0
10
0.1
Tj = 25 C
Resistive or Inductive load
Pulse Width = 300 s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TA , AMBIENT TEMPERATURE ( C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25 C
300
Cj, CAPACITANCE (pF)
Tj = 150 C
200
100
100
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125 C
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT ( A)
10
1.0
0.1
Tj = 25 C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
KBPC40 SERIES
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
KBPC KBPC-W
+ WTE AC KBPC40xx
WTE KBPC40xx xx Polarity = Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body WTE KBPC40xxW xx Polarity
AC + WTE KBPC40xxW
= Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 195 x 195 x 40 195 x 195 x 40 Quantity (PCS) 50 50 Carton Size L x W x H (mm) 405 x 205 x 240 405 x 205 x 240 Quantity (PCS) 500 500 Approx. Gross Weight (KG) 17.0 16.0
Case Style KBPC KBPC-W
Note: 1. Paper box, white or brown color.
KBPC40 SERIES
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBPC4000 KBPC4000W KBPC4001 KBPC4001W KBPC4002 KBPC4002W KBPC4004 KBPC4004W KBPC4006 KBPC4006W KBPC4008 KBPC4008W KBPC4010 KBPC4010W KBPC4012 KBPC4012W KBPC4014 KBPC4014W KBPC4016 KBPC4016W
1. 2.
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBPC4000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
KBPC40 SERIES
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of KBPC4006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X