Part Number Hot Search : 
104M00 2SC5301 HD66206 2SC2928 TA728 BZT52C13 4HC404 102J400
Product Description
Full Text Search
 

To Download KBPC1510L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS
KBPC15005L THRU KBPC1510L
IN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 15.0 AMPERES
FEATURES
C D KBPC-L Min Max 28.45 28.70 19.05 13.97 5.10 10.97 11.23 1.02 3.05 3.60
Metal heat sink epoxy case
A
AC
B
Dim A B C D E G H J
Surge overload rating - 300 amperes peak Integrally molded heat-sink provide very low thermal resistance for maximum heat dissipation. Universal 3 way terminals: snap-on, wire wrap-around, or P.C. board mounting. Plastic package used has Underwriters Laboratory Flammability Classification 94V-0 High temperature soldering guaranteed: 260OC/10 seconds at 5lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic with heatsink integrally mounted in the bridge encapsulation Terminals: wire lead 50 mils. Weight: 0.65 ounce, 18 grams
J H GE
All Dimensions in mm
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified Sing phase half-wave 60HZ, resistive or inductive load For capacitive load, derate current by 20%
KBPC KBPC KBPC KBPC KBPC KBPC KBPC SYMBOL 15005L 1501L 1502L 1504L 1506L 1508L 1510L
UNITS Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 55OC Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Maximum Instantaneous Forward Voltage Drop Per Bridge Element at 7.5A Maximum DC Reverse Current at Rated DC Blocking Voltage Rating for fusing (t < 8.3ms) Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) TA = 25 OC TA = 125 C
O
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 15.0 300 1.2 10
600 420 600
800 560 800
1000 700 1000
IFSM
Amps
VF
Volts A A2s pF
o
IR I2t CJ R
JC
500 375 300 6.3
C/W
o
-55 to + 150 Operating and Storage Temperature Range TJ, TSTG NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts 2. Thermal resistance from junction to case per bridge element 3. Bolt down on heatsink with silicon thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw
C
RS
KBPC15005L THRU KBPC1510L
100 30
INSTANTANEOUS FORWARD CURRENT (AMPS)
AVERAGE FORWARD CURRENT (AMPS)
10
25
MOUNTED ON A 220 x 220 x 50MM AL. PLATED HEATSINK
20
1.0
15
10
60Hz RESISTIVE OR INDUCTIVE LOAD
0.1
5
TJ = 25OC PULSE WIDTH = 300 s 1 % DUTY CYCLE
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0 0 50 100 150
CASE TEMPERATURE (OC)
INSTANTANEOUS FORWARD VOLT AGE (VOLTS)
Figure 1. Forward Current Derating Curve
Figure 2. Typical Instantaneous Forward Characteristics Per Bridge Element
1000
PEAK FORWARD SURGE CURRENT (AMPS)
TJ = TJ MAX SINGLE SINE-WAVE (JEDEC METHOD)
INSTANTANEOUS REVERSE CURRENT A)
500
TJ = 125OC 100
100
10
1 TJ = 25OC 0.1
1.0 CYCLE
1 1 10 100
0.01 0 20 40 60 80 100
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTS (%)
Figure 3. Maximum Non-repetitive Peak Forward Surge Current Per Bridge Element
1000 TJ = 25OC f = 1.0MHz Vsig = 50m Vp-p 80
Figure 4. Typical Reverse Leakage Characteristics Per Bridge Element
AVERAGE POWER DISSIPATION OF BRIDGE (WATTS)
70 60 50 40 30 20 10 CAPACITIVE LOAD
JUNCTION CAPACITANCE (pF)
TJ = TJ MAX.
100
RESISTIVE OR INDUCTIVE LOAD
10 1 10 100
0 0 10 20 30 40 50
REVERSE VOLTAGE (VOLTS)
AVERAGE OUTPUT CURRENT (AMPS)
Figure 5. Typical Junction Capacitance Per Bridge Element
Figure 6. Maximum Power Dissipation


▲Up To Search▲   

 
Price & Availability of KBPC1510L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X