Part Number Hot Search : 
PIC16F87 SR106 084319 MC68306 11N60S5 HWS420 130LA2 G911T76B
Product Description
Full Text Search
 

To Download KBP210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP2005 thru KBP210
Glass Passivated Bridge Rectifiers
P b Lead(Pb)-Free
Features:
* Surge overload rating - 60 amperes peak * Ideal for printed circuit board * High case dielectric strength * Reliable low cost construction utilizing molded plastic technique * Plastic package used has Underwriters Laboratory Flammability Classification 94V-0 * High temperature soldering guaranteed: 260C/10 seconds at 5lbs. (2.3kg) tension
REVERSE VOLTAGE 50 to 1000 VOLTS FORWARD CURRENT 2.0 AMPERES
Mechanical Data:
* Case: Molded plastic body over passivated junctions * Terminals: Plated lead solderable per MIL-STD-202, method 208 * Polarity: Polarity symbols marked on body * Weight: 0.06 ounce, 1.7 grams
KBP
KBP Outline Dimensions
K A
KBP
B C
D J H G
E
M L
14.22 15.24 10.67 11.68 11.68 12.70 15.24 12.70 3.56 4.06 1.52 0.71 0.84 o 3.18 X 45 K CHAMFER L 4.57 5.08 M 2.16 2.67 All Dimensions in mm A B C D E G H J
Dim
Min
Max
WEITRON
http://www.weitron.com.tw
1/3
20-Feb-06
KBP2005 thru KBP210
Maximum Rating
Characteristic Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=50C Peak forward surge current 8.3mS single half sine-wave super imposed on rated load (MIL-STD-750D 4066 method) Operating junction temperature range Storage temperature range Symbol VRRM VRMS VDC IAV IFSM TJ TSTG
KBP2005 KBP201 KBP202 KBP204 KBP206 KBP208 KBP210
Uuits
V V V A
50 35 50
100 70 100
200 140 200
400 280 400 2.0
600 420 600
800 560 800
1000 700 1000
60 -50 to +150 -50 to +150
A C C
Electrical Characteristic
Characteristic
Maximum Forward Voltage Drop per Bridge Element at 1.0A Peak Maximum Instantaneous Reverse Current Rated DC Voltage, TA=25C TA=100C Symbol VF IR
KBP2005 KBP201 KBP202 KBP204 KBP206 KBP208 KBP210
Uuits
V
1.1 10.0 1000
A
WEITRON
http://www.weitron.com.tw
2/3
20-Feb-06
KBP2005 thru KBP210
Ratings and Characteristics Curves
INSTANTANEOUS FORWARD CURRENT(A) 2.0 AVERAGE FORWARD CURRENT(A)
10
1.5
1.0
TJ = 25C PULSE WIDTH = 300s 1 % DUTY CYCLE
1.0
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0.1
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (C)
Fig.1 Typical Forward Current Derating Curve
0.01 0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLT AGE (V)
Fig.4 Typical Instantaneous Forward Per Bridge Element
INSTANTANEOUS REVERSE CURRENT(mA)
10 PEAK FORWARD SURGE CURRENT(A) 60
1.0
45
TJ = 25C
30
TJ = 25C
0.1
15
0.01
0
0
20
40
60
80
100
120 140
1
10 NUMBER OF CYCLES AT 60Hz
100
PERCENT OF RATED PEAK REVERSE VOLTS (%)
Fig.3 Typical Reverse Characteristics
Fig.2 Maximum Non-repetitive Peak Forward Surge Current Per Bridge Element
WEITRON
http://www.weitron.com.tw
3/3
20-Feb-06


▲Up To Search▲   

 
Price & Availability of KBP210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X