Part Number Hot Search : 
2SC30 EVPAY LTC3785 NCP603 X84C3 00600 2SK3938G GP2L24
Product Description
Full Text Search
 

To Download KBP208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
KBP200 - KBP2010
Pb
2.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
! Diffused Junction ! Low Forward Voltage Drop A L ! High Current Capability ! High Reliability ! High Surge Current Capability J B ! Ideal for Printed Circuit Boards ~~+ ! Recognized File # E157705 K C I E H G
Mechanical Data
! ! ! ! ! ! ! Case: KBP, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 1.7 grams (approx.) D Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
KBP Dim Min Max 14.22 15.24 A 10.67 11.68 B 15.20 -- C 4.57 5.08 D 3.60 4.10 E 1.00 1.40 G 0.76 0.86 H 1.52 -- I 11.68 12.70 J 12.7 -- K 3.2 x 45 Typical L All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBP 200 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 55C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2t Cj RJA RJL Tj, TSTG
KBP 201 100 70
KBP 202 200 140
KBP 204 400 280 2.0 60 1.1 5.0 500 15 25 30 11 -55 to +165
KBP 206 600 420
KBP 208 800 560
KBP 2010 1000 700
Unit
V V A A V A A2s pF C/W C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage Rating for Fusing (t<8.3ms) Typical Junction Capacitance per leg (Note 1) Typical Thermal Resistance per leg (Note 2) Operating and Storage Temperature Range @IF = 2.0A @TA = 25C @TA = 125C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Mounted on PC board with 12mm2 copper pad.
KBP200 - KBP2010
1 of 4
(c) 2006 Won-Top Electronics
2.0
IO, AVERAGE RECTIFIED CURRENT (A)
IF, INSTANTANEOUS FWD CURRENT (A)
10
1.5
TJ = 150C TJ = 25C
1.0
1.0
0.1
0.5
Pulse Width = 300 s
0 0 75 150 225
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
T, TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typical Fwd Characteristics
100
100
Tj = 150c Single Half Sine Wave (JEDEC Method)
Tj = 25C f = 1MHz
IFSM , PEAK FWD SURGE CURRENT (A)
80
60
Cj, JUNCTION CAPACITANCE (pF)
10
40
20
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (mA)
10,000
1000
Tj = 150C
100
Tj = 125C Tj = 100C
10
1.0
Tj = 25C
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
KBP200 - KBP2010
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE KBP20x AC +
WTE KBP20x x Polarity = Manufacturer's Logo = Device Number = 0, 1, 2, 4, 6, 8 or 10 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 200 x 160 x 42 Quantity (PCS) 600 Carton Size L x W x H (mm) 425 x 215 x 280 Quantity (PCS) 7,200 Approx. Gross Weight (KG) 17.0
Note: 1. Paper box, white or brown color.
KBP200 - KBP2010
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBP200 KBP201 KBP202 KBP204 KBP206 KBP208 KBP2010
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
600 Units/Box 600 Units/Box 600 Units/Box 600 Units/Box 600 Units/Box 600 Units/Box 600 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, KBP200-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
KBP200 - KBP2010
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of KBP208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X