Part Number Hot Search : 
AD1868N AD8039 SC1959 BU45L434 00079 MTZJ20B 59008 TB1800H
Product Description
Full Text Search
 

To Download KBP10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique Surge overload rating: 150A peak
GBL005 THRU GBL10
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:4.0A
MECHANICAL DATA
. Terminal: Plated leads solderable per MIL-STD 202E, method 208C . Case: UL-94 Class V-0 recognized Flame Retardant Epoxy . Polarity: Polarity symbol marked on body . Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 for capacitive load, derate current by 20%) SYMBOL KBP005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified current at Ta=50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 4.0A DC Maximum DC Reverse Voltage Ta=25 at rated DC blocking voltage Ta=100 Operating Temperature Range Storage and operation Junction Temperature Note: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc Ir Tj Tstg Vf 1.1 10.0 1.0 -55 to +150 -55 to +150 V A mA Ifsm 150 A If(av) 4.0 A Vrrm Vrms Vdc 50 35 50 KBP01 100 70 100 KBP02 200 140 200 KBP04 400 280 400 KBP06 600 420 600 KBP08 800 560 800 KBP10 1000 700 1000 , unless otherwise stated,
units
v v v
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
RATINGS AND CHARACTERISTIC CURVES GBL005 THRU GBL10
FIG.1-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.4-TYPICAL REVERSE CHARACTERISTICS
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of KBP10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X