Part Number Hot Search : 
2SD60 ALC10 7456M 100118F A5800 5230B ISL62 PIC12
Product Description
Full Text Search
 

To Download KB-B100SRW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19.05mmx3.81mm LED LIGHT BARS
KB-2350EW KB-B100SRW KB-2450YW KB-2550SGD HIGH EFFICIENCY RED SUPER BRIGHT RED YELLOW SUPER BRIGHT GREEN
Features
!UNIFORM !LOW
Description
LIGHT EMITTING AREA. The High Efficiency source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light FOR LUMINOUS INTENSITY, Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
CURRENT OPERATION. MOUNTED ON P.C. BOARDS. ON/OFF CONTRAST.
!EASILY
!FLUSH MOUNTABLE. !EXCELLENT !CAN
BE USED WITH PANELS AND LEGEND
MOUNTS.
!CATEGORIZED
YELLOW AND GREEN CATEGORIZED FOR COLOR.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0466 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/20/2001 DRAWN: J.X.FU
PAGE: 1 OF 5
Selection Guide
P ar t N o . Dic e L en s Ty p e Min . KB-2350EW KB-B100SRW KB-2450YW KB-2550SGD HIGH EFFICIENCY RED (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) YELLOW (GaAsP/GaP) SUPER BRIGHT GREEN (GaP) White Diffused White Diffused White Diffused Green Diffused 12 80 12 20 Iv (m c d ) @ 20 m A Ty p . 50 20 0 50 70
Electrical Maximum Ratings at T)=25C
Sy m b o l Par am et er D ev i c e High Efficiency Red Super Bright Green Yellow Super Bright Red High Efficiency Red Super Bright Green Yellow Super Bright Red Ty p . 627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Spectral Line Halfwidth Super Bright Green Yellow Super Bright Red Capacitance High Efficiency Red Super Bright Green Yellow Super Bright Red High Efficiency Red Super Bright Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
S u p er B r i g h t Gr een 105 25 140 5
Yello w 105 30 14 0 5 -40C To +85C
S u p er B r i g h t R ed 100 30 155 5
Un it s mW mA mA V
260C For 5 Seconds
SPEC NO: KDA0466 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/20/2001 DRAWN: J.X.FU
PAGE: 2 OF 5
High Efficiency Red KB-2350EW
SPEC NO: KDA0466 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/20/2001 DRAWN: J.X.FU
PAGE: 3 OF 5
Super Bright Red KB-B100SRW
Yellow KB-2450YW
SPEC NO: KDA0466 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/20/2001 DRAWN: J.X.FU
PAGE: 4 OF 5
Super Bright Green KB-2550SGD
SPEC NO: KDA0466 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/20/2001 DRAWN: J.X.FU
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of KB-B100SRW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X