Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download KAQY212H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 1 OF 7
Preliminary
OUTSIDE DIMENSION
Y212H XXX
Date Code
7.62 6.50 4.80
3.50 3.00 0.4
0.26
1.20 2.54
0.5
2.70
13.00
13.00
Unitmm Tolerance0.2mm
Turn On / Turn Off time
4 3
Input 90% 10% TON TOFF
1 2
1 FORM A NORMALLY OPEN 4 3
Output
Absolute Maximum Ratings
EmitterInput
Reverse Voltage .................................... Continuous Forward Current .................. Power Dissipation ..............................
Ta=25 DetectorOutput
60V 500mW
5.0V Output Breakdown Voltage ..................... 50mA Continuous Load Current ..................
400mA
Peak Forward Current ................................. 1A Power Dissipation .............................. 100mW Derate Linearly from 25 .................. 1.3Mw/
General Characteristics
Isolation Test Voltage .................. Isolation Resistance 5000VACrms Storage Temperature Range ...... -40 to +125 Operating Temperature Range ... -40 to +85
Vio=500VTa=25 ........................... 1010 Junction Temperature .............................. 100 Total Power Dissipation ........................ 550mW Soldering Temperature Derate Linearly from 25 .................. 2.5mW/ 2mm from case10 sec ........................... 260
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 2 OF 7
Preliminary
Electro-optical Characteristics
Parameter
EmitterInput Forward Voltage Operation Input Current Recovery Input Current DetectorOutput Output Breakdown Voltage Output Off-State Leakage I/O Capacitance ON Resistance Turn-On Time Turn-Off Time VB ITOFF CISO RON TON TOFF IB=50A VT=60VIF=0mA IF=0f=1MHz IL=100mAIF=10mA IF=10mAVL=20V t=10msIL=100mA 60 0.2 6 VF IFON IFOFF IF=10mA VL=20VIL=100mAt=10ms VL=20VIL5A 0.2 1.2
Ta=25 Conditions Min. Typ. Max. Unit.
1.5 5 V mA mA V 1 2.5 1.5 1.5 A pF ms ms
Symbol
0.83 0.2 0.3
Schematic and Wiring Diagrams
Schematic Output Configuration Load Connection Wiring Diagrams
VIN
1 4
IF
1
4 IL V L (AC,DC) Load Load IL V L (AC,DC)
1a
2 3
AC/DC
VIN IF
2 1
3 4
2
3
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 3 OF 7
Preliminary
Data Curve
Load current vs. ambient temperature Allowable ambient Temperature -40 to +85 On resistance vs. ambient temperature across terminals 3 and 4 pin LED current5mA Continuous load current400mADC
5
700
Load currentmA
600 500 400 300 200 100 0 -40 -20 0 20 40 60 80 100
On resistance
4 3 2 1
0
-40 -20 0 20 40 60 80
Ambient temperature Ta
Ambient temperature Ta
Turn On Time vs. ambient temperature Load voltage 60VDC LED current5mA Continuous load current400mADC
1.0
Turn Off Time vs. ambient temperature Load voltage 60VDC LED current5mA Continuous load current400mADC
1.0
Turn Off Timems
Turn On Timems
0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 80
0.8 0.6 0.4 0.2 0 -40 -20
0
20
40
60
80 100
Ambient temperature Ta
Ambient temperature Ta
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 4 OF 7
Preliminary
LED operate current vs. ambient temperature Load Voltage60VDC Continuous load current400mADC LED Turn Off currentmA LED operate currentmA
5 4 3 2 1 0 -40 -20 0 20 40 60 80
LED Turn Off current vs. ambient temperature Load Voltage60VDC Continuous load current400mADC
5 4 3 2 1 0 -40 -20 0 20 40 60 80
Ambient temperature Ta
Ambient temperature Ta
LED dropout voltage vs. ambient temperature LED current5 to 50mA
1.9
Voltage vs. current characteristics of output at MOSFET portion Measured portionacross terminals 3 and 4 pin Ambient temperature25
Current mA
600 500 400 300 200
LED dropout voltageV
50mA 1.5 30mA 20mA 1.3 10mA 5mA
Voltage VS. Current Characteristics
1.7
100 -1.0 -0.8 -0.6 -0.4 -0.2 0.2 0.4 -100 -200 -300 -400 -500 -600
1.1 0.9 0 -40 -20 0 20 40 60 80 100
Voltage V
0.6 0.8 1.0
Ambient temperature Ta
Ambient temperature25
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 5 OF 7
Preliminary
LED forward current vs. Turn On Time Across terminals 3 and 4pin Load voltage60VDC Continuous load current400mADC Ambient temperature25 Off state leakage current
2.0
Off state leakage current Across terminals 3 and 4 pin Ambient temperature25
10 10 10 10
-3
Turn On Timems
1.5 1.0 0.5 0
-6
-9
-12
0
10
20
30
40
50
60
0
20
40
60
80
100
LED forward currentmA
Load voltageV
LED forward current vs. Turn Off Time Across terminals 3 and 4 pin Load voltage60VDC Continuous load current400mADC Ambient temperature25 Output capacitancepF
0.5
Applied voltage vs. output capacitance Across terminals 3 and 4 pin Frequency1MHz Ambient temperature25
Turn Off Timems
0.4 0.3 0.2 0.1 0 10 20 30 40 50 60
250 200 150 100 50 0 0 10 20 30 40 50 60
LED forward currentmA
Applied voltageV
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 6 OF 7
Preliminary
USING METHODS
Examples of resistance value to control LED forward currentIF SSR-MOSFET OUTPUT IF=5mA
R E
1 2
4 3
E 3.3V 5V 12V 15V 24V
R Approx. 330 Approx. 640 Approx. 1.9K Approx. 2.5K Approx. 4.1K
1 LED forward current must be more than 5mAat E min. 2 LED forward current must be less than 50mAat E max.
Emax. Emin.
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY212H
REV. 0 SHEET 7 OF 7
Preliminary
USING METHODS
Regulate the spike voltage generated on the inductive load as follows
1 2
4 3 Load
1 2
4 3 Load
R-C Snubber


▲Up To Search▲   

 
Price & Availability of KAQY212H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X