Part Number Hot Search : 
RC1585 MJD122 GL861 CT1623 MJD122 075757 FST7340L 222MA
Product Description
Full Text Search
 

To Download K6F4016U4G-EF70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K6F4016U4G Family
Document Title
Preliminary CMOS SRAM
256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No. History
0.0 Initial Draft
Draft Date
October 15, 2003
Remark
Preliminary
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.
-1-
Revision 0.0 October 2003
K6F4016U4G Family
FEATURES
* * * * * *
Preliminary CMOS SRAM
GENERAL DESCRIPTION
The K6F4016U4G families are fabricated by SAMSUNGs advanced full CMOS process technology. The families support industrial temperature range and 48 ball Chip Scale Package for user flexibility of system design. The family also supports low data retention voltage for battery back-up operation with low data retention current.
256K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Process Technology: Full CMOS Organization: 256K x16 bit Power Supply Voltage: 2.7~3.3V Low Data Retention Voltage: 1.5V(Min) Three State Outputs Package Type: 48-TBGA-6.00x7.00
PRODUCT FAMILY
Power Dissipation Product Family Operating Temperature Vcc Range Speed Standby (ISB1, Typ.) 3A2) Operating (ICC1, Max) 4mA PKG Type
K6F4016U4G-F
Industrial(-40~85C)
2.7~3.3V
551)/70ns
48-TBGA-6.00x7.00
1. The parameter is measured with 30pF test load. 2. Typical value is measured at VCC=3.0V, TA=25C and not 100% tested.
PIN DESCRIPTION
1 2 3 4 5 6
FUNCTIONAL BLOCK DIAGRAM
Clk gen. Precharge circuit.
A
LB
OE
A0
A1
A2
DNU Vcc Vss
B
I/O9
UB
A3
A4
CS
I/O1
Row Addresses
C
I/O10
I/O11
A5
A6
I/O2
I/O3
Row select
Memory Cell Array
D
Vss
I/O12
A17
A7
I/O4
Vcc
E
Vcc
I/O13
DNU
A16
I/O5
Vss
I/O1~I/O8
Data cont Data cont Data cont
I/O Circuit Column select
F
I/O15
I/O14
A14
A15
I/O6
I/O7
I/O9~I/O16
G
I/O16
DNU
A12
A13
WE
I/O8 Column Addresses
H
DNU
A8
A9
A10
A11
DNU
48-TBGA: Top View (Ball Down) Name CS OE WE A0~A17 Function Chip Select Inputs Output Enable Input Write Enable Input Address Inputs Name Vcc Vss UB LB DNU Function Power Ground Upper Byte(I/O9~16) Lower Byte(I/O1~8) Do Not Use
CS OE WE UB LB
Control Logic
I/O1~I/O16 Data Inputs/Outputs
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
-2Revision 0.0 October 2003
K6F4016U4G Family
PRODUCT LIST
Industrial Temperature Products(-40~85C) Part Name K6F4016U4G-EF55 K6F4016U4G-EF70 Function
Preliminary CMOS SRAM
48-TBGA, 55ns, 3.0V 48-TBGA, 70ns, 3.0V
FUNCTIONAL DESCRIPTION
CS H X1) L L L L L L L L OE X1) X1) H H L L L X
1)
WE X1) X1) H H H H H L L L
LB X1) H L X
1)
UB X1) H X1) L H L L H L L
I/O1~8 High-Z High-Z High-Z High-Z Dout High-Z Dout Din High-Z Din
I/O9~16 High-Z High-Z High-Z High-Z High-Z Dout Dout High-Z Din Din
Mode Deselected Deselected Output Disabled Output Disabled Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write
Power Standby Standby Active Active Active Active Active Active Active Active
L H L L H L
X1) X
1)
1. X means dont care. (Must be low or high state)
ABSOLUTE MAXIMUM RATINGS1)
Item Voltage on any pin relative to Vss Voltage on Vcc supply relative to Vss Power Dissipation Storage temperature Operating Temperature Symbol VIN, VOUT VCC PD TSTG TA Ratings -0.3 to VCC+0.3V(Max. 3.6V) -0.3 to 3.6 1.0 -65 to 150 -40 to 85 Unit V V W C C
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted within recommended operating condition. Exposure to absolute maximum rating conditions for extended period may affect reliability.
-3-
Revision 0.0 October 2003
K6F4016U4G Family
RECOMMENDED DC OPERATING CONDITIONS1)
Item Supply voltage Ground Input high voltage Input low voltage
Note: 1. Industrial Product: TA=-40 to 85C, otherwise specified. 2. Overshoot: Vcc+2.0V in case of pulse width 20ns. 3. Undershoot: -2.0V in case of pulse width 20ns. 4. Overshoot and undershoot are sampled, not 100% tested.
Preliminary CMOS SRAM
Symbol Vcc Vss VIH VIL
Min 2.7 0 2.2 -0.3
3)
Typ 3.0 0 -
Max 3.3 0 Vcc+0.3 0.6
2)
Unit V V V V
CAPACITANCE1) (f=1MHz, TA=25C)
Item Input capacitance Input/Output capacitance
1. Capacitance is sampled, not 100% tested
Symbol CIN CIO
Test Condition VIN=0V VIO=0V
Min -
Max 8 10
Unit pF pF
DC AND OPERATING CHARACTERISTICS
Item Input leakage current Output leakage current
Symbol
Test Conditions VIN=Vss to Vcc CS=VIH or OE=VIH or WE=VIL or LB=UB=VIH, VIO=Vss to Vcc Cycle time=1s, 100%duty, IIO=0mA, CS0.2V, LB0.2V or/and UB0.2V, VIN0.2V or VINVCC-0.2V Cycle time=Min, IIO=0mA, 100% duty, CS=VIL, LB=VIL or/and UB=VIL, VIN=VIL or VIH IOL = 2.1mA IOH = -1.0mA Other input =0~Vcc 1) CSVcc-0.2V(CS controlled) or 2) LB=UBVcc-0.2V, CS0.2V(LB/UB controlled) 70ns 55ns
Min -1 -1 2.4 -
Typ1) 3
Max 1 1 4 22 27 0.4 10
Unit A A mA mA V V A
ILI ILO ICC1
Average operating current ICC2 Output low voltage Output high voltage Standby Current (CMOS) VOL VOH ISB1
1. Typical values are measured at VCC=3.0V, TA=25C and not 100% tested.
-4-
Revision 0.0 October 2003
K6F4016U4G Family
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Test Input/Output Reference)
Input pulse level: 0.4 to 2.2V Input rising and falling time: 5ns Input and output reference voltage: 1.5V Output load (See right): CL= 100pF+1TTL CL= 30pF+1TTL
Preliminary CMOS SRAM
VTM3) R12)
CL1)
R22)
1. Including scope and jig capacitance 2. R1=3070, R2=3150 3. VTM =2.8V
AC CHARACTERISTICS ( Vcc=2.7~3.3V, Industrial product:TA=-40 to 85C )
Speed Parameter List Symbol Min Read cycle time Address access time Chip select to output Output enable to valid output UB, LB Access Time Read Chip select to low-Z output UB, LB enable to low-Z output Output enable to low-Z output Chip disable to high-Z output UB, LB disable to high-Z output Output disable to high-Z output Output hold from address change Write cycle time Chip select to end of write Address set-up time Address valid to end of write UB, LB Valid to End of Write Write Write pulse width Write recovery time Write to output high-Z Data to write time overlap Data hold from write time End write to output low-Z tRC tAA tCO tOE tBA tLZ tBLZ tOLZ tHZ tBHZ tOHZ tOH tWC tCW tAS tAW tBW tWP tWR tWHZ tDW tDH tOW 55 10 10 5 0 0 0 10 55 45 0 45 45 40 0 0 25 0 5 55ns Max 55 55 25 55 20 20 20 20 Min 70 10 10 5 0 0 0 10 70 60 0 60 60 50 0 0 30 0 5 70ns Max 70 70 35 70 25 25 25 20 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Units
DATA RETENTION CHARACTERISTICS
Item Vcc for data retention Data retention current Data retention set-up time Recovery time Symbol VDR IDR tSDR tRDR Test Condition CSVcc-0.2V , VIN0V Vcc=1.5V, CSVcc-0.2V1), VIN0V See data retention waveform
1)
Min 1.5 0 tRC
Typ -
Max 3.3 3 -
Unit V A ns
1. 1) CSVcc-0.2V(CS controlled) or 2) LB=UBVcc-0.2V, CS0.2V(LB/UB controlled)
-5-
Revision 0.0 October 2003
K6F4016U4G Family
TIMING DIAGRAMS
Preliminary CMOS SRAM
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH, UB or/and LB=VIL)
tRC Address tOH Data Out Previous Data Valid tAA Data Valid
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
tRC Address tAA tCO tOH
CS
tHZ UB, LB tBA tBHZ OE tOLZ tBLZ tLZ Data Valid tOE tOHZ
Data out
High-Z
NOTES (READ CYCLE) 1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection.
-6-
Revision 0.0 October 2003
K6F4016U4G Family
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled)
tWC Address tCW(2) CS tAW tBW tWP(1) WE tAS(3) tDW Data in High-Z tWHZ Data out Data Undefined Data Valid tOW tDH tWR(4)
Preliminary CMOS SRAM
UB, LB
High-Z
TIMING WAVEFORM OF WRITE CYCLE(2) (CS Controlled)
tWC Address tAS(3) CS tAW tBW UB, LB tWP(1) WE tDW Data in Data Valid tDH tCW(2) tWR(4)
Data out
High-Z
High-Z
-7-
Revision 0.0 October 2003
K6F4016U4G Family
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB Controlled)
tWC Address tCW(2) CS tAW tBW UB, LB tAS(3) tWP(1) WE tDW Data in Data Valid tDH tWR(4)
Preliminary CMOS SRAM
Data out
NOTES (WRITE CYCLE)
High-Z
High-Z
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins when CS goes low and WE goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double byte operation. A write ends at the earliest transition when CS goes high and WE goes high. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the CS going low to the end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
DATA RETENTION WAVE FORM
CS or LB/UB controlled
VCC 2.7V tSDR Data Retention Mode tRDR
2.2V VDR CSVCC-0.2V or LB=UBVCC-0.2V CS or LB/UB GND
-8-
Revision 0.0 October 2003
K6F4016U4G Family
PACKAGE DIMENSION
48 TAPE BALL GRID ARRAY(0.75mm ball pitch)
Top View Bottom View B B 6 A #A1 B C D 5 4 B1
Preliminary CMOS SRAM
Unit: millimeters
3
2
1
C1 E C1/2 F G H B/2 Detail A A 0.35/Typ. Y 0.55/Typ. Notes. 1. Bump counts: 48(8 row x 6 column) 2. Bump pitch: (x,y)=(0.75 x 0.75)(typ.) 3. All tolerence are +/-0.050 unless otherwise specified. 4. Typ: Typical 5. Y is coplanarity: 0.10(Max) -9-
Side View
D
C
Min A B B1 C C1 D E E1 E2 Y 5.90 6.90 0.40 0.80 0.30 -
Typ 0.75 6.00 3.75 7.00 5.25 0.45 0.90 0.55 0.35 -
Max 6.10 7.10 0.50 1.00 0.40 0.10
C
Revision 0.0 October 2003
C
E2
E1 E


▲Up To Search▲   

 
Price & Availability of K6F4016U4G-EF70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X