Part Number Hot Search : 
MBZ5234B SSIK212 MCRF202 PDTC123Y W1292 ED06F5 AX102412 M56783
Product Description
Full Text Search
 

To Download JS4PS-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface-Mount
Power Splitter/Combiner
4 Way-0, 50,
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -40C to 85C -55C to 100C 0.5W max. 0.375W max.
NE W!
JS4PS-1W
(patent pending)
5 to 1000 MHz
Features
* wideband frequency, 5-1000 MHz * good input matching, VSWR 1.2 typ. * good output matching, VSWR 1.1 typ. * shielded case
CASE STYLE: BK377 PRICE: $14.95 QTY.: (1-9)
Pin Configuration
SUM PORT PORT 1 PORT 2 PORT 3 PORT 4 GROUND 10 2 3 5 6 all others
Applications
* UHF/VHF receivers/transmitters * cellular/GSM * cable tv
Electrical Specifications
FREQ. RANGE (MHz) fL-fU
5-1000
Outline Drawing
ISOLATION (dB)
INSERTION LOSS (dB) ABOVE 6 dB
M Typ. Max. 0.8 1.5 U Typ. Max. 1.5 2.4
PHASE UNBALANCE (Degrees)
L Max. 5 M Max. 5 U Max. 12
AMPLITUDE UNBALANCE (dB)
L Max. 0.8 M Max. 0.7 U Max. 0.7
L M U L Typ. Min. Typ. Min. Typ. Min. Typ. Max. 29 20 26 18 20 15 0.3 1.1
L = low range [fL to 10 f L]
M = mid range [10 fL to f U/2]
U = upper range [fU/2 to f U]
Typical Performance Data
FREQ. (MHz) 5.00 10.00 30.00 50.00 70.00 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 INSERTION LOSS (dB) S-1 S-2 S-3 S-4 6.56 6.53 6.57 6.59 6.61 6.64 6.73 6.80 6.88 6.94 7.03 7.12 7.23 7.39 7.56 6.36 6.34 6.38 6.40 6.42 6.44 6.54 6.62 6.70 6.77 6.88 6.99 7.13 7.33 7.56 6.41 6.39 6.42 6.44 6.46 6.49 6.59 6.66 6.74 6.83 6.91 7.02 7.16 7.33 7.51 6.21 6.20 6.24 6.26 6.28 6.30 6.40 6.48 6.56 6.64 6.74 6.85 7.00 7.19 7.39 AMP. UNBAL. (dB) 0.36 0.34 0.33 0.33 0.33 0.34 0.33 0.32 0.32 0.31 0.29 0.26 0.24 0.20 0.17 ISOLATION (dB) 1-2 2-3 3-4 PHASE UNBAL. (Deg.) 0.69 0.39 0.18 0.23 0.28 0.48 0.99 1.43 1.93 2.25 2.64 2.87 3.13 3.28 3.43 VSWR S 1.05 1.04 1.05 1.06 1.07 1.09 1.14 1.16 1.15 1.13 1.09 1.07 1.12 1.18 1.24 VSWR 1 1.35 1.31 1.29 1.28 1.28 1.27 1.25 1.22 1.20 1.17 1.15 1.14 1.13 1.12 1.10 VSWR 2 1.29 1.25 1.24 1.23 1.23 1.22 1.20 1.18 1.17 1.16 1.16 1.17 1.18 1.19 1.19 VSWR 3 1.32 1.28 1.26 1.25 1.25 1.25 1.23 1.21 1.21 1.18 1.16 1.15 1.14 1.13 1.10 VSWR 4 1.26 1.23 1.21 1.21 1.21 1.20 1.19 1.17 1.16 1.15 1.15 1.16 1.16 1.16 1.15
30.36 37.82 29.37 32.42 39.54 31.18 32.75 39.14 31.56 31.59 38.16 30.74 30.35 37.24 29.84 28.75 25.05 23.04 22.03 21.60 21.44 21.20 20.60 19.68 18.66 36.00 32.97 31.34 30.78 30.97 31.71 32.66 32.77 31.58 29.87 28.60 25.41 23.48 22.32 21.54 20.88 20.14 19.28 18.40 17.60
Outline Dimensions ( inch ) mm
A B .505 .789 12.83 20.04 H .047 1.19 J .065 1.65 C -- -- D .100 2.54 E .250 6.35 F .095 2.41 wt. grams 3.0 G .100 2.54 K L .065 .525 1.65 13.34
JS4PS-1W INSERTION LOSS
at RF level of -10 (dBm) 8.0 50 45 7.6 INSERTION LOSS (dB) ISOLATION (dB) 40 at RF level of -10 (dBm)
JS4PS-1W ISOLATION
at RF level of -10 (dBm) 1.4
JS4PS-1W VSWR
#1-VSWR ISO 2-3 1.3
35 VSWR 30 ISO 1-2 25 20 1.1 ISO 3-4 1.0 0 200 400 600 800 1000 0 200 400 600 800 1000 FREQUENCY (MHz) FREQUENCY (MHz) #S-VSWR 1.2 #3-VSWR
7.2
S-1 (dB)
6.8 S-3 (dB) 6.4
15 6.0 0 200 400 600 800 1000 FREQUENCY(MHz) 10
(R)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV.OR M78490 ED-9390/2 JS4PS-1W WZ/TD/CP 011003
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of JS4PS-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X