Part Number Hot Search : 
1241H R1610 2SD14 05A19 1N68A 1000W AHEF050 12K16
Product Description
Full Text Search
 

To Download JANTXV2N7370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/624 Devices 2N7370 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation @ TC = +250C (1) Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IB IC PT TJ, Tstg Symbol RJC
0
Value
100 100 5.0 0.2 12 100 -65 to +175 Max. 1.5
Units
Vdc Vdc Vdc Adc Adc W
0
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case Unit 0 C/W
TO-254*
1) Derate linearly 0.667 W/ C above TC > +25 C
*See Appendix A for package outline
0
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 100 mAdc Collector-Emitter Cutoff Current VCE = 50 Vdc Collector-Emitter Cutoff Current VCE = 100 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = 5.0 Vdc VCEO(sus) ICEO ICEX IEBO 100 1.0 0.5 2.0 Vdc mAdc mAdc mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N7370 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 6.0 Adc, VCE = 3.0 Vdc IC = 12 Adc, VCE = 3.0 Vdc Collector-Emitter Saturation Voltage IC = 12 Adc, IB = 120 mAdc Base-Emitter Saturation Voltage IC = 12 Adc, IB = 120 mAdc hFE 1,000 150 18,000
VCE(sat) VBE(sat)
3.0 4.0
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz hfe 10 250
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 12 Adc; IB1 = 120 mAdc Turn-Off Time VCC = 30 Vdc; IC = 12 Adc; IB1 = IB2 = 120 mAdc
t
on
2.0 10
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t 1.0 s Test 1 VCE = 8.3 Vdc, IC = 12 Adc Test 2 VCE = 30 Vdc, IC = 3.3 Adc Test 3 VCE = 90 Vdc, IC = 150 mAdc (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTXV2N7370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X