Part Number Hot Search : 
495025 PIC18F67 06000 17572 DS2484 74HC4 26714QWV VC244A
Product Description
Full Text Search
 

To Download JANS5822US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5822US AVAILABLE IN PER MIL-PRF-19500/620
JAN, JANTX, JANTXV AND JANS
* 3 AMP SCHOTTKY BARRIER RECTIFIERS * HERMETICALLY SEALED * LEADLESS PACKAGE FOR SURFACE MOUNT * METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N5820US thru 1N5822US
MAXIMUM RATINGS
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Average Rectified Forward Current: 3.0 AMP, TEC = +55C Derating: 43 mA / C above TEC = +55C
DIM D F G S
MILLIMETERS MIN MAX 3.48 3.76 0.48 0.71 5.08 5.72 0.03MIN.
INCHES MIN MAX .137 .148 0.019 0.028 .200 .225 .001MIN.
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
FIGURE 1
CDI TYPE NUMBER
WORKING PEAK REVERSE VOLTAGE V RWM 20 30 40 40
MAXIMUM FORWARD VOLTAGE V F @ 1.0A VOLTS 0.40 0.40 0.40 0.40 V V F @ 9.4A VOLTS 0.70 0.70 0.70 0.70
MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE I R @ 25C mA 0.10 0.10 0.10 0.10 I R @ 100C mA 12.5 12.5 12.5 12.5
DESIGN DATA
CASE: D-5B, Hermetically sealed glass case, PER MIL-PRF 19500/620 LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 10 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 3 C/W maximum POLARITY: Cathode end is banded. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately + 4PPM / C. The COE of the Mounting Surface System should be selected to provide a suitable match with this device.
F @ 3.0A VOLTS 0.50 0.50 0.50 0.50
VOLTS 1N5820US 1N5821US 1N5822US J,JX, JV & JS 5822US
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
149
1N5820US
thru
1N5822US
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED) 10.0
IR, REVERSE CURRENT (mA)
1.0
0.1
CDLL5822 CDLL5821
CDLL5820
0.01
0.001
+25
+50
+75
+100
+125
TJ , JUNCTION TEMPERATURE (C)
FIGURE 1
TYPICAL FORWARD VOLTAGE IF, FORWARD CURRENT, INSTANTANEOUS (AMPS) 100.0
10.0
1.0
0.1
0.01 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS)
FIGURE 2
150


▲Up To Search▲   

 
Price & Availability of JANS5822US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X