Part Number Hot Search : 
1N5400 14TD5301 Q4035NH5 SUD494J 2SB720 78D10 WB89D CM320
Product Description
Full Text Search
 

To Download JANS1N6643US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N6638US,1N6642US, 1N6643US AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/578 * 1N6638U,1N6642U, 1N6643U AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/578 * SWITCHING DIODES * NON-CAVITY GLASS PACKAGE * METALLURGICALLY BONDED
1N6638U & US 1N6642U & US 1N6643U & US
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Operating Current: 300 mA Derating: 4.6 mA/C Above TEC = + 110C Surge Current: IFSM = 2.5A, half sine wave, Pw = 8.3ms
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
V BR TYPES @ IR =100 A V RWM V F1 IFM =10 mA (Pulsed) V (pk) 1N6638U & US 1N6642U & US 1N6643U & US 150 100 75 V (pk) 125 75 50 V dc 0.8 0.8 1.0 V dc 1.1 1.2 1.2 (Pulsed) mA 200 100 100 V F2 @ I F2 tfr IF =50 mA ns 20 20 20 trr IR = 10 mA IF = 10 mA IREC = 1 mA ns 4.5 5.0 6.0
DIM D F G S
MILLIMETERS MIN MAX 1.78 2.16 0.48 0.71 4.19 4.95 0.08MIN.
INCHES MIN MAX 0.070 0.085 0.019 0.028 0.165 0.195 0.003MIN.
FIGURE 1
DESIGN DATA
CASE: D-5D, Hermetically sealed glass case, per MIL-PRF- 19500/578 LEAD FINISH: Tin / Lead
I R1 TYPES VR = 20 V nA dc
I R2 @V R = V RWM A dc
I R3 V R = 20 V TA = 150C A dc
I R4 V R = V RWM TA = 150C A dc
C T1 VR= 0V pF
C T2 VR= 1.5V pF
THERMAL RESISTANCE: (ROJEC): 50 C/W maximum at L = 0 THERMAL IMPEDANCE: (ZOJX): 25 C/W maximum POLARITY: Cathode end is banded.
1N6638U & US 1N6642U & US 1N6643U & US
35 25 50
0.5 0.5 0.5
50 50 75
100 100 160
2.5 5.0 5.0
2.0 2.8 2.8
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately + 4PPM / C. The COE of the Mounting Surface System should be selected to provide a suitable match with this device.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (781) 689-0803 WEBSITE: http://www.microsemi.com
157
IN6638U&US, IN6642U&US
1000
and
IN6643U&US
100 IF - Forward Current - (mA)
10
0C 15
100
C
0.1 .2 .3 .4 .5 .6 .7 .8 .9 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.0 1.1 1.2
1000
100
150C
IR - Reverse Current - (A)
10
100
1
C
0.1
25C
.01
-65C
-65C
1
25
C
NOTE :
All temperatures shown on graphs are junction temperatures
.001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
158


▲Up To Search▲   

 
Price & Availability of JANS1N6643US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X