Part Number Hot Search : 
NLS6G TC124 LC863096 LRF3W L1154GT TS431IZT LM833N 2N5869
Product Description
Full Text Search
 

To Download JANS1N6641US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N6639US THRU 1N6641US AVAILABLE IN JAN, PER MIL-PRF-19500/609 * SWITCHING DIODES * NON-CAVITY GLASS PACKAGE * METALLURGICALLY BONDED
JANTX, JANTXV AND JANS
1N6639US 1N6640US 1N6641US
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Operating Current: 300 mA Derating: 4.6 mA/C Above TEC = + 110C Surge Current: IFSM = 2.5A, Pw = 8.3ms
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed.
V BRR @ 10 A V RWM I R1 I R2 @ TA = +25C @ TA = +150C VR = VR = V RWM V RWM nA dc 100 100 100 A dc 100 100 100 T FR IF = 200 mA T RR I R = 10 mA I F = 10 mA RL = 100 ns 4.0 4.0 5.0 CT VR = 0
DIM D F G S
MILLIMETERS MIN MAX 1.78 2.16 0.48 0.71 4.19 4.95 0.08MIN.
INCHES MIN MAX 0.070 0.085 0.019 0.028 0.165 0.195 0.003MIN.
TYPES
FIGURE 1
pF 2.5 2.5 3.0
V(pk) 1N6639US 1N6640US 1N6641US 100 75 75
V(pk) 75 50 50
ns 10 10 10
DESIGN DATA
CASE: D-5D, Hermetically sealed glass case, per MIL-PRF- 19500/609
FORWARD VOLTAGE:
VF TYPES MIN 1N6639US - 0.54 1N6640US 0.76 0.82 0.87 1N6641US - VdC MAX 1.20 0.62 0.86 0.92 1.00 1.10 @ IF mA (PULSED) 500 1 50 100 200 200
LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 50 C/W maximum at L = 0 THERMAL IMPEDANCE: (ZOJX): 25 C/W maximum POLARITY: Cathode end is banded
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately + 4PPM / C. The COE of the Mounting Surface System should be selected to provide a suitable match with this device.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (781) 689-0803 WEBSITE: http://www.microsemi.com
159
IN6639US
1000
thru
IN6641US
100 IF - Forward Current - (mA)
10
0C 15
100
C
0.1 .2 .3 .4 .5 .6 .7 .8 .9 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.0 1.1 1.2
1000
100
150C
IR - Reverse Current - (A)
10
100
1
C
0.1
25C
.01
-65C
-65C
1
25
C
NOTE :
All temperatures shown on graphs are junction temperatures
.001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
160


▲Up To Search▲   

 
Price & Availability of JANS1N6641US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X