Part Number Hot Search : 
FJY4014R FM130 0603L ER302 MRF58108 P44AT SRU8043 2SC519
Product Description
Full Text Search
 

To Download IZ74HC21A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC21A
Dual 4-Input AND Gate
The IN74HC21A is high-speed Si-gate CMOS device and is pin compatible with pullup resistors with low power Schottky TTL (LSTTL). The device provide the Dual 4-input AND function. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION IN74HC21AN Plastic IN74HC21AD SOIC IZ74HC21A Chip TA = -55 to 125 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
A1 1 2 3 C1 D1 4 5 6 7 14 13 12 11 10 9 8 B2 A2 Y2 V CC D2 C2
A1 B1 Y1 C1
B1
A2 B2 Y2 C2 D2
A L X PIN 14 =VCC PIN 7 = GND X X H X = don't care B X L X X H
Y1 GND
FUNCTION TABLE
Inputs N X X L X H D X X X L H Output Y L L L L H
INTEGRAL
1
IN74HC21A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP** SOIC Package** Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260 Unit V V V mA mA mA mW C C
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. **Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, t f Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
INTEGRAL
2
IN74HC21A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol Parameter Test Conditions VCC V Guaranteed Limit 25 C to -55C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.92 2.92 4.42 5.92 2.48 3.98 5.48 0.09 0.09 0.09 0.09 0.26 0.26 0.26 -0.1 0.1 4.0 85 C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 2.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.1 0.33 0.33 0.33 -1.0 1.0 40 125 C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 2.9 4.4 5.9 2.2 3.7 5.2 0.1 0.1 0.1 0.1 0.4 0.4 0.4 -1.0 1.0 160 A A A V V Unit
VIH
Minimum High-Level Input Voltage
2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 VIN=VIH or VIL IOUT = -50 A 2.0 3.0 4.5 6.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 3.0 4.5 6.0 6.0 6.0 6.0
VIL
Maximum Low -Level Input Voltage
V
VOH
Minimum High-Level Output Voltage
V
VIN=VIH or VIL IOUT = -2.4 mA VIN=VIH or VIL IOUT = -4 mA VIN=VIH or VIL IOUT = -5.2 mA VOL Maximum Low-Level Output Voltage VIN= VIH or VIL IOUT = 50 A
VIN=VIH or VIL IOUT = 2.4 mA VIN=VIH or VIL IOUT = 4 mA VIN=VIH or VIL IOUT = 5.2 mA IIL IIH ICC Maximum Low-Level Input Leakage Current Maximum High-Level Input Leakage Current Maximum Quiescent Supply Current VIN= 0 V VIN= VCC VIN=VCC or 0 V
INTEGRAL
3
IN74HC21A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input t r=t f=6.0 ns)
VCC Symbol tPHL, t PLH Parameter Maximum Propagation Delay (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 5.0 Guaranteed Limit 25 C to -55C 110 22 19 75 15 13 10 85C 140 28 24 95 19 16 10 125C 165 33 28 110 22 19 10 Unit ns
tTHL, t TLH
Maximum Output Transition Time (Figure 1) Maximum Input Capacitance
ns
CIN
pF
Power Dissipation Capacitance (Per Gate) CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
TA=25C,VCC=5.0 V 50 pF
tLH
0.9 0.9 V2
tHL V1
Input
0.1
V2
0.1
GND VCC
tPLH
0.9
tPHL
0.9 V2 0.1
Output
V2 0.1
0V
tTLH
V1 = 0.5 VCC
tTHL
Figure 1. Switching Waveforms
VCC
VI PULSE GENERATOR RT DEVICE UNDER TEST
VO
Termination resistance RT - should be equal to ZOUT of pulse generators
CL 50 pF
Figure 2. Test Circuit
INTEGRAL
4
IN74HC21A
CHIP PAD DIAGRAM IZ74HC21A
Chip marking IN74HC21 (x=1.009; y=0.727)
12 13
1.12 0.03
11
10
09 08 07 06
14 01 02 03 04
05
1.22 0.03
Pad size 0.108 x 0.108 mm (Pad size is given as per passivation layer) Thickness of chip 0.46 0,02 mm
PAD LOCATION
Pad No 01 02 03 04 05 06 07 08 09 10 11 12 13 14 Symbol A1 B1 C1 D1 Y1 GND Y2 A2 B2 C2 D2 Vcc X 1.1165 0.2405 0.5105 0.6925 1.0065 1.0065 1.0065 1.0065 1.0065 0.6925 0.5105 0.2405 0.1165 0.1165 Y 0.3160 0.1150 0.1020 0.1150 0.1400 0.3160 0.4840 0.7040 0.8800 0.9050 0.9180 0.9050 0.6960 0.5360
INTEGRAL
5


▲Up To Search▲   

 
Price & Availability of IZ74HC21A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X