Part Number Hot Search : 
CY14B MTZJ27 S1201 FR320 LT1T023C WR402 VRE122MA SMAJ58A
Product Description
Full Text Search
 

To Download IXUC60N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCE TECHNICAL INFORMATION
Trench Power MOSFET
ISOPLUS220TM
Electrically Isolated Back Surface
IXUC 60N10
VDSS = 100 V ID25 = 60 A RDS(on) = 16.4 m
ISOPLUS 220TM
Symbol VDSS VGS ID25 ID90 IS25 IS90 ID(RMS) EAS PD TJ TJM Tstg TL VISOL FC Weight
Test Conditions TJ = 25C to 150C Continuous TC = 25C; Note 1 TC = 90C, Note 1 TC = 25C; Note 1, 2 TC = 90C, Note 1, 2 Package lead current limit TC = 25C TC = 25C
Maximum Ratings 100 20 60 45 60 45 45 tlb 150 -55 ... +175 175 -55 ... +150 V V A A A A A mJ W C C C C V~ N/lb g Features l Silicon chip on Direct-Copper-Bond substrate - High power dissipation - Isolated mounting surface - 2500V electrical isolation l Trench MOSFET - very low RDS(on) - fast switching - usable intrinsic reverse diode l Low drain to tab capacitance(<15pF) l Unclamped Inductive Switching (UIS) rated Applications Automotive 42V systems - electronic switches to replace relays and fuses - choppers to replace series dropping resistors used for motors, heaters, etc. - inverters for AC drives, e.g. starter generator - DC-DC converters, e.g. 12V to 42V, etc. l Power supplies - DC - DC converters - Solar inverters l Battery powered systems - choppers or inverters for motor control in hand tools - battery chargers
l
G D S Isolated back surface* G = Gate, S = Source * Patent pending D = Drain,
1.6 mm (0.062 in.) from case for 10 s RMS leads-to-tab, 50/60 Hz, t = 1 minute Mounting force
300 2500 11 ... 65 / 2.4 ...11 2
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 12.8 33 2 TJ = 25C TJ = 125C 0.2 200 16.4 m m 4 10 V A mA nA
RDS(on) VGS(th) IDSS IGSS
VGS = 10 V, ID = 45 A, Note 3 VGS = 10 V, ID = ID90, TJ = 125C Note 3 VDS = VGS, ID = 1 mA VDS = VDSS VGS = 0 V VGS = 20 VDC, VDS = 0
Advantages l Easy assembly: no screws or isolation foils required l Space savings l High power density
98900 (2/02)
(c) 2002 IXYS All rights reserved
IXUC 60N10
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 110 VGS = 10 V, VDS = 80 V, ID = 25 A 18 94 35 VGS = 10 V, VDS = 40 A ID = 90 A, RG = 4.7 85 150 70 1 0.30 nC nC nC ns ns ns ns K/W K/W ISOPLUS220 OUTLINE
Qg(on) Qgs Qgd td(on) tr td(off) tf RthJC RthCH
Source-Drain Diode Symbol VSD trr Test Conditions IF = 30 A, VGS = 0 V Note 3
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 0.8 80 1.3 V ns
Note: All terminals are solder plated. 1 - Gate 2 - Drain 3 - Source
IF = 75 A, di/dt = -200 A/s, VDS = 30 V
Note: 1. MOSFET chip capability 2. Intrinsic diode capability 3. Pulse test, t 300 s, duty cycle d 2 %
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 6,306,728B1 5,381,025


▲Up To Search▲   

 
Price & Availability of IXUC60N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X