Part Number Hot Search : 
74AC1 1N4741A 1206C AT89C LM2735 SP835D15 STEVA ADG5412
Product Description
Full Text Search
 

To Download IXSH50N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT High Speed
Short Circuit SOA Capability
meEaaaaa~eo=C~i~=eUEEi
IXSH 50N60B
Vbp IOR VbEe~iF
= 600 V = 75 A = 2.5 V
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) tSC (SCSOA) PC TJ TJM Tstg Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C, limited by leads TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 22 Clamped inductive load, L = 30 H VGE = 15 V, VCE = 360 V, TJ = 125C RG = 22 , non repetitive TC = 25C
Maximum Ratings 600 600 20 30 75 50 200 ICM = 100 @ 0.8 VCES 10 250 -55 ... +150 150 -55 ... +150 V V V V A A A A
TO-247 AD
G
=Eq^_F C E
G = Gate, E = Emitter,
C = Collector, TAB = Collector
Features s W C C C International standard package JEDEC TO-247 AD, and TO-247 SMD for surface mount Guaranteed Short Circuit SOA capability High frequency IGBT Latest generation HDMOSTM process Low VCE(sat) - for minimum on-state conduction losses MOS Gate turn-on - drive simplicity Applications
Mounting torque
1.13/10 Nm/lb.in. TO-247 SMD TO-247 4 6 300 g g C
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 4 TJ = 25C TJ = 125C 8 200 1 100 2.2 2.5 V V A mA nA V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 A, VGE = 0 V = 4 mA, VCE = VGE
AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switch-mode and resonant-mode power supplies Advantages Easy to mount with 1 screw (isolated mounting screw hole) Reduces assembly time and cost High power density
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90; VGE = 15 V
=NVVV=fuvp=^aa=eaOUie=eEeEeiEC
VTROQ_= EQLVVF
IXSH 50N60B
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 16 23 S
m
TO-247 AD Outline
gfs IC(on) Cies Coes Cres Qg Qge Qgc td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
IC = IC90; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 % VGE = 15 V, VCE = 10 V
160 3850
A pF pF pF nC nC nC ns ns 300 300 ns ns
aaaK
E
VCE = 25 V, VGE = 0 V, f = 1 MHz
440 50 167
IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 100 H, VCE = 0.8 VCES, RG = 2.7 Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 100 H VCE = 0.8 VCES, RG = 2.7 Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG
45 88 70 70 150 150 3.3 70 70 0.6 230 230 4.8
6.0 mJ ns ns mJ ns ns mJ 0.5 K/W
jaaaaaEiEe jaaK j~nK ^ QKT RKP OKO OKRQ ^N ^O OKO OKS A NKM NKQ AN NKSR OKNP AO OKUT PKNO KQ KU a OMKUM ONKQS b NRKTR NSKOS E RKOM RKTO i NVKUN OMKPO iN QKRM m PKRR PKSR n RKUV SKQM o QKPO RKQV p SKNR _p
faAUEe jaaK j~nK KNUR KOMV KMUT KNMO KMRV KMVU KMQM KMRR KMSR KMUQ KNNP KNOP KMNS KMPN KUNV KUQR KSNM KSQM MKOMR MKOOR KTUM KUMM KNTT KNQM KNQQ MKOPO MKORO KNTM KONS OQO _p
0.25
K/W
IXYS reserves the right to change limits, test conditions, and dimensions.
fuvp=jlpcbqp=~aC=fd_qe=~eE=AciEeEC=Ao=caE=ce=aceE=cN=iUE=NcaaciaaO=rKpK=e~iEaieW QIUPRIRVO QIURMIMTO QIUUNINMS QIVPNIUQQ RIMNTIRMU RIMPQITVS RIMQVIVSN RIMSPIPMT RINUTINNT RIOPTIQUN RIQUSITNR RIPUNIMOR
IXSH 50N60B
160
TJ = 25C VGE = 15V 13V TJ = 25C
100 80
VGE = 15V
120
IC - Amperes
IC - Amperes
60 40 20
9V 11V
13V
80
11V
40
9V
0 0 2 4 6 8
7V
0
10
0
4
8
12
16
20
VCE - Volts
VCE - Volts
Figure 1. Saturation Voltage Characteristics
100
TJ = 125C
Figure 2. Extended Output Characteristics
1.6
VGE = 15V
13V
IC = 100A
VCE (sat) - Normalized
80
1.4
VGE = 15V
IC - Amperes
1.2 1.0 0.8
IC = 25A
60
11V
40 20 0 0 2 4 6 8 10
9V 7V
IC = 50A
0.6 0.4 25
50
75
100
125
150
VCE - Volts
TJ - Degrees C
Figure 3. Saturation Voltage Characteristics
Figure 4. Temperature Dependence of VCE(sat)
10000
100
VCE = 10V
f = 1Mhz Ciss
80
Capacitance - pF
IC - Amperes
1000
60 40
TJ = 125C
100
Coss
20
T J = 25C
Crss
0 4 6 8 10
VGE - Volts
10
12
14
16
0
5
10
15
20
25
30
35
40
VCE-Volts
Figure 5. Admittance Curves
Figure 6. Capacitance Curves
=NVVV=fuvp=^aa=eaOUie=eEeEeiEC
IXSH 50N60B
3.0
TJ = 125C
E(ON)
24
RG = 10
4
TJ = 125C E(OFF)
20
2.5
E(ON) - millijoules
20
E(OFF) - milliJoules
E(ON) - millijoules
3
E(ON)
2.0 1.5 1.0 0.5 0.0
0 20 40 60 80
E(OFF)
16 12 8 4 0 100
IC = 100A
15
E(OFF) - millijoules
2
E(ON) E(ON) IC = 50A
E(OFF)
10
1
E(OFF) IC =25A
5
0
0
10
20
30
40
50
0 60
IC - Amperes
RG - Ohms
Figure 7. Dependence of EON and EOFF on IC.
Figure 8. Dependence of EON and EOFF on RG.
600
20
IC =50A
16 12 8 4 0 0
VCE = 250V
100
IC - Amperes
10
TJ = 125C
RG = 6.2 dV/dt < 5V/ns
1
0.1 25 50 75 100 125 150 175 0 100 200 300 400 500 600
Qg - nanocoulombs
VCE - Volts
Figure 9. Gate Charge
1
Figure 10. Turn-off Safe Operating Area
ZthJC (K/W)
0.1
D=0.5 D=0.2 D=0.1 D=0.05 D=0.02 D=0.01 Single pulse
0.01
D = Duty Cycle
0.001 0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Seconds
Figure 11. Transient Thermal Resistance
IXYS reserves the right to change limits, test conditions, and dimensions.
fuvp=jlpcbqp=~aC=fd_qe=~eE=AciEeEC=Ao=caE=ce=aceE=cN=iUE=NcaaciaaO=rKpK=e~iEaieW QIUPRIRVO QIURMIMTO QIUUNINMS QIVPNIUQQ RIMNTIRMU RIMPQITVS RIMQVIVSN RIMSPIPMT RINUTINNT RIOPTIQUN RIQUSITNR RIPUNIMOR


▲Up To Search▲   

 
Price & Availability of IXSH50N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X