Part Number Hot Search : 
HMC968 1N5927B SMPJ175 1200E70 L6918D L4959 BF1109WR PT6608
Product Description
Full Text Search
 

To Download IXSH24N60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFASTTM IGBT
IXSH 24N60 IXSH 24N60A
VCES 600 V 600 V
IC25 48 A 48 A
VCE(sat) 2.2 V 2.7 V
Short Circuit SOA Capability
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) tSC (SCSOA) PC TJ TJM Tstg Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TJ = 125C, RG = 10 W Clamped inductive load, L = 100 mH VGE = 15 V, VCE = 360 V, TJ = 125C RG = 82 W, non repetitive TC = 25C
Maximum Ratings 600 600 20 30 48 24 96 ICM = 48 @ 0.8 VCES 10 150 -55 ... +150 150 -55 ... +150 V V V V A A A A ms W C C C
TO-247 AD
G
C
E C = Collector, TAB = Collector
G = Gate, E = Emitter,
Features * International standard package JEDEC TO-247 AD * High frequency IGBT with guaranteed Short Circuit SOA capability * 2nd generation HDMOSTM process * Low VCE(sat) - for low on-state conduction losses * MOS Gate turn-on - drive simplicity Applications
Mounting torque
1.13/10 Nm/lb.in. 6 300 g C
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Symbol Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 3.5 TJ = 25C TJ = 125C 6.5 200 1 100 IXSH 24N60 IXSH 24N60A 2.2 2.7 V V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 mA, VGE = 0 V = 1.5 mA, VCE = VGE
* * * * *
AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
Advantages mA mA nA V V * Easy to mount with 1 screw (isolated mounting screw hole) * Switching speed for high frequency applications * High power density
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
IXYS reserves the right to change limits, test conditions, and dimensions.
92809H(11/96)
(c) 2000 IXYS All rights reserved
1-2
IXSH 24N60 IXSH 24N60A
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 9 13 65 1800 VCE = 25 V, VGE = 0 V, f = 1 MHz 160 45 75 IC = IC90, VGE = 15 V, VCE = 0.5 VCES 20 35 100 Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 100 mH, VCE = 0.8 VCES, RG = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 100 mH VCE = 0.8 VCES, RG = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG 24N60 24N60A 24N60 24N60A 24N60 24N60A 24N60A 200 450 500 275 2.0 100 200 1.2 475 600 450 4 3 90 30 50 S A pF pF pF nC nC nC ns ns ns ns ns mJ ns ns mJ ns ns ns mJ mJ 0.83 K/W 0.25 K/W
Dim. Millimeter Min. Max. A B C D E F G H J K L M N 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8 Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
TO-247 AD (IXSH) Outline
gfs IC(on) C ies Coes C res Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK
IC = IC90; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 % VGE = 15 V, VCE = 10 V
1.5 2.49
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXSH24N60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X