Part Number Hot Search : 
U634H256 MJ160 2SC1740 A1184 U4467B LV640E OPTION SMAJ160C
Product Description
Full Text Search
 

To Download IXKN40N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
CoolMOS Power MOSFET
IXKN 40N60C
N-Channel Enhancement Mode Low RDSon, High VDSS MOSFET
VDSS 600 V
ID25 40 A
RDS(on) 70 mW
Symbol VDSS VGS ID25 ID90 EAR EAS dv/dt PD TJ TJM Tstg VISOL Md
Conditions TJ = 25C to 150C
Maximum Ratings 600 20 V V
miniBLOC, SOT-227 B E72873
S G
TC = 25C TC = 90C ID = 20 A, L = 5 H, TVJ = 25C, repetitive ID = 10 A, L = 36 mH, TVJ = 25C, non repetitive VDS VDSS, IS = 47 A, diS/dt = 100 A/s, TJ = TJM TC = 25C
40 27 1 1.8 6 290 -40 ... +150 150 -40 ... +150
A A mJ J
D S
V/ns W C C C V~
G = Gate S = Source
D = Drain
Either source terminal at miniBLOC can be used as main or kelvin source
50/60 Hz, RMS IISOL 1 mA Mounting torque Terminal connetion torque (M4)
2500
Features
q
1.5/13 Nm/lb.in. 1.5/13 Nm/lb.in.
miniBLOC package - Electrically isolated copper base - Low coupling capacitance to the heatsink for reduced EMI - High power dissipation due to AlN ceramic substrate - International standard package SOT-227 - Easy screw assembly Fast CoolMOS power MOSFET - High blocking capability - Low on resistance - Avalanche rated for unclamped inductive switching (UIS) - Low thermal resistance due to reduced chip thickness Enhanced total power density
q
MOSFET Symbol
Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 TJ = 25C TJ = 125C 0.5 50 25 70 3.5 5.5 100 V
q
VDSS IDSS RDS(on) VGS(th) IGSS
VGS = 0 V, ID = 1 mA VDS = 0.8 * VDSS VGS = 0 V VGS = 10 V, ID = 0.5 * ID25 VDS = VGS, ID = 2.5 mA VGS = 20 VDC, VDS = 0
A A mW V nA
Applications
q q q q q
Switched mode power supplies (SMPS) Uninterruptible power supplies (UPS) Power factor correction (PFC) Welding Inductive heating
CoolMOS is a trademark of Infineon Technologies AG.
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2000 IXYS All rights reserved
1-2
031
IXKN 40N60C
Symbol Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 30 8.8 3.15 36 220 56 123 28 95 100 10 0.43 0.05 S nF nF pF nC nC nC ns ns ns ns K/W K/W
miniBLOC, SOT-227 B
gfs C iss Coss C rss Qg(on) Qgs Qgd td(on) tr td(off) tf RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25 VGS = 0 V, VDS = 25 V, f = 1 MHz
VGS = 10 V, VDS = 350 V, ID = ID25
VGS = 10 V, VDS = 350 V, ID = 0.5 * ID25 RG = 1.8 W (External)
M4 screws (4x) supplied
Dim. A B C D
Millimeter Min. Max. 31.50 7.80 4.09 4.09 4.09 14.91 30.12 37.80 11.68 8.92 0.76 12.60 25.15 1.98 4.95 26.54 3.94 4.72 24.59 -0.05 3.30 0.780 31.88 8.20 4.29 4.29 4.29 15.11 30.30 38.20 12.22 9.60 0.84 12.85 25.42 2.13 5.97 26.90 4.42 4.85 25.07 0.1 4.57 0.830
Inches Min. 1.240 0.307 0.161 0.161 0.161 0.587 1.186 1.489 0.460 0.351 0.030 0.496 0.990 0.078 0.195 1.045 0.155 0.186 0.968 -0.002 0.130 19.81 Max. 1.255 0.323 0.169 0.169 0.169 0.595 1.193 1.505 0.481 0.378 0.033 0.506 1.001 0.084 0.235 1.059 0.174 0.191 0.987 0.004 0.180 21.08
Source-Drain Diode Symbol VSD t rr IRM Conditions IF = 0.5 * ID25, VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 0.9 650 110 1.1 V ns A
E F G H J K L M N O P Q R S T U
IF = 47 A, -di/dt = 100 A/s, VR = 350 V, TJ = 25C
Package Symbol Weight Conditions
Characteristic Values min. typ. 30 max. g
V W
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of IXKN40N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X