Part Number Hot Search : 
ISL59 2SK2349 M74HC258 M54563FP SG6506 RF120 VB525SP BPW83
Product Description
Full Text Search
 

To Download IXGX120N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
HiPerFASTTM IGBT
IXGK 120N60B IXGX 120N60B
VCES IC25
VCE(sat)
= 600 V = 200 A = 2.1 V
Symbol VCES VCGR VCES VGEM IC25 IC90 IL(RMS) ICM SSOA (RBSOA) PC TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25 C to 150 C TJ = 25 C to 150 C; RGS = 1 MW Continuous Transient TC = 25 C TC = 90 C External lead limit TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 2.4 W Clamped inductive load TC = 25C
Maximum Ratings 600 600 20 30 200 120 76 300 ICM = 200 @ 0.8 VCES 560 -55 ... +150 150 -55 ... +150 V V V V A A A A A
PLUS 247TM (IXGX)
G
(TAB) C E
TO-264 AA (IXGK)
G
W C C C C Nm/lb.in. 6 10 g g Features G = Gate C = Collector
C
E
(TAB)
E = Emitter TAB = Collector
1.6 mm (0.063 in.) from case for 10 s Mounting torque TO-264 PLUS 247 TO-264 0.4/6
300
* International standard packages * Very high current, fast switching IGBT * Low VCE(sat) - for minimum on-state conduction losses * MOS Gate turn-on - drive simplicity Applications * * * * * AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5.5 V V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 1 mA, VGE = 0 V = 1 mA, VCE = VGE
VCE = VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
200 mA 2 mA 400 nA 2.1 V
Advantages * PLUS 247TM package for clip or spring mounting * Space savings * High power density
IXYS reserves the right to change limits, test conditions, and dimensions.
98602 (3/99)
(c) 2000 IXYS All rights reserved
1-2
IXGK 120N60B IXGX 120N60B
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 50 75 S TO-264 AA Outline
gfs
IC
= 60 A; VCE = 10 V,
Pulse test, t 300 ms, duty cycle 2 % C ies Coes C res Qg Qge Qgc td(on) t ri Eon td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK 0.15 Inductive load, TJ = 25C IC = 100A, VGE = 15 V VCE = 0.8 VCES, RG = Roff = 2.4 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ =125C IC = 100A, VGE = 15 V VCE = 0.8 VCES, RG = Roff = 2.4 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG IC = IC90, VGE = 15 V, VCE = 0.5 VCES VCE = 25 V, VGE = 0 V, f = 1 MHz 11000 680 190 350 72 131 60 45 2.4 200 160 5.5 60 60 4.8 290 250 8.7 360 280 9.6 pF pF pF nC nC nC ns ns mJ ns ns mJ ns ns mJ ns ns mJ 0.21 K/W K/W PLUS247TM (IXGX)
Dim. A A1 A2 b b1 b2 c D E e J K L L1 P Q Q1 R R1 S T Millimeter Min. Max. 4.82 2.54 2.00 1.12 2.39 2.90 0.53 25.91 19.81 5.46 0.00 0.00 20.32 2.29 3.17 6.07 8.38 3.81 1.78 6.04 1.57 5.13 2.89 2.10 1.42 2.69 3.09 0.83 26.16 19.96 BSC 0.25 0.25 20.83 2.59 3.66 6.27 8.69 4.32 2.29 6.30 1.83 Inches Min. Max. .190 .202 .100 .114 .079 .083 .044 .056 .094 .106 .114 .122 .021 .033 1.020 1.030 .780 .786 .215 BSC .000 .010 .000 .010 .800 .820 .090 .102 .125 .144 .239 .247 .330 .342 .150 .170 .070 .090 .238 .248 .062 .072
Dim. A A1 A2 b b1 b2 C D E e L L1 Q R
Millimeter Min. Max. 4.83 5.21 2.29 2.54 1.91 2.16 1.14 1.40 1.91 2.13 2.92 3.12 0.61 0.80 20.80 21.34 15.75 16.13 5.45 BSC 19.81 20.32 3.81 4.32 5.59 6.20 4.32 4.83
Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 .244 .170 .190
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXGX120N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X