Part Number Hot Search : 
221MR FD400D1V 045984 P6KE47C X60003B SMBJ16 F0511 2SC52
Product Description
Full Text Search
 

To Download IXGT15N120C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT
Lightspeed Series
Preliminary data
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) PC TJ TJM Tstg Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 10 W Clamped inductive load TC = 25C
IXGH 15N120C IXGT 15N120C
VCES = 1200 V = 30 A IC25 VCE(sat) = 3.8 V tfi(typ) = 115 ns
Maximum Ratings 1200 1200 20 30 30 15 60 ICM = 40 @ 0.8 VCES 150 -55 ... +150 150 -55 ... +150 300 260 V V V V A A A A W C C C C C
TO-268 (IXGT)
G E (TAB)
TO-247 AD (IXGH)
G
C (TAB) C E C = Collector, TAB = Collector
G = Gate, E = Emitter,
Maximum Lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Maximum Tab temperature for soldering SMD devices for 10 s Md Weight Mounting torque (M3)
Features * International standard packages JEDEC TO-268 surface and JEDEC TO-247 AD * Low switching losses * MOS Gate turn-on - drive simplicity Applications
1.13/10 Nm/lb.in. TO-247 AD TO-268 6 4 g g
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1200 2.5 TJ = 25C TJ = 125C V V mA mA nA V V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 mA, VGE = 0 V = 250 mA, VCE = VGE
5 100 3.5 100 3.8
* * * * *
AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switched-mode and resonant-mode power supplies
VCE = VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
Advantages * High power density * Suitable for surface mounting * Easy to mount with 1 screw, (mounting screw hole)
TJ = 125C
3.0
IXYS reserves the right to change limits, test conditions, and dimensions.
98633A (7/00)
(c) 2000 IXYS All rights reserved
1-2
IXGH 15N120C IXGT 15N120C
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 12 15 1720 VCE = 25 V, VGE = 0 V, f = 1 MHz 95 35 69 IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IC90, VGE = 15 V VCE = 0.8 VCES, RG = Roff = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V VCE = 0.8 VCES, RG = Roff = 10 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG 13 26 25 15 150 115 1.05 25 18 0.60 220 250 2.1 200 190 1.6 S pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ TO-268AA (D3 PAK) 0.83 K/W (TO-247) 0.25 K/W
Dim. Millimeter Min. Max. A B C D E F G H J K L M N 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8 Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
TO-247 AD (IXGH) Outline
gfs C ies Coes C res Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK
IC = IC90; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 %
1.5 2.49
Min. Recommended Footprint
Dim. A A1 A2 b b2 C D E E1 e H L L1 L2 L3 L4 Millimeter Min. Max. 4.9 5.1 2.7 2.9 .02 .25 1.15 1.45 1.9 2.1 .4 .65 13.80 14.00 15.85 16.05 13.3 13.6 5.45 BSC 18.70 19.10 2.40 2.70 1.20 1.40 1.00 1.15 0.25 BSC 3.80 4.10 Inches Min. Max. .193 .201 .106 .114 .001 .010 .045 .057 .75 .83 .016 .026 .543 .551 .624 .632 .524 .535 .215 BSC .736 .752 .094 .106 .047 .055 .039 .045 .010 BSC .150 .161
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXGT15N120C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X