Part Number Hot Search : 
XXXFX GRM0335 2SC4177 CONTROL MS3452 60BL2A LTC3403 BAS16HT1
Product Description
Full Text Search
 

To Download IXGR24N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFASTTM IGBT
ISOPLUS247TM
IXGR 24N60C
(Electrically Isolated Back Surface)
VCES IC25 VCE(sat) tfi(typ)
= 600 V = 42 A = 2.5 V = 60 ns
Preliminary data sheet
Symbol VCES VCGR VGES VGEM IC25 IC110 ICM SSOA (RBSOA) PC TJ TJM Tstg
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C TC = 110C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 22 Clamped inductive load, L = 100 H TC = 25C
Maximum Ratings 600 600 20 30 42 22 80 ICM = 48 @ 0.8 VCES 80 -40 ... +150 150 -40 ... +150 300 2500 5 V V V V A A A A W C C C C V g
ISOPLUS 247 E153432
G
C
E
Isolated Backside*
G = Gate, E = Emitter
C = Collector
* Patent pending
Features
l l l l l
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s VISOL Weight 50/60 Hz, RMS, t = 1minute leads-to-tab
DCB Isolated mounting tab Meets TO-247AD package Outline High current handling capability Latest generation HDMOSTM process MOS Gate turn-on - drive simplicity
Applications Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 150C 5.0 200 1 100 2.1 2.5 V V A mA nA V Advantages
l l l l l
l l l
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 A, VGE = 0 V = 250 A, VCE = VGE
Uninterruptible power supplies (UPS) Switched-mode and resonant-mode power supplies AC motor speed control DC servo and robot drives DC choppers
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC
= IT, VGE = 15 V (see note 1)
Easy assembly High power density Very fast switching speeds for high frequency applications
(c) 2002 IXYS All rights reserved
98706 (02/02)
IXGR 24N60C
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 9 17 1500 VCE = 25 V, VGE = 0 V, f = 1 MHz 120 40 55 IC = IT, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IT, VGE = 15 V VCE = 0.8 VCES, RG = Roff = 18 Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IT, VGE = 15 V VCE = 0.8 VCES, RG = Roff = 18 Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG 13 17 15 25 75 60 0.24 15 12 0.15 130 110 0.6 140 110 0.36 S pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ 1.57 K/W 0.15 K/W
Dim. A A1 A2 b b1 b2 C D E e L L1 Q R 1 Gate, 2 Drain (Collector) 3 Source (Emitter) 4 no connection Millimeter Min. Max. 4.83 5.21 2.29 2.54 1.91 2.16 1.14 1.40 1.91 2.13 2.92 3.12 0.61 0.80 20.80 21.34 15.75 16.13 5.45 BSC 19.81 20.32 3.81 4.32 5.59 6.20 4.32 4.83 Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 .244 .170 .190
ISOPLUS 247 OUTLINE
gfs Cies Coes Cres Qg Qge Qgc td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
IC = IT; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 %
Note:
1. IT = 24A
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXGR24N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X