Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download IXGP12N100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT
VCES
IC25 24 A 24 A
VCE(sat) 3.5 V 4.0 V
IXGA/IXGP12N100 1000 V IXGA/IXGP12N100A 1000 V
Preliminary Data Sheet
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) PC TJ TJM Tstg Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 150 W Clamped inductive load, L = 300 mH TC = 25C
Maximum Ratings 1000 1000 20 30 24 12 48 ICM = 24 @ 0.8 VCES 100 -55 ... +150 150 -55 ... +150 W C C C V V V V A A A A
TO-220AB (IXGP)
GC E
TO-263 (IXGA)
G E C (TAB)
Features * International standard packages JEDEC TO-220AB and TO-263AA * Second generation HDMOSTM process * Low VCE(sat) - for minimum on-state conduction losses * MOS Gate turn-on - drive simplicity Applications * AC motor speed control * DC servo and robot drives * DC choppers * Uninterruptible power supplies (UPS) * Switch-mode and resonant-mode power supplies Advantages * Easy to mount with one screw * Reduces assembly time and cost * High power density
95591A (3/97)
Mounting torque with screw M3 Mounting torque with screw M3.5
0.45/4 Nm/lb.in. 0.55/5 Nm/lb.in. 4 300 g C
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
Symbol Test Conditions (TJ = 25C, unless otherwise specified) BVCES VGE(th) ICES IC = 3 mA, VGE = 0 V IC = 250 mA, VGE = VGE VCE = 0.8, VCES VGE = 0 V IGES VCE(sat) VCE = 0 V, VGE = 20 V IC = ICE90, VGE = 15 12N100 12N100A
Min. 1000 2.5 TJ = 25C TJ = 125C
Characteristic Values Typ. Max. V 5.0 250 1 100 3.5 4.0 V mA mA nA V V
IXYS reserves the right to change limits, test conditions, and dimensions.
(c) 2000 IXYS All rights reserved
1-2
IXGA12N100 IXGA12N100A
Symbol Test Conditions (TJ = 25C, unless otherwise specified) gfs IC = IC90; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 % Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 300 mH 12N100A 12N100 12N100A 12N100 RthJC RthCK 0.25 VCE = 800 V, RG = Roff = 120 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 300 mH 12N100A 12N100 12N100A VCE = 800 V, RG = Roff = 120 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG IC = IC90, VGE = 15 V, VCE = 0.5 VCES 65 8 24 100 200 850 500 800 2.5 100 200 1.1 900 950 1250 4 6 1.25 1000 700 1000 4 90 20 45 nC nC nC ns ns ns ns ns mJ ns ns mJ ns ns ns mJ mJ K/W K/W Characteristic Values Min. Typ. Max. 6 10 S
IXGP12N100 IXGP12N100A
TO-220 AB (IXGP) Outline
Dim. A B C D E F G H J K M N Q R
Millimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110
TO-263 AA (IXGA) Outline
Dim.
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74
Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
Min. Recommended Footprint
A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXGP12N100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X