Part Number Hot Search : 
SF18SG 01M10 15A10 80L95 RS0008F P4KE22 D45128 EDZ13B
Product Description
Full Text Search
 

To Download IXGK50N60AU1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFASTTM IGBT with Diode
Combi Pack
IXGK 50N60AU1
VCES IC25 VCE(sat) tfi
= = = =
600 V 75 A 2.7 V 275 ns
Symbol VCES VCGR VGES VGEM I C25 I C90 I CM SSOA (RBSOA) PC TJ TJM Tstg Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C, limited by leads TC = 90C TC = 25C, 1 ms VGE = 15 V, T VJ = 125C, RG = 10 Clamped inductive load, L = 30 H TC = 25C
Maximum Ratings 600 600 20 30 75 50 200 ICM = 100 @ 0.8 VCES 300 -55 ... +150 150 -55 ... +150 V V V V A A A A
TO-264 AA
G
C
E C = Collector, TAB = Collector
G = Gate, E = Emitter,
Features W C C C
l l l
l
Mounting torque (M4)
0.9/6 Nm/lb.in. 10 300 g C
l l
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
International standard package JEDEC TO-264 AA High frequency IGBT and antiparallel FRED in one package 2nd generation HDMOSTM process Low VCE(sat) - for minimum on-state conduction losses MOS Gate turn-on - drive simplicity Fast Recovery Epitaxial Diode (FRED) - soft recovery with low IRM
Applications
l l l l l
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5.5 250 15 100 2.7 V V A mA nA V
BVCES VGE(th) ICES I GES VCE(sat)
IC IC
= 500 A, VGE = 0 V = 500 A, VCE = VGE
AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
Advantages
l
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
l
l l
Space savings (two devices in one package) Easy to mount with 1 screw (isolated mounting screw hole) Reduces assembly time and cost High power density
(c) 1997 IXYS All rights reserved
92821G (3/97)
IXGK 50N60AU1
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 25 35 S
TO-264 AA Outline
gfs Qg Qge Qgc td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
I C = IC90; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 %
200 IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, T J = 25C IC = IC90 , VGE = 15 V, L = 100 H, VCE = 0.8 VCES, RG = Roff = 2.7 Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 100 H VCE = 0.8 V CES, RG = Roff = 2.7 Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG 50 80 50 210 200 275 4.8 50 240 3 280 600 9.6 400
nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ 0.42 K/W
0.15
K/W
Reverse Diode (FRED) Symbol VF I RM trr RthJC Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1.7 V
IF = IC90, VGE = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = IC90, VGE = 0 V, -diF /dt = 480 A/s VR = 360 V TJ = 125C IF = 1 A; -di/dt = 200 A/s; VR = 30 V TJ = 25C 19 175 35
33 50
A ns ns
0.75 K/W
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025
IXGK 50N60AU1
Fig. 1 Saturation Characteristics
80
T J = 25C
Fig. 2 Output Characterstics
350 300
VGE = 15V 13V 11V 9V T J = 25C
70 60 50 40 30 20 10 0
VGE = 15V 13V 11V 9V 7V 5V
IC - Amperes
IC - Amperes
250 200 150 100 50 0
7V
5V
0
1
2
3
4
5
0
2
4
6
8
10 12 14 16 18 20
VCE - Volts
VCE - Volts
Fig. 3 Collector-Emitter Voltage vs. Gate-Emitter Voltage
10 9 8 7
T J = 25C
Fig. 4 Temperature Dependence of Output Saturation Voltage
1.5 1.4
IC = 80A
VCE(sat) - Normalized
1.3 1.2 1.1 1.0 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150
IC = 20A IC = 40A
VCE - Volts
6 5 4 3 2 1 0 4 5 6 7 8 9 10 11 12 13 14 15
IC = 40A IC = 20A
VGE - Volts
TJ - Degrees C
Fig. 5 Input Admittance
80
Fig. 6 Temperature Dependence of Breakdown and Threshold Voltage
1.2
VGE(th) @ 250A
60
BV / VCE(sat) - Normalized
70
VCE = 100V
1.1 1.0 0.9 0.8 0.7 0.6 0.5 -50 -25 0 25 50 75 100 125 150
BVCES @ 3mA
IC - Amperes
50 40 30 20
TJ = 25C
10 0
T J = 125C
0
1
2
3
4
5
6
7
8
9
10
VGE - Volts
TJ - Degrees C
(c) 1997 IXYS All rights reserved
IXGK 50N60AU1
Fig.7 Gate Charge
15 12
IC = 40A VCE = 500V
Fig.8 Turn-Off Safe Operating Area
100
10
IC - Amperes
VGE - Volts
9 6 3 0
TJ = 125C
1
dV/dt < 3V/ns
0.1
0.01 0 50 100 150 200 250 0 100 200 300 400 500 600 700
Total Gate Charge - (nC)
VCE - Volts
Fig.9
4500 4000
Capacitance Curves
Capacitance - pF
3500 3000 2500 2000 1500 1000 500 0 0
Cres
Cies
= IXGK 50N60AU1
Coes
5
10
15
20
25
VCE - Volts
Fig.10
1
D=0.5
Transient Thermal Impedance
ZthJC (K/W)
0.1
D=0.2 D=0.1 D=0.05 D=0.02 D = Duty Cycle
0.01 D=0.01
Single Pulse
0.001
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - seconds
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025
IXGK 50N60AU1
(c) 1997 IXYS All rights reserved
IXGK 50N60AU1
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025


▲Up To Search▲   

 
Price & Availability of IXGK50N60AU1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X