Part Number Hot Search : 
AN5337K TD6102 AOT11N70 2SK31 S10K2 S6003L CDSS355 M13252DH
Product Description
Full Text Search
 

To Download IXGH12N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFASTTM IGBT
IXGH 12N60B
Preliminary data
VDSS = 600 ID25 = 24 VCE(SAT) = 2.1 tfi(typ) = 120
V A V ns
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) PC TJ TJM Tstg Md Weight
Test Conditions T J = 25C to 150C T J = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 33 W Clamped inductive load, L = 300 mH TC = 25C
Maximum Ratings 600 600 20 30 24 12 48 ICM = 24 @ 0.8 VCES 100 -55 ... +150 150 -55 ... +150 V V V V A A A A W C C C
TO-247
C (TAB) G C E
G = Gate, E = Emitter,
C = Collector, TAB = Collector
Features * Moderate frequency IGBT * New generation HDMOSTM process * International standard package JEDEC TO-247 * High peak current handling capability Applications * * * * PFC circuit AC motor speed control DC servo and robot drives Switch-mode and resonant-mode power supplies
Mounting torque with screw M3 Mounting torque with screw M3.5
0.45/4 Nm/lb.in. 0.55/5 Nm/lb.in. 6 300 g C
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5.0 200 1.5 100 2.1 V V mA mA nA V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 mA, VGE = 0 V = 250 mA, VGE = VGE
Advantages * Fast switching speed * High power density
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = ICE90, VGE = 15 V
IXYS reserves the right to change limits, test conditions, and dimensions.
98614A (10/99)
(c) 2000 IXYS All rights reserved
1-2
IXGH12N60B
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 5 11 860 VCE = 25 V, VGE = 0 V, f = 1 MHz 64 15 32 IC = IC90, VGE = 15 V, VCE = 0.5 VCES 10 10 Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 300 mH VCE = 0.8 * VCES, RG = Roff = 18 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 300 mH VCE = 0.8 * VCES, RG = Roff = 18 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG 20 20 150 120 0.5 20 20 0.15 200 200 0.8 250 270 0.8 S pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ 1.25 K/W 0.25 K/W
Dim. Millimeter Min. Max. A B C D E F G H J K L M N 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8 Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
TO-247 AD (IXGH) Outline
gfs C ies Coes C res Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK
IC = IC90; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 %
1.5 2.49
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXGH12N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X