Part Number Hot Search : 
102M6 45FCT PC910 C4467 AQY22 BS107 STP4NA90 MAX1743
Product Description
Full Text Search
 

To Download IXFX62N25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Technical Information
HiPerFETTM Power MOSFETs
Single MOSFET Die
IXFX 62N25 IXFK 62N25
VDSS ID25
RDS(on)
= 250 V = 62 A = 35 m
trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS TJ 150C, RG = 2 TC = 25C
Maximum Ratings 250 250 20 30 62 248 62 45 1.5 5 390 -55 ... +150 150 -55 ... +150 V V V V A A A mJ J V/ns W C C C C
PLUS 247TM (IXFX)
G
(TAB) D
TO-264 AA (IXFK)
G D S
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6 mm (0.063 in.) from case for 10 s Mounting torque TO-264 PLUS 247 TO-264
300
0.7/6 Nm/lb.in. 6 10 g g
Features l International standard packages l Low RDS (on) HDMOSTM process l Rugged polysilicon gate cell structure l Unclamped Inductive Switching (UIS) rated l Low package inductance - easy to drive and to protect l Fast intrinsic rectifier
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 250 2.0 V 4.0 V 100 nA TJ = 25C TJ = 125C 50 A 2 mA 35 m
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 1mA VDS = VGS, ID = 4mA VGS = 20 V, VDS = 0 VDS = VDSS VGS = 0 V VGS = 10 V, ID = 0.5 ID25 Note 1
Applications l DC-DC converters l Battery chargers l Switched-mode and resonant-mode power supplies l DC choppers l AC motor control l Temperature and lighting controls
Advantages PLUS 247TM package for clip or spring mounting l Space savings l High power density
l
(c) 2002 IXYS All rights reserved
98913 (2/02)
IXFK 62N25 IXFX 62N25
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. Note 1 35 50 6600 VGS = 0 V, VDS = 25 V, f = 1 MHz 1125 270 30 VGS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 RG = 1.5 (External), 25 115 15 240 VGS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 55 85 0.30 0.15 S pF pF pF ns ns ns ns nC nC nC K/W K/W
A A1 A2 b b1 b2 C D E e L L1 Q R Dim.
Terminals: 1 - Gate 2 - Drain (Collector) 3 - Source (Emitter) 4 - Drain (Collector)
PLUS 247TM Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
V DS = 10 V; ID = 0.5 ID25
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions V GS = 0 V Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Note 1
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 62 248 1.5 250 A A V ns C A
Millimeter Min. Max. 4.83 5.21 2.29 2.54 1.91 2.16 1.14 1.40 1.91 2.13 2.92 3.12 0.61 0.80 20.80 21.34 15.75 16.13 5.45 BSC 19.81 20.32 3.81 4.32 5.59 6.20 4.32 4.83
Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 0.244 .170 .190
TO-264 AA Outline
IF = 30A,-di/dt = 100 A/s, VR = 100 V
0.8 8
Dim.
Note: 1. Pulse test, t 300 s, duty cycle d 2 %
Millimeter Min. Max. 4.82 5.13 2.54 2.89 2.00 2.10 1.12 1.42 2.39 2.69 2.90 3.09 0.53 0.83 25.91 26.16 19.81 19.96 5.46 BSC 0.00 0.25 0.00 0.25 20.32 20.83 2.29 2.59 3.17 3.66 6.07 6.27 8.38 8.69 3.81 4.32 1.78 2.29 6.04 6.30 1.57 1.83
Min.
Inches Max.
A A1 A2 b b1 b2 c D E e J K L L1 P Q Q1 R R1 S T
.190 .202 .100 .114 .079 .083 .044 .056 .094 .106 .114 .122 .021 .033 1.020 1.030 .780 .786 .215 BSC .000 .010 .000 .010 .800 .820 .090 .102 .125 .144 .239 .247 .330 .342 .150 .170 .070 .090 .238 .248 .062 .072
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXFX62N25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X