Part Number Hot Search : 
CMF1XA 6500V EL5281C 721GST NTE934 CMBD914 H0001 MCL4151
Product Description
Full Text Search
 

To Download IXFT7N90Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
HiPerFETTM Power MOSFETs Q-Class
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXFH 7N90Q IXFT 7N90Q
VDSS ID25 RDS(on)
= 900 V = 7A = 1.5 W
trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 MW Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS, TJ 150C, RG = 2 W TC = 25C
Maximum Ratings 900 900 20 30 7 28 7 20 700 5 180 -55 ... +150 150 -55 ... +150 V V V V A A A mJ mJ V/ns W C C C C Nm/lb.in. g g
TO-247 AD (IXFH)
TO-268 (D3) ( IXFT)
G S
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6 mm (0.063 in) from case for 10 s Mounting torque TO-247 TO-268
300 1.13/10 6 4
Features * IXYS advanced low Qg process * Low gate charge and capacitances - easier to drive - faster switching * International standard packages * Low RDS (on) * Unclamped Inductive Switching (UIS) rated * Molding epoxies meet UL 94 V-0 flammability classification
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 900 3.0 5.0 100 TJ = 25C TJ = 125C 50 1 1.5 V V nA mA mA W
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 1 mA VDS = VGS, ID = 2.5 mA VGS = 20 VDC, VDS = 0 VDS = 0.8 VDSS VGS = 0 V
Advantages * Easy to mount * Space savings * High power density
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 ms, duty cycle d 2 %
IXYS reserves the right to change limits, test conditions, and dimensions.
98645 (8/99)
(c) 2000 IXYS All rights reserved
1-2
IXFH 7N90Q IXFT 7N90Q
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 3 6 2200 VGS = 0 V, VDS = 25 V, f = 1 MHz 210 35 15 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 4.7 W (External), 15 42 13 56 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 18 24 0.7 (TO-247) 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. Millimeter Min. Max. A B C D E F G H 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8 Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
TO-247 AD (IXFH) Outline
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, pulse test
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 7 28 1.5 A A V
J K L M N
1.5 2.49
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Pulse test, t 300 ms, duty cycle d 2 % IF = IS, -di/dt = 100 A/ms, VR = 100 V 0.75 5.5
250
ns mC A
TO-268AA (D3 PAK)
Dim. A A1 A2 b b2 C D E E1 e H L L1 L2 L3 L4
Millimeter Min. Max. 4.9 5.1 2.7 2.9 .02 .25 1.15 1.45 1.9 2.1 .4 .65 13.80 14.00 15.85 16.05 13.3 13.6 5.45 BSC 18.70 19.10 2.40 2.70 1.20 1.40 1.00 1.15 0.25 BSC 3.80 4.10
Inches Min. Max. .193 .201 .106 .114 .001 .010 .045 .057 .75 .83 .016 .026 .543 .551 .624 .632 .524 .535 .215 BSC .736 .752 .094 .106 .047 .055 .039 .045 .010 BSC .150 .161
Min. Recommended Footprint
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXFT7N90Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X