Part Number Hot Search : 
2SB789AR XSAC1 MMSZ52 1SMB6 2SD10 AD802 067492 PRODUCT
Product Description
Full Text Search
 

To Download IXFT60N25Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
HiPerFETTM Power MOSFETs
Q-Class
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low trr Low Gate Charge and Capacitances
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight 1.6 mm (0.063 in) from case for 10 s Mounting torque TO-247 TO-264 TO-247 TO-264 TO-268 Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 MW Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS, TJ 150C, RG = 2 W TC = 25C
IXFH 60N25Q IXFK 60N25Q IXFT 60N25Q
VDSS ID25
RDS(on) trr
= 250 V = 60 A = 47 mW 250 ns
Maximum Ratings 250 250 20 30 60 240 60 45 1.5 5 360 -55 ... +150 150 -55 ... +150 300 V V V V A A A mJ J V/ns W C C C C
TO-247 AD (IXFH)
(TAB)
TO-268 (D3) ( IXFT)
G S
(TAB)
TO-264 AA (IXFK)
G D S
D (TAB)
1.13/10 Nm/lb.in. 0.9/6 Nm/lb.in. 6 10 4 g g g
G = Gate S = Source
TAB = Drain
Features * Low gate charge * International standard packages * Epoxy meet UL 94 V-0, flammability classification * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Avalanche energy and current rated * Fast intrinsic Rectifier Advantages * Easy to mount * Space savings * High power density
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 250 2 4 200 TJ = 25C TJ = 125C 50 1 V V nA mA mA
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 1 mA VDS = VGS, ID = 4 mA VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V
VGS = 10 V, ID = 0.5 * ID25 Pulse test, t 300 ms, duty cycle d 2 %
47 mW
IXYS reserves the right to change limits, test conditions, and dimensions.
98630 (6/99)
(c) 2000 IXYS All rights reserved
1-2
IXFH 60N25Q IXFK 60N25Q IXFT 60N25Q
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 22 35 5100 VGS = 0 V, VDS = 25 V, f = 1 MHz 1000 400 27 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 2.0 W (External), 60 80 25 180 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 39 90 0.35 TO-247 TO-264 0.25 0.15 S pF pF pF ns ns ns ns nC nC nC K/W K/W K/W
Dim. Millimeter Min. Max. A B C D E F G H J K L M N 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8 Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
TO-247 AD (IXFH) Outline
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, pulse test
1.5 2.49
TO-264 AA (IXFK) Outline
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 60 240 1.5 250 A A V ns mC A
Dim. A A1 A2 b b1 b2 c D E e J K L L1 P Q Q1 R R1 S T Millimeter Min. Max. 4.82 2.54 2.00 1.12 2.39 2.90 0.53 25.91 19.81 5.46 0.00 0.00 20.32 2.29 3.17 6.07 8.38 3.81 1.78 6.04 1.57 5.13 2.89 2.10 1.42 2.69 3.09 0.83 26.16 19.96 BSC 0.25 0.25 20.83 2.59 3.66 6.27 8.69 4.32 2.29 6.30 1.83 Inches Min. Max. .190 .202 .100 .114 .079 .083 .044 .056 .094 .106 .114 .122 .021 .033 1.020 1.030 .780 .786 .215 BSC .000 .010 .000 .010 .800 .820 .090 .102 .125 .144 .239 .247 .330 .342 .150 .170 .070 .090 .238 .248 .062 .072
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Pulse test, t 300 ms, duty cycle d 2 % IF = IS -di/dt = 100 A/ms, VR = 100 V 1 8
TO-268AA (IXFT) (D3 PAK)
Dim. A A1 A2 b b2 C D E E1 e H L L1 L2 L3 L4
Millimeter Min. Max. 4.9 5.1 2.7 2.9 .02 .25 1.15 1.45 1.9 2.1 .4 .65 13.80 14.00 15.85 16.05 13.3 13.6 5.45 BSC 18.70 19.10 2.40 2.70 1.20 1.40 1.00 1.15 0.25 BSC 3.80 4.10
Inches Min. Max. .193 .201 .106 .114 .001 .010 .045 .057 .75 .83 .016 .026 .543 .551 .624 .632 .524 .535 .215 BSC .736 .752 .094 .106 .047 .055 .039 .045 .010 BSC .150 .161
Min. Recommended Footprint
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXFT60N25Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X