Part Number Hot Search : 
E004773 MLD5120 VDL1518 PSBZ55 MBR20200 DP650A PI3B3245 MC14099
Product Description
Full Text Search
 

To Download IXFM6N90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs
N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
VDSS IXFH/IXFM 6 N90 IXFH/IXFM 6 N100 900 V 1000 V
ID25 6A 6A
RDS(on) 1.8 W 2.0 W
trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions T J = 25C to 150C T J = 25C to 150C; RGS = 1 MW Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS, TJ 150C, RG = 2 W TC = 25C 6N90 6N100
Maximum Ratings 900 1000 20 30 6 24 6 18 5 180 -55 ... +150 150 -55 ... +150 V V V V A A A mJ V/ns
TO-247 AD (IXFH)
(TAB)
TO-204 AA (IXFM)
D
G
W C C C C Nm/lb.in.
G = Gate, S = Source,
D = Drain, TAB = Drain
1.6 mm (0.062 in.) from case for 10 s Mounting torque
300 1.13/10
TO-204 = 18 g, TO-247 = 6 g
Features * International standard packages * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Unclamped Inductive Switching (UIS) rated * Low package inductance - easy to drive and to protect * Fast intrinsic Rectifier Applications * DC-DC converters * Synchronous rectification * Battery chargers * Switched-mode and resonant-mode power supplies * DC choppers * AC motor control * Temperature and lighting controls * Low voltage relays Advantages * Easy to mount with 1 screw (TO-247) (isolated mounting screw hole) * Space savings * High power density
91529E(10/95)
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 6N90 6N100 900 1000 2.0 4.5 100 TJ = 25C TJ = 125C 250 1 1.8 2.0 V V V nA mA mA W W
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 3 mA VDS = VGS, ID = 2.5 mA VGS = 20 VDC, VDS = 0 VDS = 0.8 * VDSS VGS = 0 V VGS = 10 V, ID = 0.5 * ID25
6N90 6N100 Pulse test, t 300 ms, duty cycle d 2 %
IXYS reserves the right to change limits, test conditions, and dimensions.
(c) 2000 IXYS All rights reserved
1-4
IXFH 6N90 IXFM 6N90
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 4 6 2600 VGS = 0 V, VDS = 25 V, f = 1 MHz 180 45 35 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 4.7 W (External) 40 100 60 88 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 21 38 100 110 200 100 130 30 70 0.7 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
IXFH 6N100 IXFM 6N100
TO-247 AD (IXFH) Outline
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, pulse test
Dim. Millimeter Min. Max. A B C D E F G H 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.49 5.4 6.2 1.65 2.13 4.5 1.0 1.4 10.8 11.0 4.7 0.4 5.3 0.8
Inches Min. Max. 0.780 0.800 0.819 0.845 0.610 0.640 0.140 0.144 0.170 0.216 0.212 0.244 0.065 0.084 0.177 0.040 0.055 0.426 0.433 0.185 0.209 0.016 0.031 0.087 0.102
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM IF = IS -di/dt = 100 A/ms, VR = 100 V Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 6 24 1.5 250 400 0.5 1.0 7.5 9.0 A A
J K L M N
1.5 2.49
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Pulse test, t 300 ms, duty cycle d 2 % TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C
TO-204 AA (IXFM) Outline V ns ns mC mC A A
Dim. A B C D E F G H J K Q R
Millimeter Min. Max. 38.61 39.12 19.43 19.94 6.40 9.14 0.97 1.09 1.53 2.92 30.15 BSC 10.67 11.17 5.21 5.71 16.64 17.14 11.18 12.19 3.84 4.19 25.16 25.90
Inches Min. Max. 1.520 1.540 - 0.785 0.252 0.360 0.038 0.043 0.060 0.115 1.187 BSC 0.420 0.440 0.205 0.225 0.655 0.675 0.440 0.480 0.151 0.165 0.991 1.020
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-4
IXFH 6N90 IXFM 6N90
Fig. 1 Output Characteristics
9 8 7
TJ =25C VGS = 10V
IXFH 6N100 IXFM 6N100
Fig. 2 Input Admittance
9
6V
8 7
ID - Amperes
ID - Amperes
6 5 4 3 2 1 0
5V
6 5 4 3 2 1
TJ = 25C
TJ = 125C TJ = - 55C
0
5
10
15
20
25
30
0 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
VDS - Volts
VGS - Volts
Fig. 3 RDS(on) vs. Drain Current
3.0
TJ =25C
Fig. 4 Temperature Dependence of Drain to Source Resistance
2.50 2.25
2.8
RDS(on) - Normalized
2.00 1.75 1.50 1.25 1.00 0.75
ID = 3.0A
RDS(on) - Ohms
2.6 2.4 2.2
VGS= 15V
VGS= 10V
2.0 1.8 0 2 4 6 8 10
0.50 -50
-25
0
25
50
75
100 125 150
ID - Amperes
TJ - Degrees C
7 6
Fig. 5 Drain Current vs. Case Temperature
1.2 1.1
Fig. 6 Temperature Dependence of Breakdown and Threshold Voltage
VGS(th) BVDSS
6N90
BV/VG(th) - Normalized
ID - Amperes
5 4 3 2 1 0 -50
6N100
1.0 0.9 0.8 0.7 0.6
-25
0
25
50
75
100 125 150
0.5 -50
-25
0
25
50
75
100 125 150
TC - Degrees C
TJ- Degrees C
(c) 2000 IXYS All rights reserved
3-4
IXFH 6N90 IXFM 6N90
Fig.7 Gate Charge Characteristic Curve
10 9 8 7
VDS = 500V ID = 3.0A IG = 10mA
IXFH 6N100 IXFM 6N100
Fig.8 Forward Bias Safe Operating Area
10s
10
Limited by RDS(on)
100s
6 5 4 3 2 1 0 0 10 20 30 40 50 60 70 80
ID - Amperes
VGE - Volts
1ms
1
10ms 100ms
6N90 limit 6N100 limit
0.1 1 10 100 1000
Gate Charge - nCoulombs
VDS - Volts
Fig.9 Capacitance Curves
2750 2500 2250 2000 1750 1500 1250 1000 750 500 250 0 0 5
9 8 7
f = 1 MHz VDS = 25V
Fig.10Source Current vs. Source to Drain Voltage
Ciss
Capacitance - pF
ID - Amperes
6 5 4 3 2
TJ = 125C TJ = 25C
Coss Crss
1
10
15
20
25
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE - Volts
VDS - Volts
Fig.11 Transient Thermal Impedance
1.000
Thermal Response - K/W
D=0.5
0.100 D=0.2
D=0.1 D=0.05 D=0.02
0.010
D=0.01
Single Pulse
0.001 0.00001
0.0001
0.001
0.01
0.1
1
10
Time - Seconds
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of IXFM6N90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X