Part Number Hot Search : 
1N3890 OL5492A 00051 SMF36CA SS432G 2SJ364 2SA1823S 01M35V8
Product Description
Full Text Search
 

To Download IXFK120N20P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
PolarHTTM HiPerFET IXFH 120N20P IXFK 120N20P Power MOSFET
N-Channel Enhancement Mode Avalanche Rated, Fast Intrinsic Diode
VDSS = 200 V ID25 = 120 A RDS(on) 22 m trr 140 ns
Symbol VDSS VDGR VGS VGSM ID25 ID(RMS) IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 175C TJ = 25C to 175C; RGS = 1 M Continuous Transient TC = 25C External lead current limit TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 175C, RG = 4 TC = 25C
Maximum Ratings 200 200 20 30 120 75 300 60 60 2.0 10 714 -55 ... +175 175 -55 ... +175 V V V V A A A A mJ J V/ns W C C C C
TO-247 (IXFH)
G
S
D (TAB) D
TO-264 (IXFK)
G D S
(TAB) D = Drain TAB = Drain
G = Gate S = Source
Features International standard packages Unclamped Inductive Switching (UIS) rated Low package inductance - easy to drive and to protect Advantages
1.6 mm (0.062 in.) from case for 10 s Mounting torque TO-247 TO-264
300
1.13/10 Nm/lb.in. 6 10 g g
Symbol Test Conditions (TJ = 25C, unless otherwise specified) VDSS VGS(th) IGSS IDSS RDS(on) VGS = 0 V, ID = 250 A VDS = VGS, ID = 250A VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V TJ = 175C
Characteristic Values Min. Typ. Max. 200 2.5 5.0 100 25 500 22 V V nA A A m
Easy to mount Space savings High power density
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
(c) 2004 IXYS All rights reserved
DS99223(10/04)
IXFH 120N20P IXFK 120N20P
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) Min. Typ. Max. 40 63 6000 VGS = 0 V, VDS = 25 V, f = 1 MHz 1300 265 30 VGS = 10 V, VDS = 0.5 VDSS, ID = ID25 RG = 3.3 (External) 35 100 31 152 VGS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 40 75 S pF pF pF ns ns ns ns nC nC nC 0.21 K/W TO-247 TO-264 0.21 0.15 K/W K/W
Terminals: 1 - Gate 2 - Drain
1 2 3
TO-247 (IXFH) Outline
gfs Ciss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS= 10 V; ID = 0.5 ID25, pulse test
Dim.
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive
Characteristic Values (TJ = 25C, unless otherwise specified) Min. typ. Max. 120 300 1.5 100 0.4 6.0 A A V
Millimeter Min. Max. A 4.7 5.3 2.2 2.54 A1 A2 2.2 2.6 b 1.0 1.4 b1 1.65 2.13 b2 2.87 3.12 C .4 .8 D 20.80 21.46 E 15.75 16.26 e 5.20 5.72 L 19.81 20.32 L1 4.50 P 3.55 3.65 Q 5.89 6.40
Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252
TO-264 (IXFK)
IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = 25 A, -di/dt = 100 A/s VR = 100 V
140 ns C A
Dim. A A1 A2 b b1 b2 c D E e J K L L1 P Q Q1 R R1 S T
Millimeter Min. Max. 4.82 5.13 2.54 2.89 2.00 2.10 1.12 1.42 2.39 2.69 2.90 3.09 0.53 0.83 25.91 26.16 19.81 19.96 5.46 BSC 0.00 0.25 0.00 0.25 20.32 20.83 2.29 2.59 3.17 3.66 6.07 6.27 8.38 8.69 3.81 4.32 1.78 2.29 6.04 6.30 1.57 1.83
Min.
Inches Max.
.190 .202 .100 .114 .079 .083 .044 .056 .094 .106 .114 .122 .021 .033 1.020 1.030 .780 .786 .215 BSC .000 .010 .000 .010 .800 .820 .090 .102 .125 .144 .239 .247 .330 .342 .150 .170 .070 .090 .238 .248 .062 .072
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or moreof the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,381,025 5,486,715 6,162,665 6,259,123 B1 6,306,728 B1 6,404,065 B1 6,534,343 6,583,505 6,683,344 6,710,405B2 6,710,463 6,727,585
IXFH 120N20P IXFK 120N20P
Fig. 1. Output Characteristics @ 25C
120 VGS = 10V 9V 8V 270 240 210 VGS = 10V 9V
Fig. 2. Extended Output Characteristics @ 25C
100
I D - Amperes
I D - Amperes
80
180 150 120 90 60 30 0 6V 7V 8V
60 7V 40 6V 5V 0 0 0.5 1 1.5 2 2.5
20
0
2
4
6
V D S - Volts Fig. 3. Output Characteristics @ 150C
120 VGS = 10V 9V 8V 3 VGS = 10V
V D S - Volts
8
10
12
14
16
Fig. 4. RDS(on) Norm alized to 0.5 ID25 Value vs. Junction Te m perature
100
R D S ( o n ) - Normalized
2.5 I D = 120A 2 I D = 60A 1.5
I D - Amperes
80 7V 60 6V 40
20
5V
1
0 0 1 2
0.5
V D S - Volts
3
4
5
6
-50
-25
0
TJ - Degrees Centigrade
25
50
75
100
125
150
175
Fig. 5. RDS(on) Norm alized to 0.5 ID25 Value vs. Drain Current
4 TJ = 175C 3.5 90 80 70 3 2.5 2 1.5 20 1 0.5 0 30 60 90 TJ = 25C 10 0 VGS = 15V
Fig. 6. Drain Current vs. Case Tem perature
External Lead Current Limit
R D S ( o n ) - Normalized
I D - Amperes
60 50 40 30
VGS = 10V
I D - Amperes
120 150 180 210 240 270 300
-50
-25
0
TC - Degrees Centigrade
25
50
75
100
125
150
175
(c) 2004 IXYS All rights reserved
IXFH 120N20P IXFK 120N20P
Fig. 7. Input Adm ittance
180 90 80 150 70
Fig. 8. Transconductance
g f s - Siemens
I D - Amperes
120
60 50 40 30 20 10 0 TJ = -40C 25C 150C
90
60
TJ = 150C 25C -40C
30
0 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5
0
30
60
90
120
150
180
210
V G S - Volts Fig. 9. Source Curre nt vs. Source -To-Drain Voltage
350 300 250 10 9 8 VDS = 100V I D = 60A I G = 10mA
I D - Amperes Fig. 10. Gate Charge
I S - Amperes
7
VG S - Volts
TJ = 150C TJ = 25C 0.4 0.6 0.8 1 1.2 1.4 1.6
200 150 100 50 0
6 5 4 3 2 1 0
V S D - Volts
0
20
40
Q G - nanoCoulombs
60
80
100
120
140
160
Fig. 11. Capacitance
100,000 1000
Fig. 12. Forw ard-Bias Safe Operating Are a
TJ = 175C R DS(on) Limit TC = 25C 25s 100
f = 1MHz
Capacitance - picoFarads
10,000
I D - Amperes
Ciss
Coss
1,000
100s 1ms
Crss
DC 100 0 5 10 15 10
10ms
V DS - Volts
20
25
30
35
40
10
V D S - Volts
100
1000
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 120N20P IXFK 120N20P
F ig . 1 3 . M a x im u m T r a n s ie n t T h e r m a l R e s is t a n c e
1.00
R( t h ) J C - C / W
0.10
0.01 1 10 100 1000
Pu ls e W id th - m illis e c o n d s
(c) 2004 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of IXFK120N20P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X