Part Number Hot Search : 
LTC38 XN04504 90N6R LTC38 L6235 HX2019NL AN1096 CMBT9012
Product Description
Full Text Search
 

To Download IXFC80N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCE TECHNICAL INFORMATION
HiPerFETTM MOSFET
ISOPLUS220TM
Electrically Isolated Back Surface
N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family
IXFC 80N10
VDSS ID25 RDS(on) trr
= 100 V = 80 A = 12.5 m 200 ns
Symbol VDSS VDGR VGS VGSM ID25 IL(RMS) IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL FC VISOL Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C Lead current limit TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C
Maximum Ratings 100 100 20 30 80 55 320 80 50 2.5 5 230 -55 ... +150 150 -55 ... +150 V V V V A A A A mJ J V/ns W C C C C
ISOPLUS 220TM
G D S G = Gate, S = Source * Patent pending Isolated back surface* D = Drain,
Features
l
l l l l
1.6 mm (0.062 in.) from case for 10 s Mounting force 50/60 Hz, RMS, leads-to-tab
300
11..65/2.4..11 Nm/lb 2500 2 V~ g
l
Silicon chip on Direct-Copper-Bond substrate - High power dissipation - Isolated mounting surface - 2500V electrical isolation Low drain to tab capacitance(<35pF) Low RDS (on) Rugged polysilicon gate cell structure Unclamped Inductive Switching (UIS) rated Fast intrinsicRectifier
Applications
l
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 100 2.0 4.0 100 TJ = 25C TJ = 125C V V
l l l
VDSS VGS(th) IGSS IDSS RDS(on)
V GS = 0 V, ID = 250 A V DS = VGS, ID = 4 mA VGS = 20 VDC, VDS = 0 V DS = VDSS VGS = 0 V V GS = 10 V, ID = IT Notes 1, 2
l
DC-DC converters Batterychargers Switched-mode and resonant-mode power supplies DC choppers AC motor control
Advantages nA
l l l
50 A 1 mA 12.5 m
l
Easy assembly: no screws or isolation foils required Space savings High power density Low collector capacitance to ground (low EMI)
98852 (8/01)
(c) 2001 IXYS All rights reserved
IXFC 80N10
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 35 55 4800 V GS = 0 V, VDS = 25 V, f = 1 MHz 1675 590 50 V GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25, RG = 2.5 (External) 75 95 31 180 V GS = 10 V, VDS = 0.5 VDSS, ID = IT Notes 2 42 75 0.54 0.3 S pF pF pF ns ns ns ns nC nC nC K/W K/W ISOPLUS220 OUTLINE
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
V DS = 10 V; ID = IT Notes 1, 2
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM IF = 25A -di/dt = 100 A/s, VR = 50 V Test Conditions V GS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 80 320 1.5 200 0.5 6 A A V ns C A
Note: All terminals are solder plated. 1 - Gate 2 - Drain 3 - Source
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Note 1
Note: 1. Pulse test, t 300 s, duty cycle d 2 % 2. IT = 40A
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025


▲Up To Search▲   

 
Price & Availability of IXFC80N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X