Part Number Hot Search : 
T1200 MB91106 TM8713 103K1000 GLZ12C BU508 SMV1411 MC145500
Product Description
Full Text Search
 

To Download ITR9702 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Package Dimensions : Device Number: DRX-702-049 REV: 1.0 Ecn: Page:1of8
Unit:mm
DESIGNER CHECKER APPROVED Office: NO 25,Lane 76,Chung Yang Rd,,Sec.3
Tucheng, Taipei 236,Taiwan, R.O.C. TEL: 886-2-2267-2000,2267-9936(22Lines) FAX: 886-2-2267-6189
04/08/05 09:12 AM 1 9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Notes Device Number: DRX-702-049 REV: 1.0 Ecn: Page:2of8
1.All dimensions are in millimeter. 2.General Tolerance:0.2mm 3.Lead spacing is measured where the lead emerge from the package. 4.Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 5.These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 6.When using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
Descriptions:
The ITR9702/F23(Slot Optical Switch) is a gallium arsenide infrared emitting diode which is coupled with a silicon photo transistor in a plastic housing. The packaging system is designed to optimizes the mechanical resolution, coupling efficiency, and insulates ambient light. The slot in the housing a provides a means of interrupting the signal with printer, scanner, copier, or other opaque material, switching the output from an " ON" to" OFF" state.
Features:
Wide gap between light emitter and detector(5.0mm) High sensing accuracy PWB mounting type package Pb free
Applications:
Copier Printer Facsimile Ticket vending machine Opto-electronic switch
04/08/05 09:12 AM
2
9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Absolute Maximum Ratings (Ta=25) Parameter Power Dissipation at(or below) 25 Free Air Temperature Reverse Voltage Input Forward Current Peak Forward Current
Pulse width 100s, Duty cycle=1%
Device Number: DRX-702-049 REV: 1.0 Ecn: Page:3of8
Symbol Pd VR IF IFP PC IC VCEO VECO Topr Tstg Tsol
Ratings 75 5 50 1 75 20 30 5 -25~+85 -40~+85 260
Unit mW V mA A mW mA V V
Collector Power Dissipation Collector Current Output Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Storage Temperature Lead Soldering Temperature (1/16 inch from body for 5 seconds)
Electro-Optical Characteristics (Ta=25) Parameter Forward Voltage Reverse Current Input Peak Wavelength View angle Output Collector Dark Current C-E Saturation Voltage Symbol Min. Typ. Max. Unit VF IR P 21/2 ICEO VCE(sat) IC(ON) tr tf 0.5 1.2 940 60 15 15 1.5 10 100 V A nm Deg nA Condition IF=20mA VR=5V IF=20mA IF=20mA
Collector Current Transfer Characteristic Rise time
Fall time
VCE=20V Ee=0mW/cm2 IC=0.5mA 0.4 V Ee=10mW/cm2 VCE=5V mA IF=20mA - sec VCE=5V IC=1mA - sec RL=1K
04/08/05 09:12 AM
3
9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Typical Characteristics For IR Device Number: DRX-702-049 REV: 1.0 Ecn: Page:4of8
04/08/05 09:12 AM
4
9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Typical Characteristics For PT Device Number: DRX-702-049 REV: 1.0 Ecn: Page:5of8
Typical Characteristics For ITR
04/08/05 09:12 AM
5
9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Device Number: DRX-702-049 REV: 1.0 Ecn: Page:6of8 Reliability test item and condition The reliability of products shall be satisfied with item listed below: Confidence level :90% LTPD:10%
Parameter
Temperature Cycle
Purpose & Condition
Evaluates product's ability to withstand exposure to high temperature, low temperature, and temperature variation between two limit temperature. Standard test Condition:
Failure Judgement Criteria
Samples(n) Defective(c)
IRU x 2
Ic(on)L x 0.8
n =22c=0
VFU x 1.2
85~25~-55~25 30min
Thermal Shock
UUpper specification limit LLower specification limit
5min 30min 50 cycle
5min
Evaluates product's ability to withstand rapid temperature change Standard test Condition:
n =22c=0
85 ~ -55 5min (10sec)5min 50cycle
High Temperature Storage Evaluates product's ability to withstand prolonged storage at high temperature Standard test Condition:
n =22c=0
Temperature : 100 Time : 1000hrs
Low Temperature Storage Evaluates product's ability to withstand prolonged storage at low temperature Standard test Condition:
n =22c=0
Temperature : -55 Time : 1000hrs
04/08/05 09:12 AM 6 9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Parameter
Operating Life Test Device Number: DRX-702-049 REV: 1.0 Ecn: Page:7of8
Purpose & Condition
Evaluates product's endurance to prolonged electrical or temperature stresses. Standard test Condition:
Failure Judgement Criteria
Samples(n) Defective(c)
IRU x 2
Ic(on)L x 0.8
n =22c=0
VFU x 1.2
VCE=5V IF=20mA Time : 1000hrs
High Temperature High Humidity Evaluates product's ability to withstand prolonged storage at high temperature and high humidity. Standard test Condition:
UUpper specification limit LLower specification limit
n =22c=0
Temperature: 85 Relative humidity:85% Time : 1000hrs
Soldering Heat Evaluates product's ability to withstand soldering heat Standard test conditions
n =22c=0
Solder temperature : 2605 Solder time : 10 seconds
Supplements
1.Parts
(1) Chip Type IR PT (2)Material Type Material Lead frame SPCC Wire Gold Part Package Epoxy Holder PPO Material GaAs Silicon Peak Wavelength 940 nm 860 nm
04/08/05 09:12 AM
7
9702-F23.DOC
EVERLIGHT ELECTRONICS CO., LTD.
MODEL NO: ITR9702
Packing Specifications Device Number: DRX-702-049 REV: 1.0 Ecn: Page:8of8
1.Bag
4.5 3.5 4.05.5 15 0.5
19 0.5
Label
2.Box
15
22
EVERLIGHT
Opto-electronic,Compoments
Label
3.Carton
24
E
V
E
R
L
I
G
33
H
T
9
CPN : Customer's Product Number P/N : Product Number QTY : Packing Quantity CAT : Ranks HUE : Peak Wavelength
48
REF : Reference LOT NO : Lot Number
Label
Packing Quantity Specification
UNITcm
MADE IN TAIWAN : Production place
1.150Pcs/1Bag4Bags/1Box 2.10Boxes/1Carton
04/08/05 09:12 AM 8 9702-F23.DOC


▲Up To Search▲   

 
Price & Availability of ITR9702

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X