Part Number Hot Search : 
0496150 N74F842D N74F842D C221A N74F842D MC75173N M93C46DS NQ03LT
Product Description
Full Text Search
 

To Download ISL6740AIVZA-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6740A
Data Sheet February 7, 2005 FN9195.0
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
The ISL6740A is an enhanced ISL6740 PWM controller featuring built-in voltage feed forward functionality. It is pin and feature compatible with the ISL6740 double-ended pulse width modulating (PWM) voltage-mode controller, allowing easy drop-in replacement on existing designs. Voltage feed forward compensates for input voltage variation without intervention of the feedback control loop. It is particularly useful in unregulated bus converters and DC transformers where wide input voltage variation would otherwise result in large output voltage swings. In addition to voltage feed forward compensation, the ISL6740A features an extremely flexible oscillator that allows precise control of frequency, duty cycle, and deadtime. Deadtimes of under 40ns are easily achievable. This advanced BiCMOS design features low operating current, adjustable switching frequency up to 1MHz, adjustable soft-start, internal and external over temperature protection, fault annunciation, and a bidirectional SYNC signal that allows the oscillator to be locked to paralleled units or to an external clock for noise sensitive applications.
Features
* Input Voltage Feed Forward Compensation * Precision Duty Cycle and Deadtime Control * Adjustable Delayed Overcurrent Shutdown and Re-Start * Adjustable Short Circuit Shutdown and Re-Start * Adjustable Oscillator Frequency Up to 2MHz * Bidirectional Synchronization * Adjustable Input Undervoltage Lockout/Inhibit * Tight Tolerance Voltage Reference Over Line, Load, and Temperature * Adjustable Soft-Start * Fault Signal * 95A Startup Current * Internal Over Temperature Protection * System Over Temperature Protection Using a Thermistor or Sensor * Pb-free and ELV, WEEE, RoHS Compliant
Applications
* Telecom and Datacom Power * Wireless Base Station Power
Ordering Information
PART NUMBER ISL6740AIVZA (Note) TEMP. RANGE (C) -40 to 105 PACKAGE 16 Ld TSSOP (Pb-free) PKG. DWG. # M16.173
* File Server Power * Industrial Power Systems * DC Transformers and Bus Converters
Add -T suffix to part number for tape and reel packaging NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL6740A (TSSOP) TOP VIEW
OUTA 1 GND 2 SCSET 3 CT 4 SYNC 5 CS 6 VERROR 7 UV/FF 8 16 OUTB 15 VREF 14 VDD 13 RTD 12 RTC 11 OTS 10 FAULT 9 SS
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-352-6832 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
Functional Block Diagram
VDD VREF SYNC
VREF 5.00 V 1% ENABLE
FL 100
Q T Q
OUTA
+ BG + GND
OUTB
4.5 k
PWM TOGGLE
2
UV/FF IRTC RTC IRTD RTD SCSET CT CS VERROR OTS
SC S/D Internal OT Shutdown 130 - 150 C INHIBIT/VIN UV 1.00 V + INHIBIT EXT. SYNC N_SYNC OUT Bi-Directional Synchronization
S Q Q
OC S/D
VREF 70A
SYNC IN SS LOW
R
ON
SC LATCH
SS
SS DONE Oscillator 4.5 V CLK SS CLAMP + 300 k
OC LATCH
S R Q Q
15A
ISL6740A
Short Circuit Detection
Q
SS HI
+ 4.25 V
SS DONE
Q
50 S RETRIGGERABLE ONE SHOT INHIBIT + OC DETECT
S R Q Q
SS LOW
+ -
0.27 V
FAULT LATCH SET DOMINANT
S R Q Q
0.6 V
FL
0.4
+ -
PWM COMPARATOR
PWM LATCH RESET DOMINANT
SC S/D OC S/D VREF + BG + -
FAULT
SS 0.4 0.5 VREF/2 + VREF UV 4.65 V
FN9195.0 February 7, 2005
Typical Application - 48V Input Bus Converter, 9V @ 10A Output
VIN+ +9V
Q1 C2 T1
QR1
C11
L1
RTN
3
36-75V VIN-
C1 T2
R2
Q2
QR2
C3 R1 U1 1 VDD LO 8
CR1
CR2
ISL6740A
R12 R13
HIP2101
2 HB 3 HO 4 HS C5
VSS 7 LI 6 HI 5 U3 1 OUTA 2 GND OUTB 16 VREF 15 VDD 14 SYNC
C4 R3
R11
3 SCSET
ISL6740A
4 CT R4 5 SYNC 6 CS R5 Q3
RTD 13 RTC 12 OTS 11 FAULT 10 SS 9 R8 RT1 FAULT
7 VERROR 8 UV/FF
FN9195.0 February 7, 2005
VR1
R6 R7 C6 C7 C8 C9 C10 R9 R10
Typical Application - 36 to 75 V Input, Regulated 12V @ 8A Output
VIN+ CR3 Q1 C2 T1 R22 QR1 C11 +12V
L1
RTN
4
36-75V VIN-
C1 T2
CR4 QR2 R21
R2
Q2
R23
R17 CR1 CR2 R18 C3 R1 U1 1 VDD LO 8 R14
R19 R20 C12 C13
ISL6740A
R16 R13 U3 2801-1
C14
HIP2101
2 HB 3 HO 4 HS C5
VSS 7 LI 6 HI 5 U2 1 OUTA 2 GND OUTB 16 VREF 15 VDD 14
VR2
U4 TL431
R15
C4 R3
R12
3 SCSET
ISL6740A
4 CT R4 SYNC 5 SYNC 6 CS R5 Q3
RTD 13 RTC 12 OTS 11 FAULT 10 SS 9 R8 RT1 FAULT SYNC SYNC I/O
7 VERROR 8 UV/FF
VR1
R7 R6 R9 C6 C7 C8 C9 C10 R10 R11
FN9195.0 February 7, 2005
ISL6740A
Absolute Maximum Ratings
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V OUTA, OUTB, Signal Pins . . . . . . . . . . . . . . . . .GND - 0.3V to VREF VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A ESD Classification Human Body Model (Per MIL-STD-883 Method 3015.7) . . .1500V Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Thermal Information
Thermal Resistance Junction to Ambient (Typical) JA (C/W) 16 Lead TSSOP (Note 1) . . . . . . . . . . . . . . . . . . . 102 Maximum Junction Temperature . . . . . . . . . . . . . . . . -55C to 150C Maximum Storage Temperature Range . . . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300C (TSSOP- Lead Tips Only)
Operating Conditions
Temperature Range ISL6740AIVx. . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to 105C Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . 9VDC-16 VDC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application Schematic. 9V < VDD < 20 V, RTD = 51.1k, RTC = 10k, CT = 470pF, TA = -40C to 105C (Note 3), Typical values are at TA = 25C TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER SUPPLY VOLTAGE Start-Up Current, IDD Operating Current, IDD
VDD < START Threshold RLOAD, COUTA,B = 0 COUTA,B = 1nF
6.50 6.00 0.35
95 5.0 7.0 7.25 6.75 0.50
140 8.0 12.0 8.00 7.50 0.75
A mA mA V V V
UVLO START Threshold UVLO STOP Threshold Hysteresis REFERENCE VOLTAGE Overall Accuracy Long Term Stability Fault Voltage VREF Good Voltage Hysteresis Operational Current (source) Operational Current (sink) Current Limit CURRENT SENSE Current Limit Threshold CS to OUT Delay CS Sink Current Input Bias Current SCSET Input Impedance SC Setpoint Accuracy PULSE WIDTH MODULATOR VERROR Input Impedance VERROR = VREF IVREF = 0, -20mA TA = 125C, 1000 hours (Note 4)
4.900 4.10 4.25 75 -20 5 -25
5.000 3 4.55 4.75 165 -
5.050 4.75 VREF -.05 250 -100
V mV V V mV mA mA mA
0.55 -1.00 1 -
0.6 35 10 10
0.65 50 1.00 -
V ns mA A M %
400
-
-
k
5
FN9195.0 February 7, 2005
ISL6740A
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application Schematic. 9V < VDD < 20 V, RTD = 51.1k, RTC = 10k, CT = 470pF, TA = -40C to 105C (Note 3), Typical values are at TA = 25C (Continued) TEST CONDITIONS VERROR < CT Valley Voltage VERROR > 4.75V, VUV/FF = 2.5V (Note 6) RTD = 5.11k, RTC = 25.5k, CT = 220pF (Note 4) (Note 4) (Note 4) MIN TYP 83 99 0.4 0.4 0.5 MAX 0 UNITS % % % V/V V/V V/V
PARAMETER Minimum Duty Cycle Maximum Duty Cycle
VERROR to PWM Comparator Input Gain CT to PWM Comparator Input Gain SS to PWM Comparator Input Gain OSCILLATOR Frequency Accuracy Frequency Variation with VDD
TA = 25C (Note 7) TA = 105C, |(F20V - F9V)/F9V|, UV/FF = 2.00V (Note 4) TA = 25C, |(F20V - F9V)/F9V|, UV/FF = 2.00V TA = -40C, |(F20V - F9V)/F9V|, UV/FF = 2.00V (Note 4)
333 -
351 0.1 0.1 0.2
369 0.4 0.3 0.7
kHz %
Frequency Variation with VUV/FF
TA = 25C, |(F4.25V - F2.00V)/F2.00V| VDD = 9V VDD = 20V 1.88 45 Static operation Static operation VUV/FF = 2.00V VUV/FF = 4.25V 2.30 4.10 2.40 4.20 2.50 4.30 0.75 1.2 1.2 0.5 2.0 55 0.80 3 3 1.5 2.12 65 0.85
% % % % A/A A/A V V V
Temperature Stability Charge Current Gain Discharge Current Gain CT Valley Voltage CT Peak Voltage
VUV/FF = 2.0V, VDD = 9V (Note 4)
CT Peak Voltage
Static operation VUV/FF = 2.00V VUV/FF = 4.25V 2.30 4.10 2.40 4.20 2.50 4.30 V V
SYNCHRONIZATION Input High Threshold (VIH), Minimum Input Low Threshold (VIL), Maximum Input Impedance Input Frequency Range (Note 4) 4.0 0.6x Free Running 100 -10 250 4.5 0.8 Free Running 100 400 V V k Hz
Input Pulse Width High Level Output Voltage (VOH) Low Level Output Voltage (VOL) SYNC Output Current SYNC Output Pulse Duration (minimum) SYNC Advance
(Note 4) ILOAD = -1mA ILOAD = 10A VOH > 2.0V (Note 4) (Notes 4, 5) SYNC rising edge to GATE falling edge, COUTA/B = CSYNC = 100pF (Note 4)
4.5 5
ns V mV mA ns ns
6
FN9195.0 February 7, 2005
ISL6740A
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application Schematic. 9V < VDD < 20 V, RTD = 51.1k, RTC = 10k, CT = 470pF, TA = -40C to 105C (Note 3), Typical values are at TA = 25C (Continued) TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER SOFT-START Charging Current SS Clamp Voltage Sustained Overcurrent Threshold Voltage Overcurrent/Short Circuit Discharge Current Fault SS Discharge Current Reset Threshold Voltage FAULT Fault High Level Output Voltage (VOH) Fault Low Level Output Voltage (VOL) Fault Rise Time Fault Fall Time OUTPUT High Level Output Voltage (VOH) Low Level Output Voltage (VOL) Rise Time Fall Time THERMAL PROTECTION Thermal Shutdown Thermal Shutdown Clear Hysteresis, Internal Protection OTS Threshold Hysteresis, Switched Current Amplitude UV/FF Undervoltage Inhibit/Feed Forward Input Voltage Low/Inhibit Threshold Hysteresis, Switched Current Amplitude Input High Clamp Voltage Input Impedance FF Gain Maximum Control Voltage NOTES: (Note 4) (Note 4) (Note 4) SS = 2V
-45 4.35
-55 4.5 0.25 18 10.0 0.27
-75 4.65 0.30 23 0.33
A V V A mA V
Charged Threshold minus: SS = 2V SS = 2V
0.20 13 0.25
ILOAD = -10mA ILOAD = 10mA CLOAD = 100pF (Note 4) CLOAD = 100pF (Note 4)
2.85 -
3.5 0.4 15 15
0.9 -
V V ns ns
VREF - OUTA or OUTB, IOUT = -50mA, 1S duration, CVREF = 1.0F OUTA or OUTB - GND, IOUT = 50mA, 1s duration, CVREF = 1.0F CGATE = 1nF, VDD = 15V (Note 4) CGATE = 1nF, VDD = 15V (Note 4)
-
0.5 0.5 50 40
1.0 1.0 100 80
V V ns ns
135 120 -
145 130 15
155 140 -
C C C
2.375 18
2.50 25
2.625 30
V A
0.97 7 4.8 1 VRTD/VFF, VRTC/VFF 0.78 4.20
1.00 10 0.8 -
1.03 15 0.82 VREF
V A V M V/V V
3. Specifications at -40C and 105C are guaranteed by 25C test with margin limits. 4. Guaranteed by design, not 100% tested in production. 5. SYNC pulse width is the greater of this value or the CT discharge time. 6. This is the maximum duty cycle achievable using the specified values of RTC, RTD, and CT. Larger or smaller maximum duty cycles may be obtained using other values for these components. See Equations 2-4. 7. The oscillator frequency is affected by the tolerance of the timing components used. In particular, parasitic capacitance at the CT pin introduced by layout, leads, and probes, etc. will lower the frequency.
7
FN9195.0 February 7, 2005
ISL6740A Typical Performance Curves
1.001 CT DISCHARGE CURRENT GAIN -25 -10 5 20 35 50 65 80 95 110
65
NORMALIZED VREF
1
60
0.999
55
50
0.998
45
0.997 -40
40
0
50
100 150 200 250 300 350 400 450 RTD CURRENT (A)
500
TEMPERATURE (C)
FIGURE 1. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 2. OSCILLATOR CT DISCHARGE CURRENT GAIN
1*104
DEADTIME - TD (ns)
FREQUENCY (Hz)
CT (pF) = 1000 680 470 1*103 330 220 100
1*106
1*105 RTD = 10K CT (pF) = 100 220 330 470 1*104 10 20 30
100
680 1000 40 50 60 70 80 90 100
10 10
20
30
40
50
60
70
80
90
100
RTD (k)
RTC (k)
FIGURE 3. DEADTIME (DT) vs CAPACITANCE
FIGURE 4. CAPACITANCE vs FREQUENCY
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize noise immunity, bypass VDD to GND with a ceramic capacitor as close to the VDD and GND pins as possible. The total supply current, IDD, will be dependent on the load applied to outputs OUTA and OUTB. Total IDD current is the sum of the quiescent current and the average output current. Knowing the operating frequency, Fsw, and the output loading capacitance charge, Q, per output, the average output current can be calculated from:
I OUT = 2 * Q * F SW A (EQ. 1)
RTC - This is the oscillator timing capacitor charge current control pin. A resistor is connected between this pin and GND. The current flowing through the resistor determines the magnitude of the charge current. The charge current is nominally twice this current. The PWM maximum ON time is determined by the timing capacitor charge duration. The voltage appearing on this pin is nominally 80% of the voltage applied to the UV/FF pin. RTD - This is the oscillator timing capacitor discharge current control pin. A resistor is connected between this pin and GND. The current flowing through the resistor determines the magnitude of the discharge current. The discharge current is nominally 50x this current. The PWM deadtime is determined by the timing capacitor discharge duration. The voltage appearing on this pin is nominally 80% of the voltage applied to the UV/FF pin. CT - The oscillator timing capacitor is connected between this pin and GND.
SYNC - A bidirectional synchronization signal used to coordinate the switching frequency of multiple units. Synchronization may be achieved by connecting the SYNC signal of each unit together or by using an external master clock signal. The oscillator timing capacitor, CT, is always required regardless of the synchronization method used. The paralleled unit with the highest oscillator frequency assumes control. 8
FN9195.0 February 7, 2005
ISL6740A
VERROR - The inverting input of the PWM comparator. The error voltage is applied to this pin to control the duty cycle. Increasing the signal level increases the duty cycle. The node may be driven with an external error amplifier or optocoupler. The ISL6740A features a built-in soft-start capability. Softstart is implemented as a clamp on the error voltage input. OTS - The non-inverting input to the over temperature shutdown comparator. The signal input at this pin is compared to an internal threshold of VREF/2. If the voltage at this pin exceeds the threshold, the Fault signal is asserted and the outputs are disabled until the condition clears. There is a nominal 25A switched current source used for hysteresis. The amount of hysteresis is adjustable by varying the source impedance of the signal into this pin. OTS may be used to monitor parameters other than temperature, such as voltage. Any signal for which a high out-of-bounds monitor is desired may utilize the OTS comparator. FAULT - The Fault signal is asserted high whenever the outputs, OUTA and OUTB, are disabled. This occurs during an over temperature fault, an input UV fault, a VREF UV fault, or during an overcurrent or short circuit shutdown fault. Fault can be used to disable synchronous rectifiers whenever the outputs are disabled. Fault is a three-state output and is high impedance during the soft-start cycle. Adding a pull-up resistor to VREF or a pull-down resistor to ground determines the state of Fault during soft-start. This feature allows the designer to use the Fault signal to enable or disable output synchronous rectifiers during soft-start. UV/FF - Undervoltage monitor and voltage feed forward input pin. A resistor divider between the input source voltage and GND sets the undervoltage lock-out threshold and provides voltage sensing for the feed forward compensation circuit. The signal is compared to an internal 1.00V reference to detect an undervoltage or inhibit condition. For voltages in excess of the UV threshold, the signal provides voltage information to the voltage feed forward function. CS - This is the input to the current sense comparator. The overcurrent comparator threshold is set at 0.600V nominal. The CS pin is shorted to GND at the termination of each output pulse. Depending on the current sensing source impedance, a series input resistor may be required due to the delay between the internal clock and the external power switch. This delay may allow an overlap such that the CS signal may be discharged while the current signal is still active. If the current sense source is low impedance it will cause increased power dissipation. Exceeding the overcurrent threshold will start a delayed shutdown sequence. Once an overcurrent condition is detected, the soft-start charge current source is disabled. The soft-start capacitor begins discharging through a 25A current source, and if it discharges to less than 4.25V (Sustained Overcurrent Threshold), a shutdown condition occurs and the OUTA and OUTB outputs are forced low. When the soft-start voltage reaches 0.27V (Reset Threshold) a soft-start cycle begins. An overcurrent condition must be absent for 50s before the delayed shutdown control resets. If the overcurrent condition ceases, and an additional 50s period elapses before the shutdown threshold is reached, no shutdown occurs. The SS charging current is re-enabled and the soft-start voltage is allowed to recover. GND - Reference and power ground for all functions on this device. Due to high peak currents and high frequency operation, a low impedance layout is necessary. Ground planes and short traces are highly recommended. OUTA and OUTB - Alternate half cycle output stages. Each output is capable of 0.5A peak currents for driving logic level power MOSFETs or MOSFET drivers. Each output provides very low impedance to overshoot and undershoot. VREF - The 5.00V reference voltage output. +1/-2% tolerance over line, load and operating temperature. Bypass to GND with a 0.047F to 2.2F ceramic capacitor. Capacitors outside of this range may cause oscillation. SS - Connect the soft-start timing capacitor between this pin and GND to control the duration of soft-start. The value of the capacitor determines the rate of increase of the duty cycle during start up, controls the overcurrent shutdown delay, and the overcurrent and short circuit hiccup restart period. SCSET - Sets the duty cycle threshold that corresponds to a short circuit condition. A resistive divider between RTC and GND, VREF to GND, RTD and GND, or a voltage between 0 and 2V may be used to adjust the SCSET threshold. If using a resistor divider from either RTC or RTD, the impedance to GND affects the oscillator timing and should be considered when determining the oscillator timing components. Connecting SCSET to GND disables short circuit shutdown and hiccup.
Functional Description
Features
The ISL6740A PWM is an excellent choice for low cost feed forward voltage mode bridge topologies for applications requiring accurate duty cycle and deadtime control. With its many protection and control features, a highly flexible design with minimal external components is possible. Among its many features are voltage feed forward compensation, adjustable soft-start, overcurrent protection, thermal
9
FN9195.0 February 7, 2005
ISL6740A
protection, bidirectional synchronization, fault indication, and adjustable frequency. The SYNC input is edge triggered and its duration does not affect oscillator operation. However, the deadtime is affected by the SYNC frequency. A higher frequency signal applied to the SYNC input will shorten the deadtime. The shortened deadtime is the result of the timing capacitor charge cycle being prematurely terminated by the external SYNC pulse. Consequently, the timing capacitor is not fully charged when the discharge cycle begins. This effect is only a concern when an external master clock is used, or if units with different operating frequencies are paralleled.
Oscillator
The ISL6740A has an oscillator with a programmable frequency range to 2MHz, and can be programmed with two resistors and a capacitor. The use of three timing elements, RTC, RTD, and CT allows great flexibility and precision when setting the oscillator frequency. The switching period is the sum of the timing capacitor charge and discharge durations. The charge duration is determined by RTC and CT. The discharge duration is determined by RTD and CT.
T C 0.5 * R TC * C T T D 0.02 * R TD * C T 1 T SW = T C + T D = ----------F SW S (EQ. 2)
Soft-Start Operation
Soft-start is controlled using an external capacitor in conjunction with an internal current source. Soft-start reduces stresses and surge currents during start up. Upon start up, the soft-start circuitry clamps the error voltage input (VERROR pin) indirectly to a value equal to the softstart voltage. The soft-start clamp does not actually clamp the error voltage input as is done in many implementations. Rather the PWM comparator has two inverting inputs such that the lower voltage is in control. The output pulse width increases as the soft-start capacitor voltage increases. This has the effect of increasing the duty cycle from zero to the regulation pulse width during the softstart period. When the soft-start voltage exceeds the error voltage at the PWM comparator inputs, soft-start is completed. Soft-start occurs during start-up, after recovery from a Fault condition or overcurrent/short circuit shutdown. The soft-start voltage is clamped to 4.5V. The Fault signal output is high impedance during the softstart cycle unless an active fault (see Fault Conditions) is present. A pull-up resistor to VREF or a pull-down resistor to ground should be added to achieve the desired state of Fault during soft-start.
S S
(EQ. 3) (EQ. 4)
where TC and TD are the charge and discharge times, respectively, TSW is the oscillator free running period, and f is the oscillator frequency. One output switching cycle requires two oscillator cycles. The actual times will be slightly longer than calculated due to internal propagation delays of approximately 10ns/transition. This delay ads directly to the switching duration, but also causes overshoot of the timing capacitor peak and valley voltage thresholds, effectively increasing the peak-to-peak voltage on the timing capacitor. Additionally, if very low charge and discharge currents are used, there will be increased error due to the input impedance at the CT pin. The maximum duty cycle, D, and percent deadtime, DT, can be calculated from:
TC D = ----------T SW DT = 1 - D (EQ. 5)
Gate Drive
The outputs are capable of sourcing and sinking 0.5A peak current, but are primarily intended to be used in conjunction with a MOSFET driver due to the 5V drive level. To limit the peak current through the IC, an external resistor may be placed between the totem-pole output of the IC (OUTA or OUTB pin) and the gate of the MOSFET. This small series resistor also damps any oscillations caused by the resonant tank formed by the parasitic inductances in the traces of the board and the device's input capacitance.
(EQ. 6)
FIGs. 3 and 4 graphically portray the deadtime and oscillator frequency as function of the timing components.
Implementing Synchronization
The oscillator can be synchronized to an external clock applied to the SYNC pin or by connecting the SYNC pins of multiple ICs together. If an external master clock signal is used, the free running frequency of the oscillator should be ~10% slower than the desired synchronous frequency. The external master clock signal should have a pulse width greater than 20ns. The SYNC circuitry will not respond to an external signal during the first 60% of the oscillator switching cycle.
Undervoltage Monitor, Inhibit, and Feed Forward
The UV/FF input is used for input source undervoltage lockout and inhibit functions as well as sensing the input voltage for feed forward compensation. If the node voltage falls below 1.00V, a UV shutdown fault occurs. This may be caused by low source voltage or by intentional grounding of the pin to disable the outputs. There is a nominal 10A switched current source used to create hysteresis. The current source is active only during a
FN9195.0 February 7, 2005
10
ISL6740A
UV/Inhibit fault; otherwise, it is inactive and does not affect the node voltage. The magnitude of the hysteresis is a function of the external resistor divider impedance. If the resistor divider impedance results in too little hysteresis, a series resistor between the UV pin and the divider may be used to increase the hysteresis. A soft-start cycle begins when the UV/Inhibit fault clears. The voltage hysteresis created by the switched current source and the external impedance is generally small due to the large resistor divider ratio required to scale the input voltage down to the UV threshold level. A small capacitor placed between the UV input and ground may be required to filter noise out. the oscillator. The voltage feed forward operates over a 3:1 input voltage range.
VUV/FF
VERROR CT OUTA OUTB
FIGURE 6. FEED FORWARD BEHAVIOR
VIN
R1 1.00V R3 R2 10A ON + -
The voltage applied to the UV/FF pin is multiplied by 0.8 and output on the RTC and RTD pins. This voltage is also summed with the CT valley threshold voltage (0.8 V) to create the CT peak threshold voltage. As the voltage applied to UV/FF varies, the CT peak voltage and the CT charge and discharge currents vary, all in direct proportion to each other. The result is an amplitude modulated sawtooth waveform on CT that is frequency invariant. The voltage amplitude of CT ranges from 1.6V to 4.2V as the voltage on UV increases. The UV threshold defines the minimum amplitude of CT and corresponds to maximum duty cycle operation. For unregulated bus converters and DC transformers, feed forward can compensate for input voltage variations without a closed loop feedback network. A resistive voltage divider from VREF to VERROR sets the feed forward control voltage. For example, if the desired duty cycle at the minimum operating voltage is 90%, then
V ERROR = D max ( V UV FF * 0.8 ) + 0.8 = 0.9 ( 1.0 * 0.8 ) + 0.8 = 1.52 V V (EQ. 11)
FIGURE 5. UV HYSTERESIS
As VIN decreases to a UV condition, the threshold level is:
V IN ( DOWN ) = R1 + R2 --------------------R2 V (EQ. 7)
The hysteresis voltage, V, is:
V = 10
-5
R1 + R2 * R1 + R3 * --------------------- R2
V
(EQ. 8)
Setting R3 equal to zero results in the minimum hysteresis, and yields:
V = 10
-5
Overcurrent Protection
There are two overcurrent protection mechanisms in the ISL6740A, one for light overcurrent and one for heavy over load. They are referred to, respectively, as overcurrent protection and short circuit protection. Overcurrent Operation Overcurrent delayed shutdown is enabled once the soft-start cycle is complete. If an overcurrent condition is detected, the soft-start charging current source is disabled and the softstart capacitor is allowed to discharge through a 15A source. At the same time a 50s re-triggerable one-shot timer is activated. It remains active for 50s after the overcurrent condition ceases. If the soft-start capacitor discharges by more then 0.25V to 4.25V, the output is disabled and the Fault signal asserted. This state continues until the soft-start voltage reaches 270mV, at which time a new soft-start cycle is initiated. If the overcurrent condition
FN9195.0 February 7, 2005
* R1
V
(EQ. 9)
As VIN increases from a UV condition, the threshold level is:
V IN ( UP ) = V IN ( DOWN ) + V V (EQ. 10)
Output voltage variation caused by changes in the supply voltage may be virtually removed through a technique known as feed forward compensation. Using feed forward, the duty cycle is directly modulated based on changes in the input voltage only. No closed loop feedback system is required. The feed forward circuit uses the voltage applied to the UV/FF pin to modulate the oscillator ramp amplitude with minimal effect on the switching frequency and deadtime of
11
ISL6740A
stops at least 50s prior to the soft-start voltage decreasing to 4.25V, the soft-start charging currents revert to normal operation and the soft-start voltage is allowed to recover.
4.5 V SS
If the overcurrent condition is removed prior to a shutdown, a recovery can occur as indicated in Figure 9. When the load decreases below the overcurrent threshold and an additional 50s elapses without the SS dropping below 4.25V, the overcurrent circuitry resets and the soft-start voltage recovers. The duration of the OC shutdown period can be increased by adding a resistor between VREF and SS. The value of the resistor must be large enough so that the minimum specified SS discharge current is not exceeded. Using a 422k resistor, for example, will result in a small current being injected into SS, effectively reducing the discharge current. This will nearly double the OFF time. The external pull-up resistor will also decrease the SS duration, so its effect should be considered when selecting the value of the SS capacitor.
1 2 3 4 5 6 7 16 VREF 15 14 13
0.6 V OC CS OUTA
OUTB
FIGURE 7. PULSE-BY-PULSE OC BEHAVIOR DURING SS
Figure 7 shows the overcurrent behavior during SS. Although an overcurrent condition exists, a shutdown is not allowed prior to completion of the SS cycle. Only peak current limit operates during the soft-start cycle. If the overcurrent condition were to continue beyond the soft-start cycle, a delayed overcurrent shutdown would occur as shown in Figure 8.
SS 4.5 V 4.25 V 0.27 V 0.6 V OC CS OUTA
ISL6740A
12 11 10
R
8
SS 9
CSS
FIGURE 10. MODIFYING OC SHUTDOWN TIMING
OUTB
FIGURE 8. OC SHUTDOWN BEHAVIOR
Figure 8 portrays the typical delayed overcurrent shutdown behavior. Once SS has discharged to 4.25V, the outputs are disabled and remain that way until SS has discharged to 0.27V, and then a new SS cycle begins.
SS OC 4.25 V 0.6 V OC CS OUTA 4.5 V 50 S
Latching OC shutdown is also possible by using a lower valued resistor between VREF and SS. If the SS node is not allowed to discharge below the SS reset threshold, the IC will not recover from an overcurrent fault. The value of the resistor must be low enough so that the maximum specified discharge current is not sufficient to pull SS below 0.33V. A 200k resistor, for example, prevents SS from discharging below ~0.4V. Again, the external pull-up resistor will decrease the SS duration, so its effect should be considered when selecting the value of the SS capacitor Short Circuit Operation If the output current increases beyond the overcurrent threshold, peak current limit will reduce the duty cycle. As the load current continues to increase, the duty cycle continues to decrease. A short circuit event is defined as the simultaneous occurrence of current limit and a reduced duty cycle. The degree of reduced duty cycle that defines a short circuit condition is user adjustable using the SCSET input. A resistor divider between RTD, RTC, or VREF and GND to RCSET sets a threshold that is compared to the voltage on the timing capacitor, CT. The resistor divider voltage divided
FN9195.0 February 7, 2005
OUTB
FIGURE 9. OC RECOVERY PRIOR TO SHUTDOWN
12
ISL6740A
by 2 corresponds to the duty cycle below which a short circuit can exist.
V SCSET D SC = ---------------------- D max 2 (EQ. 12)
Thermal Protection
Two methods of over temperature protection are provided. The first method is an on board temperature sensor that protects the device should the junction temperature exceed 145C. There is approximately 15C of hysteresis. The second method uses an internal comparator with a 2.5V reference (VREF/2). The non-inverting input to the comparator is accessible through the OTS pin. A thermistor or thermal sensor located at or near the area of interest may be connected to this input. There is a nominal 25A switched current source used to create hysteresis. The current source is active only during an OT fault; otherwise, it is inactive and does not affect the node voltage. The magnitude of the hysteresis is a function of the external resistor divider impedance. Either a positive temperature coefficient (PTC) or a negative temperature coefficient (NTC) thermistor may be used. If a NTC thermistor is desired, position R1 may be substituted. If a PTC is desired, then position R2 may be
where DSC is the maximum short circuit duty cycle, VSCSET is the voltage applied to SCSET, and Dmax is the maximum duty cycle. If the timing capacitor voltage fails to exceed the threshold before an overcurrent pulse is detected, a short circuit condition exists. A shutdown will occur if 8 short circuit events occur within 32 oscillator cycles. Once shutdown occurs, SS will discharge through a 15A current source. A new soft-start cycle will begin when SS reaches 0.27V. Latching shutdown may be implemented in the same manner as described in the overcurrent section. Short circuit shutdown is enabled once the soft-start cycle is complete. Connecting SCSET to GND inhibits short circuit shutdown. If either RTC ar RTD are used as the voltage source for the divider, the effect of the SCSET divider must be included in the timing calculations since the current sourced from RTC and RTD determine the charge and discharge currents for the timing capacitor. Typically the resistor between either RTC or RTD and GND is formed by two series resistors with the center node connected to SCSET. Alternatively, SCSET may be set using a voltage between 0V and 2V. This voltage divided by 2 determines the percentage of the maximum duty cycle that corresponds to a short circuit when current limit is active. For example, if the maximum duty cycle is 95% and 1V is applied to SCSET, then the short circuit duty cycle is 50% of 95% or 47.5%.
VREF VREF ON R1 25A VREF/2 + -
R3 R2
Fault Conditions
A fault condition occurs if any of the following conditions occur: * VREF falls below 4.65V * UV falls below 1.00V * the internal thermal protection triggers * OTS faults When any of the above faults are detected, OUTA and OUTB outputs are disabled, Fault is asserted, and the softstart capacitor is quickly discharged. When the fault condition clears and the soft-start voltage is below the reset threshold, a soft-start cycle begins. Fault is high impedance during the soft-start cycle unless an active fault is present. A shutdown resulting from an overcurrent or short circuit condition also causes assertion of Fault, but the soft-start capacitor is not quickly discharged. The initiation of a new soft-start cycle is delayed while the soft-start capacitor is discharged at a 15A rate. This reduces the repetition rate of the hiccup behavior and keeps the average output current to a minimum.
FIGURE 11. OTS HYSTERESIS
substituted. The threshold with increasing temperature is set by making the fixed resistance equal in value to the thermistor resistance at the desired trip temperature. VTH = 2.5V and R1 = R2 (HOT) To determine the value of the hysteresis resistor, R3, select the value of thermistor resistance that corresponds to the desired reset temperature.
10 * ( R1 - R2 ) - R1 * R2 R3 = --------------------------------------------------------------------R1 + R2
5
(EQ. 13)
13
FN9195.0 February 7, 2005
ISL6740A
If the hysteresis resistor, R3, is not desired, the value of the thermistor resistance at the reset temperature can be determined from:
2.5 * R2 R1 = ----------------------------------------5 2.5 - 10 * R2 2.5 * R1 R2 = ----------------------------------------5 2.5 + 10 * R1 ( NTC ) (EQ. 14)
( PTC )
(EQ. 15)
Other Uses for OTS The OTS comparator may also be used to monitor signals other than as suggested above. It may also be used to monitor any voltage signal for which an excess requires a response as described above. Input and output voltage monitoring are examples of this.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the device. A good ground plane must be employed. VDD and VREF should be bypassed directly to GND with good high frequency capacitance.
14
FN9195.0 February 7, 2005
ISL6740A Thin Shrink Small Outline Plastic Packages (TSSOP)
N INDEX AREA E E1 -B1 2 3 L 0.05(0.002) -AD -CSEATING PLANE A 0.25 0.010 GAUGE PLANE 0.25(0.010) M BM
M16.173
16 LEAD THIN SHRINK SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 b c D MIN 0.002 0.033 0.0075 0.0035 0.193 0.169 MAX 0.043 0.006 0.037 0.012 0.008 0.201 0.177 MILLIMETERS MIN 0.05 0.85 0.19 0.09 4.90 4.30 MAX 1.10 0.15 0.95 0.30 0.20 5.10 4.50 NOTES 9 3 4 6 7 8o Rev. 1 2/02
A1 0.10(0.004) A2 c
E1 e E L N
e
b 0.10(0.004) M C AM BS
0.026 BSC 0.246 0.020 16 0o 8o 0.256 0.028
0.65 BSC 6.25 0.50 16 0o 6.50 0.70
NOTES: 1. These package dimensions are within allowable dimensions of JEDEC MO-153-AB, Issue E. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E1" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total in excess of "b" dimension at maximum material condition. Minimum space between protrusion and adjacent lead is 0.07mm (0.0027 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. (Angles in degrees)
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 15
FN9195.0 February 7, 2005


▲Up To Search▲   

 
Price & Availability of ISL6740AIVZA-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X