Part Number Hot Search : 
SMAJ100 24C512BN 1117C 81Z10 SMAJ100 LSEF2 Y7C14 5D391
Product Description
Full Text Search
 

To Download ISL43L111IHZ-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL43L110, ISL43L111
Data Sheet March 15, 2005 FN6130.0
Ultra Low ON-Resistance, +1.1V to +4.5V Single Supply, SPST Analog Switches
The Intersil ISL43L110 and ISL43L111 devices are low ON-resistance, low voltage, bidirectional, single pole/single throw (SPST) analog switches designed to operate from a single +1.1V to +4.5V supply. Targeted applications include battery powered equipment that benefit from low RON resistance, excellent RON flatness, and fast switching speeds (tON = 8ns, tOFF = 5ns). The digital logic input is 1.8V CMOS compatible when using a single +3V supply. Cell phones, for example, often face ASIC functionality limitations. The number of analog input or GPIO pins may be limited and digital geometries are not well suited to analog switch performance. This family of parts may be used to switch in additional functionality while reducing ASIC design risk. The ISL43L11X are offered in a 5 lead SC70 package, alleviating board space limitations. The ISL43L110 has one normally open (NO) switch and ISL43L111 has one normally closed (NC) switch.
TABLE 1. FEATURES AT A GLANCE ISL43L110 Number of Switches SW 1.8V RON 1.8V tON/tOFF 3V RON 3V tON/tOFF 4.3V RON 4.3V tON/tOFF Package 1 NO 0.45 17ns/7ns 0.24 9ns/6ns 0.21 8ns/5ns 5 Ld SC70 ISL43L111 1 NC 0.45 17ns/7ns 0.24 9ns/6ns 0.21 8ns/5ns
Features
* Pb-Free available (RoHS compliant) * Drop in replacement for the MAX4715 and MAX4716 * ON resistance (RON) - VCC = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.21 - VCC = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.24 - VCC = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45 * RON flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03 * Single supply operation . . . . . . . . . . . . . . . . . +1.1V to +4.5V * Fast switching action (+3.9V Supply) - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns * ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV * 1.8V, CMOS logic compatible (+3V supply) * 5 lead SC70 packaging
Applications
* Battery powered, handheld, and portable equipment - Cellular/mobile phones - Pagers - Laptops, notebooks, palmtops * Portable test and measurement * Medical equipment * Audio and video switching
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)"
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-352-6832 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL43L110, ISL43L111 Pinouts
(Note 1) ISL43L110 (SC70) TOP VIEW ISL43L111 (SC70) TOP VIEW
COM 1 NO 2 GND 3
5 V+
COM 1 NC 2
5 V+
4 IN
GND 3
4 IN
NOTE: 1. Switches Shown for Logic "0" Input.
Truth Table
LOGIC 0 1 NOTE: ISL43L110 Off On ISL43L111 On Off
Ordering Information
PART NO. (BRAND) ISL43L110IH-T (CKA) ISL43L110IHZ-T (CKA) (See Note) ISL43L111IH-T (CLA) ISL43L111IHZ-T (CLA) (See Note) TEMP. RANGE (C) -40 to 85 -40 to 85 PACKAGE 5 Ld SC70 Tape and Reel PKG. DWG. # P5.049
Logic "0" 0.5V. Logic "1" 1.4V with a 3V supply.
Pin Descriptions
PIN V+ GND IN COM NO NC FUNCTION System Power Supply Input (+1.1V to +4.5V) Ground Connection Digital Control Input Analog Switch Common Pin Analog Switch Normally Open Pin Analog Switch Normally Closed Pin
5 Ld SC70 P5.049 Tape and Reel (Pb-Free) 5 Ld SC70 Tape and Reel P5.049
-40 to 85 -40 to 85
5 Ld SC70 P5.049 Tape and Reel (Pb-Free)
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2
FN6130.0 March 15, 2005
ISL43L110, ISL43L111
Absolute Maximum Ratings
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V Input Voltages NO, NC, IN (Note 2) . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V) Output Voltages COM (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V) Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . . 300mA Peak Current NO, NC, or COM (Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . 600mA ESD Rating: HBM > . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1000V
Thermal Information
Thermal Resistance (Typical, Note 3) JA (C/W) 5 Ld SC70 Package . . . . . . . . . . . . . . . . . . . . . . . . . 660 Maximum Junction Temperature (Plastic Package). . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to 85C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 2. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings. 3. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS
PARAMETER ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG ON Resistance, RON
Full V+ = 3.9V, ICOM = 100mA, VNO or VNC = 2.2V (See Figure 4) V+ = 3.9V, ICOM = 100mA, VNO or VNC = 0.8V, 2.2V, 3.5V, (Note 7) V+ = 4.5V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V 25 Full 25 Full 25 Full V+ = 4.5V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V, or Floating 25 Full
0 -30 -200 -3 -35
0.22 0.25 0.03 0.05 -
V+ 30 200 3 35
V nA nA nA nA
RON Flatness, RFLAT(ON)
NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) COM ON Leakage Current, ICOM(ON) DYNAMIC CHARACTERISTICS Turn-ON Time, tON
V+ = 3.9V, VNO or VNC = 1.5V, RL = 50, CL = 35pF (See Figure 1, Note 8) V+ = 3.9V, VNO or VNC = 1.5V, RL = 50, CL = 35pF (See Figure 1, Note 8) VG = V+/2, RG = 0, CL = 1.0nF (See Figure 2) RL = 50, CL = 5pF, f = 100kHz, VCOM = 1VRMS, (See Figure 3) f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32
25 Full 25 Full 25 25 25 25 25
-
8 5 89 -65 0.003 68 160
15 20 10 15 -
ns ns ns ns pC dB % pF pF
Turn-OFF Time, tOFF
Charge Injection, Q OFF Isolation Total Harmonic Distortion
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5) COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
3
FN6130.0 March 15, 2005
ISL43L110, ISL43L111
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified (Continued) TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS
PARAMETER POWER SUPPLY CHARACTERISTICS Power Supply Range Positive Supply Current, I+
Full V+ =+4.5V, VIN = 0V or V+ 25 Full
1.1 -
4.5 0.05 0.4
V A A
DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Input Voltage High, VINH Input Current, IINH, IINL NOTES: 4. VIN = input voltage to perform proper function. 5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 6. Parts are 100% tested at +25C. Limits across the full temperature range are guaranteed by design and correlation. 7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range. 8. Guaranteed but not tested. V+ = 4.5V, VIN = 0V or V+ (Note 8) Full Full Full 1.6 -0.5 0.5 0.5 V V A
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS
PARAMETER ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG ON Resistance, RON RON Flatness, RFLAT(ON) NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) COM ON Leakage Current, ICOM(ON) DYNAMIC CHARACTERISTICS Turn-ON Time, tON Turn-OFF Time, tOFF Charge Injection, Q OFF Isolation Total Harmonic Distortion NO or NC or COM OFF Capacitance, COFF COM ON Capacitance, CCOM(ON)
Full V+ = 2.7V, ICOM = 100mA, VNO or VNC = 1.5V (See Figure 4) V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0.6V, 1.5V, 2.1V (Note 7) V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V V+ = 3.3V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V, or Floating 25 Full 25 Full 25 Full 25 Full
0 -
0.26 0.038 1.8 8 1.8 16
V+ 0.4 0.45 0.07 0.09 -
V nA nA nA nA
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50, CL = 35pF (See Figure 1, Note 8) V+ = 2.7V, VNO or VNC = 1.5V, RL = 50, CL = 35pF (See Figure 1, Note 8) VG = V+/2, RG = 0,CL = 1.0nF (See Figure 2) RL = 50, CL = 5pF, f = 100kHz, VCOM = 1VRMS (See Figure 3) f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32 f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25 Full 25 Full 25 25 25 25 25
-
9 6 72 -65 0.003 68 160
15 20 12 15 -
ns ns ns ns pC dB % pF pF
4
FN6130.0 March 15, 2005
ISL43L110, ISL43L111
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified (Continued) TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS A A
PARAMETER POWER SUPPLY CHARACTERISTICS Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25 Full
-
0.018 0.13
-
DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Input Voltage High, VINH Input Current, IINH, IINL V+ = 3.6V, VIN = 0V or V+ (Note 8) Full Full Full 1.4 -0.5 0.5 0.5 V V A
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Notes 4, 6), Unless Otherwise Specified TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS
PARAMETER ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG ON Resistance, RON
Full V+ = 1.8V, ICOM = 10mA, VNO or VNC = 0.9V (See Figure 4) V+ = 1.8V, VCOM = 0.3V, 1.5V, VNO or VNC = 1.5V, 0.3V 25 Full 25 Full V+ = 1.8V, VCOM = 0.3V, 1.5V, or VNO or VNC = 0.3V, 1.5V, or Floating 25 Full
0 -
0.45 0.4 7 0.8 14
V+ 0.6 0.8 -
V nA nA nA nA
NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) COM ON Leakage Current, ICOM(ON) DYNAMIC CHARACTERISTICS Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50, CL = 35pF (See Figure 1, Note 8) V+ = 1.8V, VNO or VNC = 1.5V, RL = 50, CL = 35pF (See Figure 1, Note 8) VG = V+/2, RG = 0,CL = 1.0nF (See Figure 2)
25 Full 25 Full 25
-
17 7 52
25 30 15 20 -
ns ns ns ns pC
Turn-OFF Time, tOFF
Charge Injection, Q
POWER SUPPLY CHARACTERISTICS Positive Supply Current, I+ V+ = 1.8V, VIN = 0V or V+ 25 Full DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Input Voltage High, VINH Input Current, IINH, IINL VIN = 0V or V+ (Note 8) Full Full Full 1 -0.5 0.4 0.5 V V A 0.018 0.13 A A
Electrical Specifications - 1.1V Supply
Test Conditions: V+ = +1.1V, GND = 0V, VINH = 1.0V, VINL = 0.3V (Notes 4, 6), Unless Otherwise Specified TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS
PARAMETER ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG ON Resistance, RON
Full V+ = 1.1V, ICOM = 100mA, VNO or VNC = 0.6V (See Figure 4) 25 Full
0 -
2.4 3
V+ -
V
5
FN6130.0 March 15, 2005
ISL43L110, ISL43L111
Electrical Specifications - 1.1V Supply
Test Conditions: V+ = +1.1V, GND = 0V, VINH = 1.0V, VINL = 0.3V (Notes 4, 6), Unless Otherwise Specified (Continued) TEST CONDITIONS TEMP (C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS
PARAMETER DYNAMIC CHARACTERISTICS Turn-ON Time, tON
V+ = 1.1V, VNO or VNC = 1.0V, RL = 50, CL = 35pF (See Figure 1) V+ = 1.1V, VNO or VNC = 1.0V, RL = 50, CL = 35pF (See Figure 1)
25 Full 25 Full
-
41 42 11 12
-
ns ns ns ns
Turn-OFF Time, tOFF
DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Input Voltage High, VINH Full Full 0.42 0.58 V V
Test Circuits and Waveforms
V+ LOGIC INPUT 50% 0V tOFF SWITCH INPUT VNO 90% SWITCH OUTPUT 0V tON VOUT 90% LOGIC INPUT SWITCH INPUT NO or NC COM IN GND RL 50 CL 35pF VOUT tr < 5ns tf < 5ns V+ C
Logic input waveform is inverted for switches that have the opposite logic sense.
Repeat test for all switches. CL includes fixture and stray capacitance. RL -----------------------------V OUT = V (NO or NC) R + R L ( ON ) FIGURE 1B. TEST CIRCUIT
FIGURE 1A. MEASUREMENT POINTS FIGURE 1. SWITCHING TIMES
V+
C
SWITCH OUTPUT VOUT ON
VOUT
RG
NO or NC
COM
VOUT
V+ LOGIC INPUT ON OFF 0V LOGIC INPUT VG GND IN CL
Q = VOUT x CL
FIGURE 2A. MEASUREMENT POINTS FIGURE 2. CHARGE INJECTION
FIGURE 2B. TEST CIRCUIT
6
FN6130.0 March 15, 2005
ISL43L110, ISL43L111 Test Circuits and Waveforms (Continued)
V+ C SIGNAL GENERATOR RON = V1/100mA
NO or NC NO or NC
V+ C
VNX IN 0V or V+
100mA V1 IN 0V or V+
ANALYZER RL
COM
COM
GND
GND
FIGURE 3. OFF ISOLATION TEST CIRCUIT
FIGURE 4. RON TEST CIRCUIT
V+ C
NO or NC
IN IMPEDANCE ANALYZER COM GND
0V or V+
FIGURE 5. CAPACITANCE TEST CIRCUIT
Detailed Description
The ISL43L110 and ISL43L111 are bidirectional, single pole/single throw (SPST) analog switches. They offer precise switching capability from a single +1.1V to 4.5V supply with ultra low on-resistance and high speed operation. With a single supply of 4.3V the typical onresistance is only 0.21, with a typical turn-on and turn-off time of: tON = 8ns, tOFF = 5ns. The devices are especially well suited for portable battery powered equipment due to its low operating supply voltage (1.1V), low power consumption (1.8W max), low leakage currents (200nA max), and the tiny SC70 packaging. The ISL43L110 is a normally open (NO) SPST analog switch. The ISL43L111 is a normally closed (NC) SPST analog switch.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is required to protect the device from excessive input currents which might permanently damage the IC. All I/O pins contain ESD protection diodes from the pin to V+ and to GND (see Figure 6). To prevent forward biasing these diodes, V+ must be applied before any input signals, and the input signal voltages must remain between V+ and GND. If these conditions cannot be guaranteed, then precautions must be implemented to prohibit the current and voltage at the logic pin and signal pins from exceeding the maximum ratings of the switch. The following two methods can be used to provided additional protection to limit the current in the event that the voltage at a signal pin or logic pin goes below ground or above the V+ rail. Logic inputs can be protected by adding a 1k resistor in series with the input (see Figure 6). The resistor limits the input current below the threshold that produces permanent
7
FN6130.0 March 15, 2005
ISL43L110, ISL43L111
damage, and the sub-microamp input current produces an insignificant voltage drop during normal operation. This method is not acceptable for the signal path inputs. Adding a series resistor to the switch input defeats the purpose of using a low RON switch. Connecting schottky diodes to the signal pins as shown in Figure 6 will shunt the fault current to the supply or to ground thereby protecting the switch. These schottky diodes must be sized to handle the expected fault current.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.5V and 1.4V) over a supply range of 2V to 3.6V (See Figure 15). At 3.6V the VIH level is about 1.1V. This is still below the 1.8V CMOS guaranteed high output minimum level of 1.4V, but noise margin is reduced. The digital input stages draw supply current whenever the digital input voltage is not at one of the supply rails. Driving the digital input signals from GND to V+ with a fast transition time minimizes power dissipation.
OPTIONAL SCHOTTKY DIODE V+ OPTIONAL PROTECTION RESISTOR
High-Frequency Performance
In 50 systems, signal response is reasonably flat even past 100MHz (See Figure 16). The frequency response is very consistent over a wide V+ range, and for varying analog signal levels.
VCOM
INX VNX
OPTIONAL SCHOTTKY DIODE
GND
FIGURE 6. OVERVOLTAGE PROTECTION
An OFF switch acts like a capacitor and passes higher frequencies with less attenuation, resulting in signal feedthrough from a switch's input to its output. Off Isolation is the resistance to this feedthrough. Figure 17 details the high Off Isolation rejection provided by this family. At 100kHz, Off Isolation is about 65dB in 50 systems, decreasing approximately 20dB per decade as frequency increases. Higher load impedances decrease Off Isolation due to the voltage divider action of the switch OFF impedance and the load impedance.
Power-Supply Considerations
The ISL43L11X construction is typical of most single supply CMOS analog switches in that they have two supply pins: V+ and GND. V+ and GND drive the internal CMOS switches and set their analog voltage limits. Unlike switches with a 4V maximum supply voltage, the ISL43L11X 4.7V maximum supply voltage provides plenty of room for the 10% tolerance of 4.2V supplies, as well as room for overshoot and noise spikes. The minimum recommended supply voltage is 1.1V. It is important to note that the input signal range, switching times, and on-resistance degrade at lower supply voltages. Refer to the electrical specification tables and Typical Performance curves for details. V+ and GND also power the internal logic and level shiftier. The level shiftier converts the input logic levels to switched V+ and GND signals to drive the analog switch gate terminals. This family of switches cannot be operated with bipolar supplies, because the input switching point becomes negative in this configuration.
Leakage Considerations
Reverse ESD protection diodes are internally connected between each analog-signal pin and both V+ and GND. One of these diodes conducts if any analog signal exceeds V+ or GND. Virtually all the analog leakage current comes from the ESD diodes to V+ or GND. Although the ESD diodes on a given signal pin are identical and therefore fairly well balanced, they are reverse biased differently. Each is biased by either V+ or GND and the analog signal. This means their leakages will vary as the signal varies. The difference in the two diode leakages to the V+ and GND pins constitutes the analogsignal-path leakage current. All analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. This is why both sides of a given switch can show leakage currents of the same or opposite polarity. There is no connection between the analog signal paths and V+ or GND.
8
FN6130.0 March 15, 2005
ISL43L110, ISL43L111 Typical Performance Curves
0.3 0.29 0.28 0.27 0.26 RON () 0.25 0.24 0.23 0.22 0.21 0.2 0.19 0 1 2 VCOM (V) 3 4 5 V+ = 3.6V 0.5 V+ = 4.3V 0 0 0.5 1 VCOM (V) 1.5 2 V+ = 1.62V V+ = 1.8V V+ = 3V V+ = 2.7V 1.5 RON () ICOM = 100mA 2
TA = 25C, Unless Otherwise Specified
2.5 ICOM = 100mA
1
V+ = 1.1V V+ = 1.5V
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE
0.3 V+ = 4.3V ICOM = 100mA
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE
0.4 V+ = 2.7V ICOM = 100mA 0.35
0.25 85C RON () RON () 0.3 85C
0.2
25C
0.25
25C
-40C 0.2 -40C 0.15 0 1 2 VCOM (V) 3 4 5 0.15 0 0.5 1 1.5 VCOM (V) 2 2.5 3
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
0.5
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
140 120 100 80 V+ = 3V 60 40 20 0 V+ = 1.8V V+ = 4.2V
V+ = 1.8V ICOM = 10mA 85C
0.45
0.4 RON () Q (pC) 0.5 1 VCOM (V) 1.5 2 25C
0.35
0.3
-40C
0.25
0.2
0
0
1
2 VCOM (V)
3
4
5
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
9
FN6130.0 March 15, 2005
ISL43L110, ISL43L111 Typical Performance Curves
50
TA = 25C, Unless Otherwise Specified (Continued)
12 11
40
10 9 tOFF (ns) 8 7 6 -40C 5 25C 85C
tON (ns)
30 85C 20 25C -40C 10
0 1 1.5 2 2.5 V+ (V) 3 3.5 4 4.5
4 1 1.5 2 2.5 V+ (V) 3 3.5 4 4.5
FIGURE 13. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN-OFF TIME vs SUPPLY VOLTAGE
1.2 V+ = 1.1V to 4.5V NORMALIZED GAIN (dB) 1.1 1 VINH AND VINL (V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 1 1.5 2 2.5 3 V+ (V) 3.5 4 4.5 1 RL = 50 VIN = 0.2VP-P to 2.8VP-P (V+ = 3.0V) 10 FREQUENCY (MHz) 100 300 VINL VINH GAIN 0 -20 PHASE 0 80 PHASE (DEGREES)
160
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
0 10 20 OFF ISOLATION (dB) 30 40 50 60 70 80 90 100 1K 10K 100K 1M 10M 100M 500M V+ = 1.1V to 4.5V
FIGURE 16. FREQUENCY RESPONSE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP): GND TRANSISTOR COUNT: 57 PROCESS: Submicron CMOS
FREQUENCY (Hz)
FIGURE 17. OFF ISOLATION
10
FN6130.0 March 15, 2005
ISL43L110, ISL43L111 Small Outline Transistor Plastic Packages (SC70-5)
D
P5.049
VIEW C
e1
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE INCHES MILLIMETERS MIN 0.80 0.00 0.80 0.15 0.15 0.08 0.08 1.85 1.80 1.15 MAX 1.10 0.10 1.00 0.30 0.25 0.22 0.20 2.15 2.40 1.35 6 6 3 3 4 5 0.25 Rev. 2 9/03 NOTES SYMBOL A MIN 0.031 0.000 0.031 0.006 0.006 0.003 0.003 0.073 0.071 0.045 MAX 0.043 0.004 0.039 0.012 0.010 0.009 0.009 0.085 0.094 0.053
5 E 1 2 3
4 C L C L E1
A1 A2 b b1 c c1
C
e
C L 0.20 (0.008) M C L C
b
D E E1
A
A2
A1
SEATING PLANE -C-
e e1 L L1
0.0256 Ref 0.0512 Ref 0.010 0.018 0.017 Ref. 0.006 BSC 0o 5 0.004 0.004 0.010 8o
0.65 Ref 1.30 Ref 0.26 0.46 0.420 Ref. 0.15 BSC 0o 5 0.10 0.15 8o
0.10 (0.004) C
L2
WITH PLATING c
b b1 c1
N R R1 NOTES:
BASE METAL
1. Dimensioning and tolerances per ASME Y14.5M-1994. 2. Package conforms to EIAJ SC70 and JEDEC MO-203AA. 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs.
4X 1 R1 R GAUGE PLANE SEATING PLANE L C 4X 1 VIEW C L1
4. Footlength L measured at reference to gauge plane. 5. "N" is the number of terminal positions. 6. These Dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip. 7. Controlling dimension: MILLIMETER. Converted inch dimensions are for reference only.
L2
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11
FN6130.0 March 15, 2005


▲Up To Search▲   

 
Price & Availability of ISL43L111IHZ-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X