Part Number Hot Search : 
102J0 F412A 120K1 13003H1 SM8150A 8051AH 2C5408 40N60
Product Description
Full Text Search
 

To Download IS61LV12816-15TI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS61LV12816
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
FEATURES
High-speed access time: 10, 12, and 15 ns CMOS low power operation TTL and CMOS compatible interface levels Single 3.3V 10% power supply Fully static operation: no clock or refresh required * Three state outputs * Data control for upper and lower bytes * Industrial temperature available * * * * *
ISSI
DESCRIPTION
(R)
FEBRUARY 2003
The ISSI IS61LV12816 is a high-speed, 2,097,152-bit static RAM organized as 131,072 words by 16 bits. It is fabricated using ISSI's high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 10 ns with low power consumption. When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation can be reduced down with CMOS input levels. Easy memory expansion is provided by using Chip Enable and Output Enable inputs, CE and OE. The active LOW Write Enable (WE) controls both writing and reading of the memory. A data byte allows Upper Byte (UB) and Lower Byte (LB) access. The IS61LV12816 is packaged in the JEDEC standard 44pin 400-mil SOJ, 44-pin TSOP (Type II), 44-pin LQFP, and 48-pin mini BGA (6mm x 8mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A16
DECODER
128K x 16 MEMORY ARRAY
VDD GND I/O0-I/O7 Lower Byte I/O8-I/O15 Upper Byte I/O DATA CIRCUIT
COLUMN I/O
CE OE WE UB LB
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
CONTROL CIRCUIT
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
1
IS61LV12816
PIN CONFIGURATIONS
44-Pin SOJ (K)
A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC
ISSI
44-Pin TSOP-II (T)
A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC
(R)
48-Pin mini BGA (B)
1 2 3 4 5 6
44-Pin LQFP (LQ)
A16 A15 A14 A13 A12 A11 A10 A9 OE UB LB
A B C D E F G H
LB I/O8 I/O9 GND VDD I/O14 I/O15 NC
OE UB I/O10 I/O11 I/O12 I/O13 NC A8
A0 A3 A5 NC NC A14 A12 A9
A1 A4 A6 A7 A16 A15 A13 A10
A2 CE I/O1 I/O3 I/O4 I/O5 WE A11
N/C I/O0 I/O2 VDD GND I/O6 I/O7 NC
CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7
44 43 42 41 40 39 38 37 36 35 345 33 1 32 2 31 3 30 4 29 5 TOP VIEW 28 6 27 7 26 8 25 9 24 10 23 11 12 13 14 15 16 17 18 19 20 21 22
WE A0 A1 A2 A3 A4 NC A5 A6 A7 A8
I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC
2
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
IS61LV12816
PIN DESCRIPTIONS
A0-A16 I/O0-I/O15 CE OE WE LB UB NC VDD GND Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground
ISSI
OPERATING RANGE
Range Commercial Industrial Ambient Temperature 0C to + 70C -40C to + 85C VDD 3.3V 10% 3.3V 10%
(R)
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VDD VTERM TSTG PT IOUT Parameter Power Supply Voltage Relative to GND Terminal Voltage with Respect to GND Storage Temperature Power Dissipation DC Output Current Value -0.3 to 4.0 -0.5 to VDD + 0.5 -65 to + 150 1.0 20 Unit V V C W mA
Note: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol VOH VOL VIH VIL ILI ILO Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage(1) Input LOW Voltage(1) Input Leakage Output Leakage GND VIN VDD GND VOUT VDD, Outputs Disabled Test Conditions VDD = Min., IOH = -4.0 mA VDD = Min., IOL = 8.0 mA Min. 2.4 -- 2 -0.3 -1 -1 Max. -- 0.4 VDD + 0.3 0.8 1 1 Unit V V V V A A
Note: 1. VIL (min.) = -0.3V DC; VIL (min.) = -2.0V AC (pulse width - 2.0 ns). VIH (max.) = VDD + 0.3V DC; VIH (max.) = VDD + 2.0V AC (pulse width - 2.0 ns).
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
3
IS61LV12816
TRUTH TABLE
Mode Not Selected Output Disabled Read WE X H X H H H L L L CE H L L L L L L L L OE X H X L L L X X X LB X X H L H L L H L UB X X H H L L H L L I/O PIN I/O0-I/O7 I/O8-I/O15 High-Z High-Z High-Z DOUT High-Z DOUT DIN High-Z DIN High-Z High-Z High-Z High-Z DOUT DOUT High-Z DIN DIN
ISSI
VDD Current ISB1, ISB2 ICC ICC
(R)
Write
ICC
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
Symbol ICC ISB1 Parameter VDD Operating Supply Current TTL Standby Current (TTL Inputs) CMOS Standby Current (CMOS Inputs) Test Conditions VDD = Max., CE = VIL IOUT = 0 mA, f = Max. VDD = Max., VIN = VIH or VIL CE VIH, f = max VDD = Max., CE VDD - 0.2V, VIN VDD - 0.2V, or VIN 0.2V, f = 0 Com. Ind. Com. Ind. Com. Ind. -10 ns Min. Max. -- -- -- -- -- -- 125 135 40 50 10 20 -12 ns Min. Max. -- -- -- -- -- -- 110 120 35 45 10 20 -15 ns Min. Max. -- -- -- -- -- -- 90 100 30 40 10 20 Unit mA mA
ISB2
mA
Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
4
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
IS61LV12816
CAPACITANCE(1)
Symbol CIN COUT Parameter Input Capacitance Input/Output Capacitance Conditions VIN = 0V VOUT = 0V Max. 6 8 Unit pF pF
ISSI
(R)
Note: 1. Tested initially and after any design or process changes that may affect these parameters.
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter -10 ns Min. Max. 10 -- 3 -- -- -- 0 0 3 -- 0 0 -- 10 -- 10 4 4 -- 4 -- 4 4 -- -12 ns Min. Max. 12 -- 3 -- -- -- 0 0 3 -- 0 0 -- 12 -- 12 5 5 -- 5 -- 5 5 -- -15 ns Min. Max. 15 -- 3 -- -- 0 0 0 3 -- 0 0 -- 15 -- 15 6 6 -- 8 -- 6 6 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns
tRC tAA tOHA tACE tDOE tHZOE
(2)
Read Cycle Time Address Access Time Output Hold Time CE Access Time OE Access Time OE to High-Z Output OE to Low-Z Output CE to High-Z Output CE to Low-Z Output LB, UB Access Time LB, UB to High-Z Output LB, UB to Low-Z Output
tLZOE(2) tHZCE(2) tLZCE tBA tHZB(2) tLZB(2)
(2)
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
5
IS61LV12816
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Level Output Load Unit 0V to 3.0V 3 ns 1.5V See Figures 1 and 2
ISSI
(R)
AC TEST LOADS
319 3.3V
319 3.3V
OUTPUT 30 pF Including jig and scope 353
OUTPUT 5 pF Including jig and scope 353
Figure 1.
Figure 2.
6
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
IS61LV12816
AC WAVEFORMS READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
t RC
ADDRESS
ISSI
(R)
t AA t OHA
DOUT
PREVIOUS DATA VALID
t OHA
DATA VALID
READ1.eps
READ CYCLE NO. 2(1,3)
t RC
ADDRESS
t AA
OE
t OHA
t DOE
CE
t HZOE
t LZOE t ACE t LZCE t HZCE
LB, UB
DOUT
HIGH-Z
t LZB
t BA
DATA VALID
t HZB
UB_CEDR2.eps
Notes: 1. WE is HIGH for a Read Cycle. 2. The device is continuously selected. OE, CE, UB, or LB = VIL. 3. Address is valid prior to or coincident with CE LOW transition.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
7
IS61LV12816
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
Symbol Parameter -10 ns Min. Max. 10 8 8 0 0 8 7 8 5 0 -- 0 -- -- -- -- -- -- -- -- -- -- 4 -- -12 ns Min. Max. 12 8 8 0 0 9 8 10 6 0 -- 0 -- -- -- -- -- -- -- -- -- -- 5 -- -15 ns Min. Max. 15 10 10 0 0 10 10 11 7 0 -- 0 -- -- -- -- -- -- -- -- -- -- 6 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns
ISSI
(R)
tWC tSCE tAW tHA tSA tPWB tPWE1 tPWE2 tSD tHD tLZWE
(3)
Write Cycle Time CE to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time LB, UB Valid to End of Write WE Pulse Width (OE = HIGH) WE Pulse Width (OE = LOW) Data Setup to Write End Data Hold from Write End WE HIGH to Low-Z Output
tHZWE(3) WE LOW to High-Z Output
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the write. 3. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
8
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
IS61LV12816
WRITE CYCLE NO. 1(1,2) (CE Controlled, OE = HIGH or LOW)
ISSI
t WC
VALID ADDRESS
(R)
ADDRESS
t SA
CE
t SCE
t HA
WE
t AW t PWE1 t PWE2 t PBW
UB, LB
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR1.eps
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
9
IS61LV12816
WRITE CYCLE NO. 2(1) (WE Controlled, OE = HIGH during Write Cycle)
t WC
ADDRESS
VALID ADDRESS
ISSI
t HA
(R)
OE
CE
LOW
t AW t PWE1
WE
t SA
UB, LB
t PBW
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR2.eps
WRITE CYCLE NO. 3 (WE Controlled: OE is LOW During Write Cycle)
t WC
ADDRESS
VALID ADDRESS
OE CE
LOW
t HA
LOW
t AW t PWE2
WE
t SA
UB, LB
t PBW
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR3.eps
10
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
IS61LV12816
WRITE CYCLE NO. 4 (LB, UB Controlled, Back-to-Back Write) (1,3)
t WC
ADDRESS
ADDRESS 1
ISSI
t WC
ADDRESS 2
(R)
OE
t SA
CE
LOW
WE
t HA t SA t PBW t PBW
WORD 2
t HA
UB, LB
WORD 1
t HZWE
DOUT
HIGH-Z
t LZWE t HD
DATAIN VALID
DATA UNDEFINED
t SD
DIN
t SD
DATAIN VALID
t HD
UB_CEWR4.eps
Notes: 1. The internal Write time is defined by the overlap of CE = LOW, UB and/or LB = LOW, and WE = LOW. All signals must be in valid states to initiate a Write, but any can be deasserted to terminate the Write. The t SA, t HA, t SD, and t HD timing is referenced to the rising or falling edge of the signal that terminates the Write. 2. Tested with OE HIGH for a minimum of 4 ns before WE = LOW to place the I/O in a HIGH-Z state. 3. WE may be held LOW across many address cycles and the LB, UB pins can be used to control the Write function.
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003
11
IS61LV12816
IS61LV12816 STANDARD VERSION ORDERING INFORMATION Commercial Range: 0C to +70C
Speed (ns) 10 Order Part No. IS61LV12816-10B IS61LV12816-10K IS61LV12816-10LQ IS61LV12816-10T IS61LV12816-12B IS61LV12816-12K IS61LV12816-12LQ IS61LV12816-12T IS61LV12816-15B IS61LV12816-15LQ IS61LV12816-15T Package mini BGA (6mm x 8mm) 400-mil Plastic SOJ LQFP Plastic TSOP-II mini BGA (6mm x 8mm) 400-mil Plastic SOJ LQFP Plastic TSOP-II mini BGA (6mm x 8mm) LQFP Plastic TSOP-II
ISSI
(R)
12
15
IS61LV12816 STANDARD VERSION ORDERING INFORMATION Industrial Range: -40C to +85C
Speed (ns) 10 Order Part No. IS61LV12816-10BI IS61LV12816-10KI IS61LV12816-10LQI IS61LV12816-10TI IS61LV12816-12LQI IS61LV12816-12TI IS61LV12816-15BI IS61LV12816-15LQI IS61LV12816-15TI Package mini BGA (6mm x 8mm) 400-mil Plastic SOJ LQFP Plastic TSOP-II LQFP Plastic TSOP-II mini BGA (6mm x 8mm) LQFP Plastic TSOP-II
12 15
12
Integrated Silicon Solution, Inc. -- 1-800-379-4774
Rev. C 02/05/2003


▲Up To Search▲   

 
Price & Availability of IS61LV12816-15TI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X