Part Number Hot Search : 
E220A 1N6263W BFR30LT1 G2204 SF202 BA6144 TOP253GN 110F1
Product Description
Full Text Search
 

To Download IRSF3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Provisional Data Sheet No.PD-6.0027A
IRSF3010
FULLY PROTECTED POWER MOSFET SWITCH
General Description:
The IRSF3010 is a three terminal monolithic SMART POWER MOSFET with built in short circuit, over-temperature, ESD and over-voltage protections. The on chip protection circuit latches off the POWER MOSFET in case the drain current exceeds 14A (typical) or the junction temperature exceeds 165C (typical) and keeps it off until the input is driven low. The drain to source voltage is actively clamped at 55V (typical), prior to the avalanche of POWER MOSFET, thus improving its performance during turn off with inductive loads. The input current requirements are very low (300uA) which makes the IRSF3010 compatible with most existing designs based on standard POWER MOSFETs.
Rating Summary:
Vds(clamp) Rds(on) Ids(sd) Tj(sd) EAS 50 V 80 m 11 A 155 C 400 mJ
Features:
n Extremely Rugged for Harsh Operating Environments n Over Temperature Protection n Over Current Protection n Active Drain to Source Clamp n ESD Protection n Compatible with standard POWER MOSFET n Low Operating Input Current n Monolithic Construction n Dual set/reset Threshold Input
Applications:
n DC Motor Drive n Solenoid Driver
Drain
Tab
Pin Assignment Pin 1 - Input Pin 2 - Drain Pin 3 - Source Tab - Drain
1 2 3
IRSF3010
IRSF3010S
IRSF3010 - Block Diagram
Source
Available Packages
To Order
Previous Datasheet
Index
Next Data Sheet
IRSF3010
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. (Tc = 25C unless otherwise specified.)
Symbol
Vds, max Vin, max Ids Pd EAS Vesd1 Vesd2 TJop TStg TL
Parameter Definition
Continuous Drain to Source Voltage Continuous Input Voltage Continuous Drain Current Power Dissipation Linear Derating Factor for Tc > 25C Unclamped Single Pulse Inductive Energy Electrostatic Discharge Voltage (Human Body Model) (Machine Model) Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds)
Min.
-- -0.3 -- -- -- -- -- -- -55 -55 --
Max.
50 10
self limited
Units Test Conditions
V
40 0.33 400 4000 1000 self-limited 175 300
W W/C mJ V
Tc 25C
1000pF. 1.5k 200pF, 0
o
C
Static Electrical Characteristics
(Tc = 25C unless otherwise specified.)
Symbol
Vds,clamp Rds(on)
Parameter Definition
Drain to Source Clamp Voltage Drain to Source On Resistance
Min. Typ. Max. Units
50 -- -- -- -- 54 56 70 85 53 -- -- 10 2.0 0.25 0.35 0.5 0.6 10.8 1.2 -- 62 80 -- -- 10 100 250 2.5 0.6 0.85 1.0 1.2 -- 1.5 V mA V A m V
Test Conditions
Ids = 10mA Ids = 11A, tp = 700 S Vin = 5V, Ids = 4A Vin = 4V, Ids = 4A Vin = 10V, I ds = 4A Vds = 12V, Vin = 0V Vds = 50V, Vin = 0V
Vds =40V,Vin=0V,Tc =150oC
Idss
Drain to Source Leakage Current
-- -- --
Vth I i, on Ii, off
Input Threshold Voltage Input Supply Current (Normal Operation) Input Supply Current (Protection Mode)
1.5 -- -- -- -- 10 --
Vds = 5V, Ids = 1mA Vin = 5V Vin = 10V Vin = 5V Vin = 10V Iin = 10mA Ids = -17A, Rin = 1k
Vin, clamp Input Clamp Voltage Vsd Body-Drain Diode Forward Drop
Thermal Characteristics
Symbol
Rjc RjA
Parameter Definition
Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Min. Typ. Max. Units
-- -- 3.0 60 -- -- C/W C/W
Test Conditions
2
To Order
Previous Datasheet
Index
Next Data Sheet
IRSF3010
Switching Electrical Characteristics:
(Vcc = 14V, Resistive Load RL = 5, Tc = 25 C.) Please refer to Figure 15 for switching time definitions.
Symbol
tdon tr tdoff tf
Parameter Definition
Turn-On Delay time Rise Time Turn-Off Delay time Fall Time
Min.
-- -- -- -- -- -- -- --
Typ. Max. Units
425 150 2000 425 650 850 500 450 650 -- 4000 -- 1000 -- 800 -- nS
Test Conditions
Vin = 5V Vin = 10V Vin = 5V Vin = 10V Vin = 5V Vin = 10V Vin = 5V Vin = 10V
Protection Characteristics:
(Tc = 25 C unless otherwise specified.)
Symbol
Ids(sd) Tj(sd) Vprotect tIresp tIblank Ipeak Vreset treset tTresp
Parameter Definition
Over-Current Shutdown Threshold Over Temperature Shutdown Threshold Minimum Input Voltage for Over-temp fxn. Over Current Response Time Over Current Blanking Time Peak Short Circuit Current Protection Reset Voltage Protection Reset Time OverTemperature Response Time
Min. Typ. Max. Units
11 155 -- -- -- -- -- -- -- 14 165 3 2 3 20 1.3 7 12 17 -- -- -- -- -- -- -- -- A C V
Test Conditions
Vin = 5V Vin = 5V, Ids = 2A See figure 16 for definition See figure 16 for definition See figure 16 for definition See figure 17 for definition See figure 18 for definition
S
A V
S
Temperature Coefficients of Electrical Characteristics:
(Please see Figures 3 through 14 for more data on thermal characteristics of other electrical parameters.
Symbol
Parameter Definition
Min.
-- -- -- --
Typ. Max. Units
18.2 -3.2 7.0 -21.5 -- -- -- -- mV/oC
Test Conditions
Ids = 10mA Vds = 5V, Ids = 1mA Iin = 10mA
Vds,clamp Temperature Coefficient of Drain to Source Clamp Voltage Temperature Coefficient of Input Threshold Voltage Vin,clamp Temperature Coefficient of Input Clamp Voltage Ids(sd) Temperature Coefficient of Over-Current Shutdown Threshold Vth
mA/oC Vin = 5V
Notes:
1. EAS is tested with a constant current source of 11A applied for 700S with Vin = OV and starting Tj = 25oC. 2. Input current must be limited to less than 5mA with a 1k resistor in series with the input when the Body-Drain Diode is forward biased.
To Order
3
Previous Datasheet
Index
Next Data Sheet
IRSF3010
120 110 T = 25C 120 110 Ids = 4A
Rds(on) (mOhm)
100 90 80 Vin = 5V 70 Vin = 7V 60 50 40 2 4 6 8 10 12 14 16 18 Vin = 10V Vin = 4V
Rds(on) (mOhm)
100 90 Vin = 5V 80 70 60 50 40 30 -50 -25 0 25 50 Vin = 10V
75
100
125
150
Ids (A)
Temperature (C)
Fig. 3 - On Resistance vs Drain to Source Current
17 16
Fig. 4 - On Resistance vs. Temperature
15 T = 25C
Shut Down Current (A)
Shut Down Current (A)
16
Vin = 5V 14
15
13
12
14
11
13 4 5 6 7 8 9 10
10 -50 -25 0 25 50 75 100 125 150
Input Voltage (Volts)
Temperature (C)
Fig. 5 - Over-current Shutdown Threshold vs Input Voltage
1.6 1.4 1.2 T=25C
Fig. 6 - Over-current Shutdown Threshold vs Temperature
3500 Vdd = 25V 3000 2500 Ids = 8A 2000 1500 1000 500 0 0 25 50 75 100 125 150 Ids = 12A
1 0.8 0.6 0.4 0.2 0 0 1 2 3 4 5 6 7 8 9 10 11 Iin,on Iin,off
Single Pulse Energy to Failure (mJ)
Input Current (mA)
Rating
Input Voltage (Volts)
Starting Junction Temperature (C)
Figure 7 - Input Current vs. Input Voltage
Fig. 8 - Unclamped Single Pulse Inductive Energy to Failure vs Starting Junction Temperature
4
To Order
Previous Datasheet
Index
Next Data Sheet
IRSF3010
2.50 T = 25C Rise T ime, On Delay (S ) 2.00 R ise T ime, On Delay (S) 2.00 Rise Time 1.50 Vin = 5V 1.00 On Delay 0.50 2.50
1.50 Rise Time 1.00 On Delay
0.50
0.00 3 4 5 6 7 8 9 10 11 Input Voltage (Volts)
0.00 -50 -25 0 25 50 75 100 125 150 Temperature (C)
F ig. 9 - Tu rn on characteristics vs Input Voltag e
F ig. 10 - Turn on characteristics vs Temperature
0.9 T = 25C Fall T ime, Off Delay (S ) Off Delay 0.7 0.6 0.5 0.4 0.3 3 4 5 6 7 8 9 10 11 Input Voltage (Volts) Fall Time F all T ime, Off Delay (S) 0.8
0.9 0.8 0.7 0.6 Vin = 5V 0.5 Fall Time 0.4 0.3 -50 -25 0 25 50 75 100 125 150 Temperature (C) Off Delay
Fig. 11 - T urn off characteristics vs Input Voltage
Fig. 12 - Turn off characteristics vs Temperature
100 T hermal R esponse (C/W) Reverse Drain Current (A)
10
Duty Factor = 0.5
T = 150C
1
0.1
10
0.1
0
T = 25C
DF= 0.50 0.20 0.10 0.05 0.02 0.01 0.00
1 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 Source to Drain Voltage (Volts)
0.01 1E-05 1E-04 1E-03 1E-02 1E-01 1E+00 1E+01 Pulse Duration tp (S)
Fig. 13 - Source-Drain Diode Forward Voltage
Fig. 14 - Tran sien t Thermal Impedan ce, Junction to Case
To Order
5
Previous Datasheet
Index
Next Data Sheet
IRSF3010
V in
V in
5V
RL = 0
Vcc = 14V
50%
t Vds
90%
t I ds
I peak
10%
t
tdon tr tdoff tf
t Iblank
Short applied before turn-on
t Iresp
Short applied after turn-on
t
Fig. 15 - Definition of Switching times.
Fig. 16 - Definition of Ipeak, tIblank, tIresp
V in
5V
V in
5V
t I ds
t < t reset I ds(sd) t > t reset
t I ds
t
R L = 1 mH Vcc = 14V
t Tresp R L = 10 Vcc = 14V T J = TJSD + 5C
t
Fig. 17 - Definition of treset
Fig. 18 - Definition of tTresp
6
To Order
Previous Datasheet
Index
Next Data Sheet
IRSF3010
Case Outline TO-220AB (IRSF3010)
NOTES: 1. Dimensioning and tolerancing per ANSI Y14.5M, 1982 2. Controlling dimension: INCH 3. Dimensions shown are in millimeters (inches) 4. Conforms to JEDEC outline TO-251AA 5. Dimension does not include solder dip. Solder dip max. +0.16 (.006) LEAD ASSIGNMENTS 1. Gate 2. Drain 3. Source 4. Drain
To Order
7
Previous Datasheet
Index
Next Data Sheet
IRSF3010
Case Outline SMD-220 (IRSF3010S)
8
To Order
Previous Datasheet
Index
Next Data Sheet
IRSF3010
Tape and Reel SMD-220 (IRSF3010S)
To Order
9
Previous Datasheet
Index
Next Data Sheet
IRSF3010
Application Information
Introduction
Protected monolithic POWER MOSFETs offer simple, cost effective solutions in applications where extreme operating conditions can occur. The margin between the operating conditions and the absolute maximum values can be narrowed resulting in better utilization of the device and lower cost. ESD protection also reduces the off-circuit failures during handling and assembly.
Block Diagram
The zener diode between the input and the source (see figure 20) provides the ESD protection for the input and also limits the applicable voltage to the input to 10V. The R-S flip-flop memorizes the occurrence of an error condition and controls the Q2 and Q3 switches. The flip-flop can be cleared by holding the input low for the specified minimum duration. COMP1 and COMP2 comparators are used to compare the over-current and over-temperature signals with the built-in reference. Either comparator can reset the fault flip-flop and turn Q1 off. During fault condition, Q2 disconnects gate of Q1 from the input, Q3 shorts the gate and source of Q1, resulting in rapid turn-off of Q1. The zener diode between the gate and drain of Q1 turns Q1 on, when the drain to source voltage exceeds 55V.
General Description
The IRSF3010 is a fully protected monolithic N-channel, logic level POWER MOSFET with 80m (max) on-resistance. The built-in protections include overcurrent, over-temperature, ESD and active over-voltage protections. The over-current and over-temperature protection makes the IRSF3010 indestructible at any load conditions in switching or in linear applications. The built-in ESD protection minimizes the risk of ESD damage when the device is off-circuit. The IRSF3010 is fully characterized for avalanche operation and can be used for fast de-energization of inductive loads. The IRSF3010 Intelligent Power Switch that is available in the TO220 package offers an easy upgrade from non-protected devices.
Switching Characteristics
In the IRSF3010 the control logic and the protection circuits are powered from the input pin. When positive voltage appears at the input pin the R-S flip-flop turns Q2 on and connects the gate of the main device to the input. The turn-on speed is limited by the channel resistance of Q2 and the gate charge requirements of Q1. The typical switching waveforms at 5V input voltage are shown in figure 21. Using higher input voltage will improve the turn-on time but it does not affect the turnoff switching speed.
Input voltage 5V/
Drain voltage 5V/
Drain Current: 1A/div. Time: 1sV/div.
Fig.20 Block Diagram
Fig.21 Waveforms switching clamped indictive load using 5V input voltage
10
To Order
Previous Datasheet
Index
Next Data Sheet
IRSF3010
The typical waveforms at 7V input voltage are shown in figure 22. In typical switching applications, below 40kHz, the difference in switching losses between the IRSF3010 and the same size standard MOSFET is negligible.
Input voltage 5V/
The typical waveforms at over-current shut-down are shown in figure 23. After turn-on the current in the inductor at the drain starts ramping up. At about 15A the over-current protection shuts down the device.
Over-temperature Protection
Figure 24 illustrates the operation of the over-temperature protection. The IRSF3010 switches a 1 resistive load to a 12V power supply. When the thermal balance is established the junction temperature is limited on pulse by pulse basis.
Input voltage 10V/div.
Drain voltage 5V/
Drain Current: 1A/ Drain voltage 5V/div. Time: 1sV/div.
Fig. 22 Switching waveforms with 7V Input voltage
Over-current Protection
When the drain current exceeds the preset limit the protection circuit resets the internal flip-flop and turns Q1 off. The normal operation can be restored by holding the input voltage below the specified threshold level (approx. 1.3V) for the specified minimum treset time.
Input voltage 5V/div.
Drain Current: 2A/div.
Time: 10sV/div.
Fig. 24 Over-temperature shut-down
Over-voltage Protection
When the drain to source voltage exceeds 55V the zener diode between gate and drain turns the IRSF3010 on, before the breakdown voltage of the drain-source diode is reached. This greatly enhances the energy the device can withstand safely during turnoff of inductive loads compared to avalanche breakdown. Thus the device can be used for fast deenergization of inductive loads. The absorbed energy is limited only by the maximum junction temperature.
Drain voltage 5V/div.
Drain Current: 2A/div.
Time: 10sV/div.
Fig. 23 Waveforms at over-current shut-down
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: 171 (K&H Bldg.), 30-4 Nishi-ikebukuro 3-Chome, Toshima-ku, Tokyo Japan Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 12/96
To Order
11


▲Up To Search▲   

 
Price & Availability of IRSF3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X