Part Number Hot Search : 
2SC2123 C5011 AD509 34KAW MST5150C TXN054 ATV750B STP4NA40
Product Description
Full Text Search
 

To Download IRM-2738 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet Infrared Remote-control Receiver Module
IRM-2738
Features :
* Photo detector and preamplifier in one package * Internal filter for PCM frequency * Improved shielding against electrical field disturbance * TTL and CMOS compatibility * Output active low * Low power consumption * Improved immunity against ambient light * Suitable burst length 10 cycles/burst * Pb free
Descriptions
The IRM-2738 are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. IRM-2738 is the standard IR remote control receiver series, supporting all major transmission codes.
Applications
1. Optical switch 2. Light detecting portion of remote control AV instruments such as Audio, TV, VCR, CD, MD, etc. Home appliances such as Air-conditioner, Fan , etc. The other equipments with wireless remote control. CATV set top boxes Multi-media Equipment
PART Chip Compound
MATERIAL Silicon Epoxy
COLOR Black Black
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 1 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Package Dimensions
OUT Vcc GND
Notes: 1.All dimensions are in millimeters. 2.Tolerances unless dimensions 0.3mm.
Absolute Maximum Ratings (Ta=25)
Parameter Supply Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Vcc Topr Tstg Tsol Rating 0~6 -25 ~ +80 -40 ~ +85 260 Unit V 4mm from mold body less than 10 seconds Notice
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 2 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Recommended Operating Condition
Supply Voltage Rating: Vcc 4.5V to 5.5V
Electro-Optical Characteristics (Ta=25, and Vcc=5 V)
Parameter Consumption Current B.P.F Center Frequency Peak Wavelength Reception Distance Half Angle(Horizontal) Half Angle(Vertical) High Level Pulse Width Low Level Pulse Width High Level Output Voltage Low Level Output Voltage Symbol Icc Fo p L0 L45 h v TH TL VH VL MIN. ------14 7 ----400 400 4.5 --TYP. 1.2 38 940 ----45 45 ------0.2 MAX. --------------800 800 --0.5 deg deg s s V V At the ray axis *2 At the ray axis *1 Unit mA KHz nm m Condition No signal input
*1:The ray receiving surface at a vertex and relation to the ray axis in the range of = 0 and =45. *2:A range from 30cm to the arrival distance. Average value of 50 pulses.
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 3 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Test Method
The specified electro-optical characteristics is satisfied under the following Conditions at the controllable distance. Measurement place A place that is nothing of extreme light reflected in the room. External light Project the light of ordinary white fluorescent lamps which are not high Frequency lamps and must be less then 10 Lux at the module surface. (Ee10Lux) Standard transmitter A transmitter whose output is so adjusted as to Vo=400mVp-p and the output Wave form shown in Fig.-1.According to the measurement method shown in Fig.-2 the standard transmitter is specified. However , the infrared photodiode to be used for the transmitter should be p=940nm,=50nm. Also, photodiode is used of PD438B(Vr=5V). Measuring system According to the measuring system shown in Fig.-3
Fig.-1
Transmitter Wave Form
D.U.T output Pulse
Carrier frequency is adjusted to center frequency of each product.
OUTPUT PULSE OF DEVICE
IR TANSMITTER OUTPUT WAVE FORM
Duty=0.5
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 4 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Fig.-2 Measuring Method
20cm 10k +5.0 0.1V 10uF
Fig.-3
Measuring System
L: Transmission Distance
Vcc
OUT D.U.T
Standard Transmitter Vout
100k
Standard Transmitter
Vout GND
: Angle Of Horizontal & Vertical Direction
Oscilloscope
Block Diagram
IN
Vs
Input
CGA & filter
Demodulator
OUT
C
Oscillator
Carrier frequency f0
AGC/ATC & digital control
Modulated IR signal min 10 pulses
GND
Application Circuit
RC Filter should be connected closely between Vcc pin and GND pin.
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 5 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Typical Electro-Optical Characteristics Curves
Fig.-4 Relative Spectral Sensitivity vs. Wavelength Fig.-5 Relative Transmission Distance vs. Direction
Fig.-6 Output Pulse Length vs. Arrival Distance
Fig.-7 Arrival Distance vs. Supply Voltage
17.0 14.0 10.5 7.0 3.5
Transmission Distance Lc (m)
Supply Voltage Vcc (V)
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 6 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Typical Electro-Optical Characteristics Curves
Fig.-8 Relative Transmission Distance vs. Center Carrier Frequency Fig.-9 Arrival Distance vs. Ambient Temperature
20
15 10
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 7 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below. Confidence level: 90% LTPD: 10% Failure Judgement Criteria Samples(n) Defective(c)
Test Items
Test Conditions 1 cycle -40 +25 +85 (30min)(5min)(30min) 300 cycle test
Temperature cycle
n=22,c=0
Temp: +85 High temperature test Vcc:5V 1000hrs Low temperature storage High temperature High humidity Temp: -40 1000hrs Ta: 85,RH: 85% 1000hrs Temp: 2605 10sec 4mm From the bottom of the package.
n=22,c=0 L0 Lx0.8 L45 Lx0.8 n=22,c=0 L: Lower specification limit n=22,c=0
Solder heat
n=22,c=0
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 8 of 9 Carryll Hsu
EVERLIGHT ELECTRONICS CO.,LTD.
IRM-2738
Packing Quantity Specification
1. 1500PCS/1Box 2. 10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
IRM-2738
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDMO-027-187
http:\\www.everlight.com Prepared date06-16-2004
Rev 1.0 Prepared by
Page: 9 of 9 Carryll Hsu


▲Up To Search▲   

 
Price & Availability of IRM-2738

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X