Part Number Hot Search : 
LC66516B AN7025 MBM29 2SC42 EL7513 GP1A91LC MC14079 82FKE36
Product Description
Full Text Search
 

To Download IRLU3303PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95086A
IRLR/U3303PbF
l l l l l l l l
Logic-Level Gate Drive Ultra Low On-Resistance Surface Mount (IRLR3303) Straight Lead (IRLU3303) Advanced Process Technology Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 30V RDS(on) = 0.031
G S
ID = 35A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRFU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.
D-Pak TO-252AA I-Pak TO-251AA
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
35 25 140 68 0.45 16 130 20 6.8 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA RJA Junction-to-Case Case-to-Ambient (PCB mount)** Junction-to-Ambient
Typ.
--- --- ---
Max.
2.2 50 110
Units
C/W
www.irf.com
** When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended footprint and soldering techniques refer to application note #AN-994
1
12/7/04
IRLR/U3303PbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Min. Typ. Max. Units Conditions 30 --- --- V VGS = 0V, ID = 250A --- 0.035 --- V/C Reference to 25C, I D = 1mA --- --- 0.031 VGS = 10V, ID = 21A --- --- 0.045 VGS = 4.5V, ID = 17A 1.0 --- --- V VDS = VGS, ID = 250A 12 --- --- S VDS = 25V, ID = 20A --- --- 25 VDS = 30V, VGS = 0V A --- --- 250 VDS = 24V, VGS = 0V, TJ = 150C --- --- 100 VGS = 16V nA --- --- -100 VGS = -16V --- --- 26 ID = 20A --- --- 8.8 nC VDS = 24V --- --- 15 VGS = 4.5V, See Fig. 6 and 13 --- 7.4 --- VDD = 15V --- 200 --- ID = 20A ns --- 14 --- RG = 6.5, VGS = 4.5V --- 36 --- RD = 0.70, See Fig. 10 Between lead, --- 4.5 --- nH 6mm (0.25in.) G from package --- 7.5 --- and center of die contact --- 870 --- VGS = 0V --- 340 --- pF VDS = 25V --- 170 --- = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 35 showing the A G integral reverse --- --- 140 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 20A, VGS = 0V --- 72 110 ns TJ = 25C, IF = 20A --- 180 280 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
max. junction temperature. ( See fig. 11 ) VDD = 15V, starting TJ = 25C, L =470H RG = 25, IAS = 20A. (See Figure 12) ISD 20A, di/dt 140A/s, VDD V(BR)DSS, TJ 175C Pulse width 300s; duty cycle 2%.
Repetitive rating; pulse width limited by
Caculated continuous current based on maximum allowable This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact. junction temperature; Package limitation current = 20A.
Uses IRL3303 data and test conditions.
2
www.irf.com
IRLR/U3303PbF
1000
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
1000
ID , Drain-to-Source Current (A)
100
ID , Drain-to-Source Current (A)
100
VGS 15V 12V 10V 8.0V 6.0V 4.0V 3.0V BOTTOM 2.5V TOP
10
10
2.5V
1
1
2.5V
0.1 0.1
20s PULSE WIDTH T J = 25C
1 10
100
A
VDS , Drain-to-Source Voltage (V)
0.1 0.1
20s PULSE WIDTH T J = 175C
1 10
100
A
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D = 34A
I D , Drain-to-Source Current (A)
100
TJ = 25C TJ = 175C
1.5
10
1.0
1
0.5
0.1 2 3 4 5 6
V DS = 15V 20s PULSE WIDTH
7 8 9 10
A
0.0 -60 -40 -20 0 20 40 60
VGS = 10V
80 100 120 140 160 180
A
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLR/U3303PbF
1600 1400 1200 1000 800 600
VGS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd Ciss C oss = C ds + C gd
15
I D = 20A V DS = 24V V DS = 15V
12
C, Capacitance (pF)
Coss
9
6
Crss
400 200 0 1 10 100
3
A
0 0 10 20
FOR TEST CIRCUIT SEE FIGURE 13
30 40
A
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
I D , Drain Current (A)
100
100
10s
TJ = 175C TJ = 25C
10
100s
10
1ms
1 0.0 0.5 1.0 1.5
VGS = 0V
2.0
A
2.5
1 1
TC = 25C TJ = 175C Single Pulse
10
10ms
100
A
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
4
Fig 8. Maximum Safe Operating Area
www.irf.com
IRLR/U3303PbF
35
LIMITED BY PACKAGE
30
V DS VGS RG 4.5V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
I D , Drain Current (A)
25 20 15 10 5 0
-VDD
Fig 10a. Switching Time Test Circuit
VDS 90%
25 50 75 100 125 150 175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 0.05 P DM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.1
0.02 0.01
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRLR/U3303PbF
EAS , Single Pulse Avalanche Energy (mJ)
300
TOP
250
15V
BOTTOM
ID 8.3A 14A 20A
VDS
L
DRIVER
200
150
RG
20V
D.U.T
IAS tp
+ V - DD
A
100
0.01
Fig 12a. Unclamped Inductive Test Circuit
50
0
VDD = 15V
25 50 75 100 125 150
175
A
V(BR)DSS tp
Starting TJ , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
VG
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRLR/U3303PbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRLR/U3303PbF
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFR120 WITH AS S EMBLY LOT CODE 1234 AS S EMBLED ON WW 16, 1999 IN THE AS S EMBLY LINE "A" Note: "P" in as sembly line pos ition indicates "Lead-Free" INTERNATIONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 916A 34
DAT E CODE YEAR 9 = 1999 WEEK 16 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 12 34
DATE CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 16 A = AS S EMBLY S ITE CODE
8
www.irf.com
IRLR/U3303PbF
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFU120 WIT H AS S EMBLY LOT CODE 5678 AS S EMBLED ON WW 19, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in assembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRF U120 919A 56 78
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
IRFU120 56 78
DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = AS S EMBLY S IT E CODE
www.irf.com
9
IRLR/U3303PbF
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TRL
16.3 ( .641 ) 15.7 ( .619 )
16.3 ( .641 ) 15.7 ( .619 )
12.1 ( .476 ) 11.9 ( .469 )
FEED DIRECTION
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
13 INCH
16 mm NOTES : 1. OUTLINE CONFORMS TO EIA-481.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLU3303PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X