Part Number Hot Search : 
SXX18 BD9846FV MV5352 W6631CS A330M LH1500 MSM67 UA200
Product Description
Full Text Search
 

To Download IRKDL450-25S20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27403
IRKDL450..S20 SERIES
FAST DIODES SUPER MAGN-A-pak TM Power Modules
Features
High power FAST recovery diode series High current capability 3000 VRMS isolating voltage with non-toxic substrate High surge capability High voltage ratings up to 2500V Industrial standard package UL recognition pending
460 A
Typical Applications
Snubber for large GTO Snubber for large IGBT
Major Ratings and Characteristics
Parameters
I F(AV) @ TC IF(RMS) @ TC IFSM I2t @ 50Hz @ 60Hz @ 50Hz @ 60Hz I2 t V RRM trr T STG TJ range range range
IRKDL450..S20
460 82 720 82 13.0 13.8 845 790 8450 1600 to 2500 4.0 - 40 to 150 - 40 to 150
Units
A C A C KA KA KA2s KA2s KA2 s V s C C
1
IRKDL450..S20 Series
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
16 IRKDL450..S20 20 25
VRRM , maximum repetitive peak reverse voltage V
1600 2000 2500
VRSM , maximum nonrepetitive peak rev. voltage V
1700 2100 2600
IRRM max.
@ TJ max.
mA
50
Forward Conduction
Parameter
IF(AV) IF(RMS) IFSM Maximum average forward current @ Case temperature Maximum RMS forward current Maximum peak, one-cycle forward, non-repetitive surge current
IRKDL450..
460 82 720 13.0 13.8 11.1 11.8
Units Conditions
A C A KA 180 conduction, half sine wave @ T C = 82C t = 10ms t = 8.3ms t = 10ms t = 8.3ms KA s
2
180 conduction, half sine wave
No voltage reapplied 100% V RRM reapplied No voltage reapplied 100% V RRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
It
2
Maximum I t for fusing
2
845 790 616 578
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
I2t
Maximum I2t for fusing
8450 1.16 1.62 0.68 0.41 2.20
KA2s t = 0.1 to 10ms, no voltage reapplied V (16.7% x x IF(AV) < I < x IF(AV)), TJ = T J max. (I > x IF(AV)), T J = T J max. m (16.7% x x IF(AV) < I < x IF(AV)), TJ = T J max. (I > x IF(AV)), T J = T J max. V Ipk = 1800A, TJ = 25C, tp = 10ms sine pulse
VF(TO)1 Low level value of threshold voltage VF(TO)2 High level value of threshold voltage rf1 rf2 VFM Low level value of forward slope resistance High level value of forward slope resistance Maximum forward voltage drop
Recovery Characteristics
Code
TJ = 25 oC typical t (s)
rr
Test conditions
Ipk Square Pulse (A) 1000 (A/s) 100 (V) - 50 di/dt Vr
Max. values @ TJ = 150C
IFM
trr @ 25% IRRM (s) 4.0
Qrr (C) 400
Irr (A)
di dt
trr
@ 25% IRRM
t Qrr IRM (REC)
S20
2.0
180
Blocking
Parameter
VINS IRRM RMS isolation voltage Maximum peak reverse and off-state leakage current
IRKDL450..
3000 50
Units Conditions
V mA t=1s TJ = T J max., rated VRRM applied
2
IRKDL450..S20 Series
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case RthC-hs Max. thermal resistance, case to heatsink T Mounting torque 10%SMAP to heatsink busbar to SMAP wt Approximate weight Case style 6-8 12 - 15 1500 g See outline table Nm
A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound
IRKDL450..
- 40 to 150 - 40 to 150 0.065
Units Conditions
C
K/W
Per junction, DC operation
0.02
K/W
SUPER MAGN-A-pak
RthJC Conduction
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction
0.009 0.011 0.014 0.021 0.037 0.006 0.011 0.015 0.022 0.038
Units
Conditions
K/W
TJ = TJ max.
Ordering Information Table
Device Code
IRK
1
D
2
L
3
450
4
-
25
5
S20
6
1
~
1 2 3 4 5 6
-
Module type Circuit configuration D = 2 diodes in series Fast recovery Current rating Voltage code: Code x 100 = VRRM (See Voltage Ratings Table) trr code (see Recovery Characteristics table) 3 + 2
3
IRKDL450..S20 Series
Outline Table
All dimensions in millimeters (inches)
Maximum Allowable Case Temperature (C)
140 130 120 110 100 90
IRKDL450.. Series RthJC (DC) = 0.065 K/W
Maximum Allowable Case Temperature (C)
150
150 140 130 120 110 100 90 80 70 60 0 100 200 300 400 500 600 700 800 Average Forward Current (A) Fig. 2 - Current Ratings Characteristics 30 60 90 120 180 DC
Conduction Period
IRKDL450.. Series RthJC (DC) = 0.065 K/W
Conduction Angle
90 80 30 70 0 100 200 300 400 500 Average Forward Current (A) Fig. 1 - Current Ratings Characteristics 60 120 180
4
IRKDL450..S20 Series
Maximum Average Forward Power Loss (W) 180 120 90 60 30 RMS Limit Maximum Average Forward Power Loss (W) 900 800 700 600 500 400 300 200 100 0 0 50 100 150 200 250 300 350 400 450 Average Forward Current (A) Fig. 3 - Forward Power Loss Characteristics 12000 11000 10000 9000 8000 7000 6000 5000 4000 3000 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N) Conduction Angle
1200 1000 800 DC 180 120 90 60 30
600 RMS Limit 400 200 0 0 100 200 300 400 500 600 700 800 Average Forward Current (A) Fig. 4 - Forward Power Loss Characteristics
Conduction Period
IRKDL450.. Series Per Junction T = 150C J
IRKDL450.. Series Per Junction T = 150C J
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial T = 150C J @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Half Sine Wave Forward Current (A)
14000 13000 12000 11000 10000 9000 8000 7000 6000 5000 4000 3000 0.01
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 150C No Voltage Reapplied Rated VRRM Reapplied
IRKDL450.. Series Per Junction
IRKDL450.. Series Per Junction 0.1 Pulse Train Duration (s) 1
Fig. 5 - Maximum Non-Repetitive Surge Current
1200 Maximum Total Forward Power Loss (W) 1100 1000 900 800 700 600 500 400 300 200 100 0 0 100 200 300 400 500 600 700 800 0 Total RMS Output Current (A) IRKDL450.. Series Per Module TJ = 150C 180 (Sine) DC
0. 04 0. K 06 K/ /W W
0.1 K/W
R th
SA
Fig. 6 - Maximum Non-Repetitive Surge Current
.02 =0 W K/ aR elt -D
0.1 6K /W 0.2 5 K/ W
0.5 K /W
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (C)
Fig. 7 - Forward Power Loss Characteristics
5
IRKDL450..S20 Series
4000
Rt
Maximum Total Power Loss (W)
3500 3000 2500 2000 1500 1000 500 0 0
180 (Sine) 180 (Rect)
A hS
K/ W 0.0 3K /W
0. 02
= 01 0. W K/ ta el -D R
0.0 5K /W
0.08 K/W 0.12 K /W
0.2 K/ W
2 x IRKDL450.. Series Single Phase Bridge Connected TJ = 150C
0 100 200 300 400 500 600 700 800 900 Total Output Current (A)
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (C)
Fig. 8 - Forward Power Loss Characteristics 6000
Rt
5500 Maximum Total Power Loss (W) 5000 4500 4000 3500 3000 2500 2000 1500 1000 500 0 0 200 400 0 600 800 1000 1200 1400 3 x IRKDL450.. Series Three Phase Bridge Connected T = 150C J 120 (Rect)
0. 00 5
0. 01
K/ W
A hS
01 .0 =0 W K/ a elt -D R
K/ W
0.0 2K /W
0.0 4K /W
0.08 K/W
0.2 K/W
25
50
75
100
125
150
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 9 - Forward Power Loss Characteristics Maximum Reverse Recovery Charge - Qrr (C) Maximum Reverse Recovery Current - Irr (A) 1000 900 800 700 600 500 400 300 200 100 0 0 50 100 150 200 250 300 Rate Of Fall Of Forward Current - di/dt (A/s) Fig. 10 - Forward Voltage Drop Characteristics IRKDL450.. Series T = 150 C; V > 100V J r 1000 A
500 A
500 450 400 350 300 250 200 150 100 50 0 0 50 100 150 200 250 300 Rate Of Fall Of Forward Current - di/dt (A/s) Fig. 11 - Thermal Impedance Z thJC Characteristic IRKDL450.. Series T = 150 C; V r > 100V J I FM = 1500 A Sine Pulse 1000 A 500 A
IFM = 1500 A Sine Pulse
6
IRKDL450..S20 Series
Transient Thermal Impedance Z thJC (K/W)
10000 Instantaneous Forward Current (A) T = 25C J T = 150C J 1000
0.1 Steady State Value (DC Operation)
0.01
IRKDL450.. Series Per Junction 100 0.5 1 1.5 2 2.5 3 3.5 4
IRKDL450.. Series Per Junction
0.001 0.001
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V) Fig. 12 - Forward Voltage Drop Characteristics
Square Wave Pulse Duration (s)
Fig. 13 - Thermal Impedance ZthJC Characteristic
7


▲Up To Search▲   

 
Price & Availability of IRKDL450-25S20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X