Part Number Hot Search : 
BAT54 VC823 TSH22I LM144 P161G NE68100 HIP9010 MBR1015
Product Description
Full Text Search
 

To Download IRIS-G6651 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD 96949A
IRIS-G6651
Features
* Oscillator is provided on the monolithic control with adopting On-ChipTrimming technology. * Small temperature characteristics variation by adopting a comparator to compensate for temperature on the control part. * Low start-up circuit current (100uA max) * Built-in Active Low-Pass Filter for stabilizing the operation in case of light load * Avalanche energy guaranteed MOSFET with high VDSS * The built-in power MOSFET simplifies the surge absorption circuit since the MOSFET guarantees the avalanche energy. * No VDSS de-rating is required. * Built-in constant voltage drive circuit * Built-in soft drive circuit * Built-in low frequency PRC mode (20kHz) * Various kinds of protection functions * Pulse-by-pulse Overcurrent Protection (OCP) * Overvoltage Protection with latch mode (OVP) * Thermal Shutdown with latch mode (TSD)
IRIS-G6651 650 3.9
INTEGRATED SWITCHER
Package Outline
TO-220 Fullpack (5 Lead)
Key Specifications
Type MOSFET VDSS(V) RDS(ON) MAX AC input(V) 23015% 85 to 264 Pout(W) Note 1 66 30
Descriptions
Note 1: The Pout (W) represents the thermal rating at Quasi-Resonant Operation, and the peak power output is obtained by approximately 120 to 140% of the above listed. When the output voltage is low and ON-duty is narrow, the Pout (W) shall become lower than that of above.
IRIS-G6651 is a hybrid IC consists from power MOSFET and a controller IC, designed for Quasi-Resonant (including low frequency PRC) fly-back converter type SMPS (Switching Mode Power Supply) applications. This IC realizes high efficiency, low noise, downsizing and standardizing of a power supply system reducing external components count and simplifying the circuit designs. (Note). PRC is abbreviation of "Pulse Ratio Control" (On-width control with fixed OFF-time).
Typical Connection Diagram
IRIS-G6600
OCP/FB Vin GND S D
www.irf.com
IRIS-G6651
Absolute Maximum Ratings (Ta=25C)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol IDpeak IDMAX
Definition Drain Current *1 Maximum switching current *5
Terminals Max. Ratings 1-2 2.7 1-2 2.7
Units A A
Note Single Pulse V2-3=0.78V Ta=-20~+125 Single Pulse VDD=99V, L=20mH IL peak=2.8A
EAS Vin Vth PD1 PD2 TF Top Tstg Tch
Single pulse avalanche energy *2 Input voltage for control part O.C.P/F.B Pin voltage Power dissipation for MOSFET *3 Power dissipation for control part (Control IC) *4 Internal frame temperature in operation Operating ambient temperature Storage temperature Channel temperature
1-2 4-3 5-3 1-2 4-3 -
92 35 6 24 1.5 0.8 -20 ~ +125 -20 ~ +125 -40 ~ +125 150
mJ V V W W W
With infintite heatsink
Without heatsink Specified by VinxIin
Refer to recommended operating temperature
*1 Refer to MOS FET A.S.O curve *2 MOS FET Tch-EAS curve *3 Refer to MOS FET Ta-PD1 curve *4 Refer to TF-PD2 curve for Control IC (See page 5) *5 Maximum switching current.
Fig.1
V2-3
The maximum switching current is the Drain current determined by the drive voltage of the IC and threshold voltage (Vth) of MOS FET. Therefore, in the event that voltage drop occurs between Pin 2 and Pin 3 due to patterning, the maximum switching current decreases as shown by V2-3 in Fig.1 Accordingly please use this device within the decrease value, referring to the derating curve of the maximum switching current.
www.irf.com
IRIS-G6651
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25, Vin=18V,unless otherwise specified)
Symbol Vin(ON) Vin(OFF) Iin(ON) Iin(OFF) TOFF(MAX)
Definition Operation start voltage Operation stop voltage Circuit current in operation Circuit current in non-operation Maximum OFF time Minimum time for input of quasi Tth(2) resonant signals *6 *7 TOFF(MIN) Minimum OFF time Vth(1) O.C.P/F.B Pin threshold voltage 1 Vth(2) O.C.P/F.B Pin threshold voltage 2 IOCP/FB O.C.P/F.B Pin extraction current Vin(OVP) O.V.P operation voltage Latch circuit sustaining current *8 Iin(H) Vin(La.OFF) Latch circuit release voltage *8 Tj(TSD) Thermal shutdown operating temperature
MIN 14.4 9 45 0.68 1.3 1.2 20.5 6.6 140
Ratings TYP 16 10 0.73 1.45 1.35 22.5 -
MAX 17.6 11 30 100 55 1 1.5 0.78 1.6 1.5 24.5 400 8.4 -
Units V V mA A sec sec sec V V mA V A V
Test Conditions
Vin=017.6V Vin=17.69V
Vin=14V
Vin=024.5V Vin=24.58.5V Vin=24.56.6V
-
*6 Recommended operating conditions Tth(2)1.0sec Time for input of quasi resonant signals For the quasi resonant signal inputted to OCP/FB Pin O.C.P/F.B at the time of quasi resonant operation, the signal shall Vth(2) 0V be wider than Tth(2). *7 The minimum OFF time means TOFF width at the time when the minimum quasi resonant signal is inputted. *8 The latch circuit means a circuit operated O.V.P and T.S.D.
Electrical Characteristics (for MOSFET)
(Ta=25) unless otherwise specified
Symbol VDSS IDSS
Definition Drain-to-Source breakdown voltage Drain leakage current
MIN 650 -
Ratings TYP -
MAX 300 3.9 250 2.4
Units V A nsec /W
Test Conditions
ID=300A V3- 2=0V(short) VDS =650V V3-2=0V(short) V3-2=10V ID=0.9A
RDS(ON) On-resistance tf Switching time ch-F Thermal resistance
Between channel and internal frame
www.irf.com
IRIS-G6651
IRIS-G6651
IRIS-G6651
A.S.O. temperature derating coefficient curve
MOSFET A.S.O. Curve 100
Ta=25 Single Pulse
100
A.S.O. temperature derating coefficient[%]
D Drain Current ID [A]
80
10
Drain current limit by ON resistance
0.1ms
1ms
60
1
40
0.1
20
ASO temperature derating shall be made by obtaining ASO Coefficient from the left curve in your use.
0 0 20 40 60 80 100 120
0.01 1 10 100 1000 Drain-to-Source Voltage VDS [V]
Internal frame temperature TF []
IRIS-G6651 3.0
Maximum Switching current derating curve Ta= 20+125
IRIS-G6651 Avalanche energy derating curve 100
EAS temperature derating coefficient[%]
0.7 0.8 0.9 1.0 V2-3 [V] 1.1 1.2
Maximum Switchng Current IDMAX[A]
2.5
80
2.0
60
1.5
40
1.0
0.5
20
0.0
0 25 50 75 100 125 150
Channel temperature Tch []
www.irf.com
IRIS-G6651
IRIS-G6651 MOSFET Ta-PD1 Curve 30
PD1=24[W]
IRIS-G6651 MIC TF-PD2 Curve 0.9 0.8 0.7
PD2=0.8[W]
25
Power dissipation PD2[W]
Power dissipation PD1[W]
20
With infinite heatsink
0.6 0.5 0.4 0.3 0.2 0.1 0
15
10
Without heatsink PD1=1.5[W]
5
0 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100
120
140
160
Internal frame temperature TF[]
Ambient temperature Ta[]
IRIS-G6651 Transient thermal resistance curve 10
Transient thermal resistance ch-c[/W]
1
0.1
0.01
0.001
1
10
100
ti e t [sec] m
1m
10m
100m
www.irf.com
IRIS-G6651 Block Diagram
4 Vin
START REG. T.S.D
O.V.P.
LATCH DRIVE
1 D
2 S Vth(1)
+
5 OCP/FB
O.S.C
+
Vth(2)
3 GND
Lead Assignments
Pin No.
1 2 3 4
Symbol D S GND Vin OCP/FB
IRIS
5
Description Drain Pin Source Pin Ground Pin Power supply Pin Overcurrent / Feedback Pin
Function MOSFET drain MOSFET source Ground Input of power supply for control circuit Input of overcurrent detection signal / constant voltage control signal
Other Functions
O.V.P. - Overvoltage Protection Circuit T.S.D. - Thermal Shutdown Circuit
D S GND Vin OCP/FB
www.irf.com
IRIS-G6651
Case Outline
4.2 0.2 3.2 0.2 2.8 0.2
4 0.2
7.9 0.2 16.9 0.3
IRIS
a b
2.6 0.1 4.1 0.5 2-(R1) 8.7 0.5
0.94 0.15 0.85 -0.1
+0.2
R-end
(4.6) 0.45 -0.1
+0.2
4xp1.70.1=(6.8)
5.08 0.6
10 0.2
0.7
0.7
aType Number G6651 bLot Number 1st letterThe last digit of year 2nd letterMonth 1 to 9 for Jan. to Sept., O for Oct. N for Nov. D for Dec. 3rd & 4th letterDay Arabic Numerals 5th letter : Registration Symbol
Weight : Approx. 2.3g Dimensions in mm DWG.No.TG3A-1128
1
2
3
4
5
Material of Pin : Cu Treatment of Pin : Ni plating + solder dip
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC FAX: (310) 252-7903 Visit us at www.irf.com for sales contact information.
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRIS-G6651

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X