Part Number Hot Search : 
A1314BS2 1003A DDTC114 40N65 SM7181 1N5247B PTB20239 X2004
Product Description
Full Text Search
 

To Download IRIS-A6359 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD 96937A
IRIS-A6359
Features
* Oscillator is provided on the monolithic control IC with adopting On-ChipTrimming technology. * Small temperature characteristics variation by adopting a comparator to compensate for temperature on the control part. * Low start-up circuit current (50uA max) * Built-in Active Low-Pass Filter for stabilizing the operation in case of light load * Avalanche energy guaranteed MOSFET with high VDSS * The built-in power MOSFET simplifies the surge absorption circuit since the MOSFET guarantees the avalanche energy. * No VDSS de-rating is required. * Built-in constant voltage drive circuit * Various kinds of protection functions * Pulse-by-pulse Overcurrent Protection (OCP) * Overvoltage Protection with latch mode (OVP) * Thermal Shutdown with latch mode (TSD)
IRIS-A6359 650 6.00
INTEGRATED SWITCHER
Package Outline
8 Lead PDIP
Key Specifications
Type MOSFET VDSS(V) RDS(ON) MAX AC input(V) 23015% 85 to 264 Pout(W) Note 1 7 5
Descriptions
Note 1: The Pout(W) represents the thermal rating at PRC Operation, and the peak power output is obtained by approximately 120 to 150% of the above listed. When the output voltage is low and ON-duty is narrow, the Pout(W) shall become lower than that of above.
IRIS-A6359 is a hybrid IC consists from power MOSFET and a controller IC, designed for PRC fly-back converter type SMPS (Switching Mode Power Supply) applications, applicable for PRC operation for small power SMPS. This IC realizes downsizing and standardizing of a power supply system reducing external components count and simplifying the circuit designs. (Note). PRC is abbreviation of "Pulse Ratio Control" (On-width control with fixed OFF-time).
Typical Connection Diagram
IRIS-A6359
1 2 3 4 8 7 6 5
www.irf.com
IRIS-A6359
Absolute Maximum Ratings (Ta=25C)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol IDpeak IDMAX
Definition Drain Current *1 Maximum switching current *5
Terminals Max. Ratings 8 1.8 8 1.8
Units A A
EAS Vin Vth PD1 PD2 TF Top Tstg Tch
Single pulse avalanche energy *2 Input voltage for control part O.C.P/F.B Pin voltage Power dissipation for MOSFET *3 Power dissipation for control part (Control IC) *4 Internal frame temperature in operation Operating ambient temperature Storage temperature Channel temperature
8-1 3-2 4-2 8-1 3-2 -
24 35 6 1.35 0.14 -20 ~ +125 -20 ~ +125 -40 ~ +125 150
mJ V V W W
Note Single Pulse V1-2=0.82V Ta=-20~+125 Single Pulse VDD=99V,L=20mH IL=1.8A
*6 Specified by VinxIin
Refer to recommended operating temperature
*1 Refer to MOS FET A.S.O curve *2 MOS FET Tch-EAS curve *3 Refer to MOS FET Ta-PD1 curve *4 Refer to TF-PD2 curve for Control IC (See page 5) *5 Maximum switching current. The maximum switching current is the Drain current determined by the drive voltage of the IC and threshold voltage (Vth) of MOS FET. Therefore, in the event that voltage drop occurs between Pin 1and Pin 2 due to patterning, the maximum switching current decreases as shown by V1-2 in Fig.1 Accordingly please use this device within the decrease value, referring to the derating curve of the maximum switching current. *6 When embedding this hybrid IC onto the printed circuit board (board size 15mmx15mm)
Fig.1 V1-2
www.irf.com
IRIS-A6359
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25, Vin=20V,unless otherwise specified)
Symbol Vin(ON) Vin(OFF) Iin(ON) Iin(OFF) TOFF(MAX) Vth IOCP/FB Vin(OVP)
Definition Operation start voltage Operation stop voltage *7 Circuit current in operation Circuit current in non-operation Maximum OFF time O.C.P/F.B Pin threshold voltage O.C.P/F.B Pin extraction current O.V.P operation voltage
MIN 15.8 9.1 12 0.7 0.7 23.2 7.9 135
Ratings TYP 17.6 10.1 15 0.76 0.8 25.5 -
MAX 19.4 11.1 5 50 18 0.82 0.9 27.8 70 10.5 -
Units V V mA A sec V mA V A V
Test Conditions
Vin=019.4V Vin=19.49.1V
Vin=15V
Vin=027.8V Vin=27.8 (Vin(OFF)-0.3)V Vin=27.87.9V
Iin(H) Latch circuit sustaining current *8 Vin(La.OFF) Latch circuit release voltage *7,8 Tj(TSD) Thermal shutdown operating temperature
-
*7 The relation of Vin(OFF)Vin(La.OFF) is applied for each product. *8 The latch circuit means a circuit operated O.V.P and T.S.D.
Electrical Characteristics (for MOSFET)
(Ta=25) unless otherwise specified
Symbol VDSS IDSS
Definition Drain-to-Source breakdown voltage Drain leakage current
MIN 650 *9 -
Ratings TYP -
MAX 300 6 250 52
Units V A nsec /W
Test Conditions
ID=300A V2- 1=0V(short) VDS =650V V2- 1=0V(short) V3- 2=10V ID=0.4A
RDS(ON) On-resistance tf Switching time ch-F Thermal resistance
Between channel and internal frame
*9 Internal frame temperature (TF) is measured at the root of the Pin 5.
www.irf.com
IRIS-A6359
IRIS-A6359
A.S.O. temperature derating coefficient curve
100
100
IRIS-A6359 MOSFET A.S.O Curve Ta=25C Single Pulse
A.S.O. temperature derating coefficient[%]
80
10 Drain Current ID[A]
60
Drain current limit by ON resistance 0.1ms
1
1ms
40
20
0.1
ASO temperature derating shall be made by obtaining ASO Coefficient from the left curve in your use.
0 0 20 40 60 80 100 120
0.01 1 10 100 1000 Drain-to-Source Voltage VDS [V]
Internal frame temperature TF []
IRIS-A6359
Maximum Switching current derating curve Ta= 20+125
IRIS-A6359 Avalanche energy derating curve 100
2
Maximum Switchng Current IDMAX[A]
EAS temperature derating coefficient [%]
80
60
1
40
20
0 0.8 0.9 1 V1-2 [V] 1.1 1.2
0 25 50 75 100
]
125
150
Channel temperature Tch [
www.irf.com
IRIS-A6359
IRIS-A6359 MOSFET Ta-PD1 Curve 1.6
IRIS-A6359 TF-PD2 Curve for Control IC 0.16
PD1=1.35[W]
1.4 1.2 Power dissipation PD1[W]
PD2=0.14[W]
0.14 0.12 Power dissipation PD2[W] 0.1 0.08 0.06 0.04 0.02 0
1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 Ambient temperature Ta[]
0
20
40
60
80
100
120
140
Internal frame temperature TF[]
IRIS-A6359 Transient thermal resistance curve 10
Transient thermal resistance ch-a[/W]
1
0.1
0.01
1
10
100
time t [sec]
1m
10m
100m
www.irf.com
IRIS-A6359 Block Diagram
3 Vin
OVP UVLO


REG
Latch Internal Bias Delay
TSD

REG
7,8 D
PWM OSC
Latch
SQ R
Drive 1 S OCP

Comp. Icont
4 OCP/FB 2,5 GND
Lead Assignments
Pin Assignment (Top View) Source GND Vin OCP/FB 1 2 3 4 8 7 6 5 Drain Drain N.C. GND
Pin No.
1 2 3 4 5 6 7,8
Symbol S GND Vin OCP/FB GND N.C. D
Description Source Pin Ground Pin Power supply Pin Overcurrent / Feedback Pin Ground Pin Drain Pin
Function MOSFET source Ground Input of power supply for control circuit Input of overcurrent detection signal / constant voltage control signal Ground Not Connected MOSFET drain
Other Functions
O.V.P. - Overvoltage Protection Circuit T.S.D. - Thermal Shutdown Circuit
www.irf.com
IRIS-A6359
Case Outline
a. Type Number b. Lot Number 1st letterThe last digit of year 2nd letterMonth (1 to 9 for Jan. to Sept., O for Oct. N for Nov. D for Dec.) 3rd letterWeek 13 : Arabic numerals c. Registration Number
8
7
6
5
A6359
I R
1 2 3 4
a
b c
Material of Pin : Cu Treatment of Pin : Solder plating Weight: Approx. 0.51g
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC FAX: (310) 252-7903 Visit us at www.irf.com for sales contact information.
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRIS-A6359

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X