Part Number Hot Search : 
KMM532 ZVN211 FIN224C CMOZ20V KMM532 L1025 L05250 PIC18F65
Product Description
Full Text Search
 

To Download IRGPC30UD2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
PD - 9.1112
IRGPC30UD2
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Features
* Switching-loss rating includes all "tail" losses TM * HEXFRED soft ultrafast diodes * Optimized for high operating frequency (over 5kHz) See Fig. 1 for Current vs. Frequency curve
C
UltraFast CoPack IGBT
VCES = 600V VCE(sat) 3.0V
G
@VGE = 15V, IC = 12A
E
n-channel
Description
Co-packaged IGBTs are a natural extension of International Rectifier's well known IGBT line. They provide the convenience of an IGBT and an ultrafast recovery diode in one package, resulting in substantial benefits to a host of high-voltage, high-current, motor control, UPS and power supply applications.
TO-247AC
Absolute Maximum Ratings
Parameter
VCES IC @ T C = 25C IC @ T C = 100C ICM ILM IF @ T C = 100C IFM VGE PD @ T C = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Diode Continuous Forward Current Diode Maximum Forward Current Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting Torque, 6-32 or M3 Screw.
Max.
600 23 12 92 92 12 92 20 100 42 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1 N*m)
Units
V
A
V W
C
Thermal Resistance
Parameter
RJC RJC RCS RJA Wt Junction-to-Case - IGBT Junction-to-Case - Diode Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight
Min.
-- -- -- -- --
Typ.
-- -- 0.24 -- 6 (0.21)
Max.
1.2 2.5 -- 40 --
Units
C/W
g (oz)
Revision 1
C-709
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
Electrical Characteristics @ T = 25C (unless otherwise specified) J
V(BR)CES
V(BR)CES/TJ
VCE(on)
Parameter Collector-to-Emitter Breakdown Voltage Temp. Coeff. of Breakdown Voltage Collector-to-Emitter Saturation Voltage
VGE(th) VGE(th)/TJ gfe ICES VFM IGES
Gate Threshold Voltage Temp. Coeff. of Threshold Voltage Forward Transconductance Zero Gate Voltage Collector Current Diode Forward Voltage Drop Gate-to-Emitter Leakage Current
Min. Typ. Max. Units Conditions 600 -- -- V VGE = 0V, I C = 250A -- 0.63 -- V/C VGE = 0V, IC = 1.0mA -- 2.2 3.0 IC = 12A V GE = 15V -- 2.7 -- V IC = 23A See Fig. 2, 5 -- 2.4 -- IC = 12A, T J = 150C 3.0 -- 5.5 VCE = VGE, IC = 250A -- -11 -- mV/C VCE = VGE, IC = 250A 3.1 8.6 -- S VCE = 100V, I C = 12A -- -- 250 A VGE = 0V, V CE = 600V -- -- 2500 VGE = 0V, V CE = 600V, T J = 150C -- 1.4 1.7 V IC = 12A See Fig. 13 -- 1.3 1.6 IC = 12A, T J = 150C -- -- 100 nA VGE = 20V
Switching Characteristics @ T = 25C (unless otherwise specified) J
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M/dt Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During t b Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 29 4.8 12 67 56 170 140 0.70 0.80 1.5 61 51 190 190 1.9 13 680 110 11 42 80 3.5 5.6 80 220 180 120 Max. Units Conditions 36 IC = 12A 6.8 nC VCC = 400V 17 See Fig. 8 -- TJ = 25C -- ns IC = 12A, V CC = 480V 250 VGE = 15V, R G = 23 270 Energy losses include "tail" and -- diode reverse recovery. -- mJ See Fig. 9, 10, 11, 18 2.5 -- TJ = 150C, See Fig. 9, 10, 11, 18 -- ns IC = 12A, V CC = 480V -- VGE = 15V, R G = 23 -- Energy losses include "tail" and -- mJ diode reverse recovery. -- nH Measured 5mm from package -- VGE = 0V -- pF VCC = 30V See Fig. 7 -- = 1.0MHz 60 ns TJ = 25C See Fig. 120 TJ = 125C 14 I F = 12A 6.0 A TJ = 25C See Fig. 10 TJ = 125C 15 V R = 200V 180 nC TJ = 25C See Fig. 600 TJ = 125C 16 di/dt = 200A/s -- A/s TJ = 25C See Fig. -- TJ = 125C 17 Pulse width 5.0s, single shot.
Notes: Repetitive rating; V GE=20V, pulse width limited by max. junction temperature. ( See fig. 20 )
VCC=80%(V CES), VGE=20V, L=10H, R G= 23, ( See fig. 19 ) Pulse width 80s; duty factor 0.1%.
C-710
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
20
D u ty c y c le : 5 0 % TJ = 1 2 5 C T s in k = 9 0 C G a te d r iv e a s s p e c ifie d T u r n -o n lo s s e s in c lu d e e ffe c ts o f re v e rs e re c o ve ry P o w e r D is s ip a tio n = 2 4 W
16
Load Current (A)
12
6 0 % o f ra te d v o lta g e
8
4
0 0.1 1 10
A
100
f, Frequency (kHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = I RMS of fundamental)
1000
1000
I C , Collector-to-E m itter C urrent (A)
IC , C ollector-to-E m itter C urrent (A )
100
100
TJ = 2 5C TJ = 15 0 C
10
TJ = 1 50 C
10
TJ = 2 5C
1
1 1
V G E = 15 V 20 s P UL S E W ID TH
10
0.1 5 10
V C C = 1 00 V 5 s P U L S E W ID TH
15 20
V C E , C o llector-to-Em itter V oltage (V)
V G E , G ate -to-E m itter V olta ge (V )
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
C-711
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
25
V G E = 15 V
4.0
VG E = 1 5 V 80 s P UL S E W ID TH
V C E , C ollector-to-E m itter V oltage (V)
M aximum D C Collector Current (A )
3.5
20
I C = 24 A
3.0
15
2.5
10
I C = 12 A
2.0
5
I C = 6.0A
1.5
0 25 50 75 100 125 150
1.0 -60 -40 -20 0 20 40 60 80 1 00 120 140 160
T C , C ase Tem perature (C )
TC , C ase Tem perature (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Case Temperature
10
T he rm al R e sp ons e (Z thJ C )
1
D = 0 .5 0
0 .2 0 0 .1 0
PD M
0.1
0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E )
t
1
t
2
N o te s : 1 . D u ty fa c to r D = t
1
/t
2
0.01 0.00001
2 . P e a k T J = P D M x Z thJ C + T C
0.0001
0.00 1
0.01
0.1
1
10
t 1 , R e c ta n gu la r P u ls e D ura tio n (s e c )
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
C-712
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
14 0 0
C , Capacitance (pF )
10 0 0
Cies
800
Coes
600
V G E , G ate-to-E m itter V oltag e (V )
100
12 0 0
V GE = 0V, f = 1MHz C ies = C ge + C gc , Cce SHORTED C res = C gc C oes = C ce + C gc
20
V C E = 40 0V I C = 12 A
16
12
8
400
Cres
200
4
0 1 10
0 0 5 10 15 20 25 30
V C E , C o llector-to-Em itter V oltage (V)
Q g , T o tal G a te C h a rg e (n C )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
1.7
10
Total Switching Losses (mJ)
Total Switching Losses (mJ)
VCC VGE TC IC
= 480V = 15V = 25C = 12A
I C = 24A
1.6
I C = 12A
1
I C = 6.0A
1.5
1.4 0 10 20 30 40 50
A
60
0.1
RG = 23 VGE = 15V VCC = 480V
-60 -40 -20 0 20 40 60 80
A 100 120 140 160
R G , Gate Resistance ()
TC , Case Temperature (C)
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Case Temperature
C-713
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
5.0
4.0
I C , C o llec to r-to-E m itter C urre nt (A )
Total Switching Losses (mJ)
RG TC V CC V GE
= 23 = 150C = 480V = 15V
1000
VG E E 20 V G= T J = 125 C
100
3.0
S A FE O P E RA TIN G A RE A
10
2.0
1
1.0
0.0 0 5 10 15 20
A
25
0.1 1 10 100 1000
I C , Collector-to-Emitter Current (A)
V C E , C o lle cto r-to-E m itte r V olta g e (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
100
Fig. 12 - Turn-Off SOA
Instantaneous Forward Current - I F (A)
TJ = 150C
10
TJ = 125C TJ = 25C
1 0.4
0.8
1.2
1.6
2.0
2.4
Forward Voltage Drop - V FM (V)
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
C-714
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
160 100
VR = 200V TJ = 125C TJ = 25C
120
VR = 200V TJ = 125C TJ = 25C
I F = 24A I F = 12A
80
I IRRM - (A)
I F = 24A
10
t rr - (ns)
I F = 12A IF = 6.0A
I F = 6.0A
40
0 100
di f /dt - (A/s)
1000
1 100
di f /dt - (A/s)
1000
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
600
10000
VR = 200V TJ = 125C TJ = 25C
VR = 200V TJ = 125C TJ = 25C
400
di(rec)M/dt - (A/s)
1000
Q RR - (nC)
IF = 6.0A
I F = 24A I F = 12A
I F = 12A
100
200
IF = 6.0A
I F = 24A
0 100
di f /dt - (A/s)
1000
10 100
1000
di f /dt - (A/s)
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
C-715
To Order
Previous Datasheet
Index
Next Data Sheet
IRGPC30UD2
90% Vge Same type device as D.U.T. +Vge
Vce
80% of Vce
430F D.U.T. Ic
10% Vce Ic
90% Ic 5% Ic
td(off)
tf
Eoff =
Fig. 18a - Test Circuit for Measurement of ILM, Eon, Eoff(diode) , trr, Qrr, Irr, td(on), tr, td(off), tf
t1 t2
t1+5S Vce ic dt t1
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
GATE VOLTAGE D.U.T. 10% +Vg +Vg
trr Ic
Qrr =
trr id dt tx
tx 10% Vcc Vce Vcc 10% Ic 90% Ic DUT VOLTAGE AND CURRENT Ipk Ic
10% Irr Vcc
Vpk Irr
DIODE RECOVERY WAVEFORMS td(on) tr 5% Vce t2 Eon = Vce ie dt t1 t2 DIODE REVERSE RECOVERY ENERGY t3
t4 Erec = Vd id dt t3
t1
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining E on, td(on), tr
t4
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining E rec, trr, Qrr, Irr
Refer to Section D for the following: Appendix D: Section D - page D-6 Fig. 18e - Macro Waveforms for Test Circuit of Fig. 18a Fig. 19 - Clamped Inductive Load Test Circuit Fig. 20 - Pulsed Collector Current Test Circuit Package Outline 3 - JEDEC Outline TO-247AC
C-716
Section D - page D-13
To Order


▲Up To Search▲   

 
Price & Availability of IRGPC30UD2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X