Part Number Hot Search : 
28000 C5107M FH427NF0 SR4060P 70NM60 OA1180 TC7106CK MS3022
Product Description
Full Text Search
 

To Download IRGP4055PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 97207
PDP TRENCH IGBT
IRGP4055PBF
Key Parameters
300 1.70 270 150
C E C G
E
Features l Advanced Trench IGBT Technology l Optimized for Sustain and Energy Recovery circuits in PDP applications TM) l Low VCE(on) and Energy per Pulse (EPULSE for improved panel efficiency l High repetitive peak current capability l Lead Free package
VCE min VCE(ON) typ. @ 110A IRP max @ TC= 25C c TJ max
C
V V A C
G
n-channel
G Gate C Collector
TO-247AC
E Emitter
Description This IGBT is specifically designed for applications in Plasma Display Panels. This device utilizes advanced trench IGBT technology to achieve low VCE(on) and low EPULSETM rating per silicon area which improve panel efficiency. Additional features are 150C operating junction temperature and high repetitive peak current capability. These features combine to make this IGBT a highly efficient, robust and reliable device for PDP applications.
Absolute Maximum Ratings
Parameter
VGE IC @ TC = 25C IC @ TC = 100C IRP @ TC = 25C PD @TC = 25C PD @TC = 100C TJ TSTG Gate-to-Emitter Voltage Continuous Collector Current, VGE @ 15V Continuous Collector, VGE @ 15V Repetitive Peak Current c Power Dissipation Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Soldering Temperature for 10 seconds Mounting Torque, 6-32 or M3 Screw 300 10lbxin (1.1Nxm) N
Max.
30 110 60 270 255 102 2.04 -40 to + 150
Units
V A
W W/C C
Thermal Resistance
Parameter
RJC
RCS RJA
Typ.
--- 0.24 ---
Max.
0.48 --- 40
Units
C/W
Junction-to-Case d Case-to-Sink (flat, greased surface) Junction-to-Ambient (typical socket mount)
www.irf.com
1
05/10/06
IRGP4055PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
BVCES VCES/TJ VCE(on) VGE(th) VGE(th)/TJ ICES IGES gfe Qg Qgc tst EPULSE Collector-to-Emitter Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Collector-to-Emitter Voltage Gate Threshold Voltage Gate Threshold Voltage Coefficient Collector-to-Emitter Leakage Current Gate-to-Emitter Forward Leakage Gate-to-Emitter Reverse Leakage Forward Transconductance Total Gate Charge Gate-to-Collector Charge Shoot Through Blocking Time Energy per Pulse
Min. Typ. Max. Units
300 --- --- --- --- --- 2.6 --- --- --- --- --- --- --- --- 100 --- --- --- 0.23 1.10 1.70 2.35 1.95 --- -11 2.0 100 --- --- 38 132 42 --- 705 915 4280 200 125 5.0 13
Conditions
Ciss Coss Crss LC LE
Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Collector Inductance Internal Emitter Inductance
--- --- --- --- ---
--- V VGE = 0V, ICE = 1 mA --- V/C Reference to 25C, ICE = 1mA 1.30 V VGE = 15V, ICE = 35A e 2.10 V VGE = 15V, ICE = 110A e --- V VGE = 15V, ICE = 200A e --- V VGE = 15V, ICE = 110A, TJ = 150C 5.0 V VCE = VGE, ICE = 1mA --- mV/C 25 A VCE = 300V, VGE = 0V VCE = 300V, VGE = 0V, TJ = 150C --- 100 nA VGE = 30V VGE = -30V -100 --- S VCE = 25V, ICE = 35A --- nC VCE = 200V, IC = 35A, VGE = 15Ve --- --- ns VCC = 240V, VGE = 15V, RG= 5.1 L = 220nH, C= 0.40F, VGE = 15V --- J VCC = 240V, RG= 5.1, TJ = 25C L = 220nH, C= 0.40F, VGE = 15V --- VCC = 240V, RG= 5.1, TJ = 100C VGE = 0V --- --- pF VCE = 30V = 1.0MHz, See Fig.13 --- --- Between lead, nH 6mm (0.25in.) --- from package and center of die contact
Notes: Half sine wave with duty cycle = 0.25, ton=1sec. R is measured at TJ of approximately 90C. Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRGP4055PBF
200
Top V = 18V GE V = 15V GE V = 12V GE V = 10V GE V = 8.0V GE V = 6.0V GE
200
Top V = 18V GE V = 15V GE V = 12V GE V = 10V GE V = 8.0V GE V = 6.0V GE
150
Bottom
150
Bottom
ICE (A)
ICE (A)
100
100
50
50
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 V CE (V)
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 V CE (V)
Fig 1. Typical Output Characteristics @ 25C
200
Top V = 18V GE V = 15V GE V = 12V GE V = 10V GE V = 8.0V GE V = 6.0V GE
Fig 2. Typical Output Characteristics @ 75C
200
Top V = 18V GE V = 15V GE V = 12V GE V = 10V GE V = 8.0V GE V = 6.0V GE
150
Bottom
150
Bottom
ICE (A)
ICE (A)
100
100
50
50
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 V CE (V)
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 V CE (V)
Fig 3. Typical Output Characteristics @ 125C
300
IC, Collector-to-Emitter Current (A)
Fig 4. Typical Output Characteristics @ 150C
20
T J = 25C 250 200 150 100
5
IC = 35A
T J = 150C
V CE (V)
15 TJ = 25C TJ = 150C
10
50 10s PULSE WIDTH 0 0 5 10 15 VGE, Gate-to-Emitter Voltage (V)
0 5 10 V GE (V) 15 20
Fig 5. Typical Transfer Characteristics
Fig 6. VCE(ON) vs. Gate Voltage
www.irf.com
3
IRGP4055PBF
120 100
IC, Collector Current (A)
300 280
Limited By Package
Repetitive Peak Current (A)
260 240 220 200 180 160 140 120 100 80 60 40 20 0
ton= 1s Duty cycle = 0.25 Half Sine Wave
80 60 40 20 0 0 25 50 75 100 125 150 TC , Case Temperature (C)
25
50
75
100
125
150
Case Temperature (C)
Fig 7. Maximum Collector Current vs. Case Temperature
1000 900
Energy per Pulse (J)
Fig 8. Typical Repetitive Peak Current vs. Case Temperature
1000 L = 220nH C = 0.4F
V CC = 240V L = 220nH C = variable
Energy per Pulse (J)
900 800 700
800 700 600 25C 500 400 300 160 170 180 190 200 210 220 230 100C
100C 600 500 25C 400 300 200 150 160 170 180 190 200 210 220 230 240 V CE, Collector-to-Emitter Voltage (V)
Ic , Peak Collector Current (A)
Fig 9. Typical EPULSE vs. Collector Current
1200 V CC = 240V 1000
Energy Pulse (J)
Fig 10. Typical EPULSE vs. Collector-to-Emitter Voltage
1000 OPERATION IN THIS AREA LIMITED BY V CE(on)
L = 220nH t = 1s half sine
C= 0.4F
100
800 C= 0.3F 600 C= 0.2F 400
1sec 10sec
IC (A)
100sec
10
200 25 50 75 100 125 150 TJ, Temperature (C)
1 1 10 VCE (V) 100 1000
Fig 11. EPULSE vs. Temperature
Fig 12. Forrward Bias Safe Operating Area
4
www.irf.com
IRGP4055PBF
100000 VGS = 0V, f = 1 MHZ C ies = C ge + C gd, C ce SHORTED C oes = C ce + C gc
16 14 12 10 8 6 4 2 0 IC = 30A IC = 35A
10000
Capacitance (pF)
Cies
1000
100
Coes Cres
10 0 50 100 150 200
V GE, Gate-to-Emitter Voltage (V)
C res = C gc
0
25
50
75
100
125
150
V CE, Collector-toEmitter-Voltage(V)
Q G, Total Gate Charge (nC)
Fig 13. Typical Capacitance vs. Collector-to-Emitter Voltage
Fig 14. Typical Gate Charge vs. Gate-to-Emitter Voltage
1 D = 0.50 0.1 0.20 0.10 0.05 0.01 0.02 0.01
J R1 R1 J 1 2 R2 R2 R3 R3 3 C 3
Thermal Response ( Z thJC )
Ri (C/W) i (sec) 0.119 0.000256 0.215 0.146 0.001967 0.010235
1
2
0.001
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.001 0.01 0.1 1
0.0001 1E-006
1E-005
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 15. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRGP4055PBF
A
RG
DRIVER L
C
PULSE A
VCC
B
PULSE B
RG
Ipulse DUT
tST
Fig 16a. tst and EPULSE Test Circuit
Fig 16b. tst Test Waveforms
VCE
Energy IC Current
0
L DUT 1K VCC
Fig 16c. EPULSE Test Waveforms
Fig. 17 - Gate Charge Circuit (turn-off)
6
www.irf.com
IRGP4055PBF
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
(;$03/( 7+,6 ,6 $1 ,5)3( :,7+ $66(0%/< /27 &2'( $66(0%/(' 21 :: ,1 7+( $66(0%/< /,1( + 1RWH 3 LQ DVVHPEO\ OLQH SRVLWLRQ LQGLFDWHV /HDG)UHH ,17(51$7,21$/ 5(&7,),(5 /2*2 $66(0%/< /27 &2'( 3$57 180%(5
,5)3(
A "$C $%AAAAAAAAAAA$&
'$7( &2'( <($5 :((. /,1( +
TO-247AC package is not recommended for Surface Mount Application.
The specifications set forth in this data sheet are the sole and exclusive specifications applicable to the identified product, and no specifications or features are implied whether by industry custom, sampling or otherwise. We qualify our products in accordance with our internal practices and procedures, which by their nature do not include qualification to all possible or even all widely used applications. Without limitation, we have not qualified our product for medical use or applications involving hi-reliability applications. Customers are encouraged to and responsible for qualifying product to their own use and their own application environments, especially where particular features are critical to operational performance or safety. Please contact your IR representative if you have specific design or use requirements or for further information.
Data and specifications subject to change without notice. This product has been designed for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.05/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRGP4055PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X