Part Number Hot Search : 
2SC42 100307 TCP065A MMA7340L DAN202U SL4015B 1M0965R 4HC451
Product Description
Full Text Search
 

To Download IRGBC30K-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
PD - 9.1132
IRGBC30K-S
INSULATED GATE BIPOLAR TRANSISTOR
Features
* Short circuit rated - 10s @ 125C, V GE = 15V * Switching-loss rating includes all "tail" losses * Optimized for high operating frequency (over 5kHz) See Fig. 1 for Current vs. Frequency curve
G E C
Short Circuit Rated UltraFast Fast IGBT
VCES = 600V VCE(sat) 3.8V
@VGE = 15V, I C = 14A
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, highcurrent applications. These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.
SMD-220
Max.
600 23 14 46 46 10 20 10 100 42 -55 to +150
Absolute Maximum Ratings
Parameter
VCES IC @ T C = 25C IC @ T C = 100C ICM ILM tsc VGE EARV PD @ T C = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Short Circuit Withstand Time Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting torque, 6-32 or M3 screw.
Units
V A
s V mJ W
C 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1N*m)
Thermal Resistance
Parameter
RJC RJA RJA Wt Junction-to-Case Junction-to-Ambient, (PCB mount)** Junction-to-Ambient, typical socket mount Weight
Min.
-- -- -- --
Typ.
-- -- -- 2 (0.07)
Max.
1.2 40 80 --
Units
C/W g (oz)
** When mounted on 1" square PCB (FR-4 or G-10 Material)
For recommended footprint and soldering techniques refer to application note #AN-994.
Revision 1
C-861
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC30K-S
Electrical Characteristics @ T
V(BR)CES V(BR)ECS
V(BR)CES/TJ
J
= 25C (unless otherwise specified)
Min. Typ. Max. Units Conditions 600 -- -- V VGE = 0V, I C = 250A 20 -- -- V VGE = 0V, IC = 1.0A -- 0.30 -- V/C VGE = 0V, I C = 1.0mA -- 2.5 3.8 IC = 14A V GE = 15V -- 3.3 -- V IC = 23A See Fig. 2, 5 -- 2.5 -- IC = 14A, T J = 150C 3.0 -- 5.5 VCE = VGE, IC = 250A -- -13 -- mV/C VCE = VGE, IC = 250A 3.3 6.5 -- S VCE = 100V, I C = 14A -- -- 600 A VGE = 0V, V CE = 600V -- -- 1100 VGE = 0V, V CE = 600V, T J = 150C -- -- 100 nA VGE = 20V
VCE(on)
Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Temperature Coeff. of Breakdown Voltage Collector-to-Emitter Saturation Voltage
VGE(th) VGE(th)/TJ gfe ICES IGES
Gate Threshold Voltage Temperature Coeff. of Threshold Voltage Forward Transconductance Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current
Switching Characteristics @ T
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets tsc td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Repetitive rating; V GE=20V, pulse width limited by max. junction temperature. ( See fig. 13b ) VCC=80%(V CES), VGE=20V, L=10H, R G= 23, ( See fig. 13a )
J
= 25C (unless otherwise specified)
Min. Typ. Max. Units Conditions -- 39 58 IC = 14A -- 8.7 13 nC VCC = 400V See Fig. 8 -- 15 23 VGE = 15V -- 31 -- TJ = 25C -- 23 -- ns IC = 14A, V CC = 480V -- 100 150 VGE = 15V, R G = 23 -- 84 130 Energy losses include "tail" -- 0.3 -- -- 0.3 -- mJ See Fig. 9, 10, 11, 14 -- 0.6 0.9 10 -- -- s VCC = 360V, T J = 125C VGE = 15V, R G = 23, VCPK < 500V -- 30 -- TJ = 150C, -- 23 -- ns IC = 14A, V CC = 480V -- 170 -- VGE = 15V, R G = 23 -- 170 -- Energy losses include "tail" -- 1.2 -- mJ See Fig. 10, 14 -- 7.5 -- nH Measured 5mm from package -- 740 -- VGE = 0V -- 92 -- pF VCC = 30V See Fig. 7 -- 9.4 -- = 1.0MHz
Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Repetitive rating; pulse width limited by maximum junction temperature. Pulse width 80s; duty factor 0.1%.
Pulse width 5.0s, single shot.
C-862
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC30K-S
30 For both:
Triangular wave:
Duty cycle: 50% TJ = 125C Tsink = 90C Gate drive as specified
Power Dissipation = 21W
Load Current (A)
20
Clamp voltage: 80% of rated
Square wave: 60% of rated voltage
10
Ideal diodes
0 0.1 1 10
A
100
f, Frequency (kHz)
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=I RMS of fundamental; for triangular wave, I=I PK)
100
100
IC , Collector-to-Emitter Current (A)
TJ = 25C TJ = 150C
10
IC , Collector-to-Emitter Current (A)
TJ = 150C
10
TJ = 25C
1
0.1 0.1 1
VGE = 15V 20s PULSE WIDTH A
10
1 5 10
VCC = 100V 5s PULSE WIDTH A
15 20
VCE , Collector-to-Emitter Voltage (V)
VGE, Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
C-863
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC30K-S
25
VCE , Collector-to-Emitter Voltage (V)
Maximum DC Collector Current (A)
VGE = 15V
6.0
VGE = 15V 80s PULSE WIDTH
20
5.0
I C = 28A
4.0
15
3.0
10
I C = 14A
2.0
I C = 7.0A
1.0
5
0 25 50 75 100 125
A
150
0.0 -60 -40 -20 0 20 40 60 80
A
100 120 140 160
TC , Case Temperature (C)
TC, Case Temperature (C)
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Case Temperature
10
T he rm al R e sp ons e (Z thJ C )
1
D = 0 .5 0
0 .2 0 0 .1 0
PD M
0.1
0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E )
t
1
t
2
N o te s : 1 . D u ty fa c to r D = t
1
/t
2
0.01 0.00001
2 . P e a k T J = P D M x Z thJ C + T C
0.0001
0.00 1
0.01
0.1
1
10
t 1 , R e c ta n gu la r P u ls e D ura tio n (s e c )
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
C-864
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC30K-S
1400 20
1200
VGE , Gate-to-Emitter Voltage (V)
V GE = 0V, f = 1MHz C ies = C ge + C gc , Cce SHORTED C res = C gc C oes = C ce + C gc
VCE = 400V I C = 14A
16
C, Capacitance (pF)
1000
Cies
800
12
Coes
600
8
400
4
200
Cres
A
1 10 100
0
0 0 10 20 30
A
40
VCE, Collector-to-Emitter Voltage (V)
Qg , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
0.80
Total Switching Losses (mJ)
0.76
Total Switching Losses (mJ)
VCC VGE TC IC
= 480V = 15V = 25C = 14A
10
R G = 23 V GE = 15V V CC = 480V I C = 28A
0.72
I C = 14A
1
0.68
I C = 7.0A
0.64
0.60 0 10 20 30 40 50
A
60
0.1 -60 -40 -20 0 20 40 60 80
A 100 120 140 160
R G , Gate Resistance ()
TC , Case Temperature (C)
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Case Temperature
C-865
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC30K-S
4.0
3.0
IC , Collector-to-Emitter Current (A)
Total Switching Losses (mJ)
RG TC V CC V GE
= 23 = 150C = 480V = 15V
100
VGE = 20V TJ = 125C
SAFE OPERATING AREA
2.0
10
1.0
0.0 0 10 20
A 30
1 1 10 100
A
1000
I C , Collector-to-Emitter Current (A)
VCE , Collector-to-Emitter Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Refer to Section D for the following: Appendix C: Section D - page D-5 Fig. 13a - Clamped Inductive Load Test Circuit Fig. 13b - Pulsed Collector Current Test Circuit Fig. 14a - Switching Loss Test Circuit Fig. 14b - Switching Loss Waveform Package Outline 2 - SMD-220 Section D - page D-12
C-866
To Order


▲Up To Search▲   

 
Price & Availability of IRGBC30K-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X