Part Number Hot Search : 
LC1611 AD983 TA7240AP 12VL230 CAT93C86 BU3150 16N25 01N100D
Product Description
Full Text Search
 

To Download IRGBC20K-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
PD - 9.1130
IRGBC20K-S
INSULATED GATE BIPOLAR TRANSISTOR
Features
* Short circuit rated - 10s @ 125C, V GE = 15V * Switching-loss rating includes all "tail" losses * Optimized for high operating frequency (over 5kHz) See Fig. 1 for Current vs. Frequency curve
G E C
Short Circuit Rated UltraFast Fast IGBT
VCES = 600V VCE(sat) 3.5V
@VGE = 15V, I C = 6.0A
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, highcurrent applications. These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.
SMD-220
Max.
600 10 6.0 20 20 10 20 5.0 60 24 -55 to +150
Absolute Maximum Ratings
Parameter
VCES IC @ T C = 25C IC @ T C = 100C ICM ILM tsc VGE EARV PD @ T C = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Short Circuit Withstand Time Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting torque, 6-32 or M3 screw.
Units
V A
s V mJ W
C 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1N*m)
Thermal Resistance
Parameter
RJC RJA RJA Wt Junction-to-Case Junction-to-Ambient (PCB mount)** Junction-to-Ambient, typical socket mount Weight
Min.
-- -- -- --
Typ.
-- -- -- 2 (0.07)
Max.
2.1 40 80 --
Units
C/W g (oz)
** When mounted on 1" square PCB (FR-4 or G-10 Material)
For recommended footprint and soldering techniques refer to application note #AN-994.
Revision 1
C-855
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC20K-S
Electrical Characteristics @ T
V(BR)CES V(BR)ECS
V(BR)CES/TJ
J
= 25C (unless otherwise specified)
Min. Typ. Max. Units Conditions 600 -- -- V VGE = 0V, I C = 250A 20 -- -- V VGE = 0V, IC = 1.0A -- 0.37 -- V/C VGE = 0V, I C = 1.0mA -- 2.4 3.5 IC = 6.0A V GE = 15V -- 3.6 -- V IC = 10A See Fig. 2, 5 -- 2.9 -- IC = 6.0A, T J = 150C 3.0 -- 5.5 VCE = VGE, IC = 250A -- -11 -- mV/C VCE = VGE, IC = 250A 1.9 3.3 -- S VCE = 100V, I C = 6.0A -- -- 250 A VGE = 0V, V CE = 600V -- -- 1000 VGE = 0V, V CE = 600V, T J = 150C -- -- 100 nA VGE = 20V
VCE(on)
Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Temp. Coeff. of Breakdown Voltage Collector-to-Emitter Saturation Voltage
VGE(th) VGE(th)/TJ gfe ICES IGES
Gate Threshold Voltage Temperature Coeff. of Threshold Voltage Forward Transconductance Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current
Switching Characteristics @ T
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets tsc td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Repetitive rating; V GE=20V, pulse width limited by max. junction temperature. ( See fig. 13b ) VCC=80%(V CES), VGE=20V, L=10H, R G= 50, ( See fig. 13a )
J
= 25C (unless otherwise specified)
Min. -- -- -- -- -- -- -- -- -- -- 10 -- -- -- -- -- -- -- -- -- Typ. Max. Units 17 26 4.3 6.8 nC 6.4 11 29 -- 18 -- ns 58 90 120 195 0.11 -- 0.13 -- mJ 0.24 0.31 -- -- s 28 22 200 145 0.50 7.5 360 45 4.7 -- -- -- -- -- -- -- -- -- Conditions IC = 6.0A VCC = 400V See Fig. 8 VGE = 15V TJ = 25C IC = 6.0A, V CC = 480V VGE = 15V, R G = 50 Energy losses include "tail" See Fig. 9, 10, 11, 14 VCC = 360V, T J = 125C VGE = 15V, R G = 50, VCPK < 500V TJ = 150C, IC = 6.0A, V CC = 480V VGE = 15V, R G = 50 Energy losses include "tail" See Fig. 10, 14 Measured 5mm from package VGE = 0V VCC = 30V See Fig. 7 = 1.0MHz
Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
ns
mJ nH pF
Repetitive rating; pulse width limited by maximum junction temperature. Pulse width 80s; duty factor 0.1%.
Pulse width 5.0s, single shot.
C-856
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC20K-S
15
F o r b o th :
T ria n g u la r w a v e :
12
Load Current (A)
D u ty c yc le : 5 0 % TJ = 1 2 5 C T s ink = 9 0 C G a te d riv e a s s p e c ifie d P o w e r D is s ip a tio n = 1 4 W
C la m p v o lta g e : 8 0 % o f ra te d
9
S q u a re w a v e : 6 0% o f ra te d v o lta g e
6
3
Ide al d iod es
0 0.1 1 10
A
100
f, Frequency (kHz)
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=I RMS of fundamental; for triangular wave, I=I PK)
100
100
I C , C ollector-to-E mitte r C urren t (A )
TJ = 2 5 C
10
TJ = 1 50 C
I C , C ollec tor-to -E m itter C u rre nt (A )
10
T J = 15 0C TJ = 25 C
1
0.1 0.1 1
V G E = 15V 2 0 s P U LS E W ID TH
10
1 5 10
V C C = 1 00 V 5 s P UL S E W ID TH
15 20
V C E , C o llector-to-Em itter V oltage (V)
V G E , G ate-to-E m itter V olta g e (V )
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
C-857
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC20K-S
10
8
V C E , C o lle c to r-to -E m itte r V o lta g e (V )
V G E = 1 5V
5.0
M aximu m D C C olle ctor Cu rrent (A )
V G E = 1 5V 8 0 s P U LS E W ID TH
4.0
I C = 1 2A
6
3.0
4
IC = 6.0A
2.0
2
I C = 3.0 A
0 25 50 75 100 125 150
1.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
T C , C ase Tem perature (C )
T C , C as e Te m p e ra ture (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Case Temperature
10
T herm al Response (Z thJ C )
1
D = 0.50
0 .2 0 0 .10 0.0 5
PD M
0.1
0.0 2 0 .01
t
SIN G LE P U LS E (TH ER M AL R E SP O N SE )
N o te s : 1 . D u ty fa c to r D = t 1 /t 2
1 t2
0.01 0.00001
2 . P e a k TJ = P D M x Z th J C + T C
0.0001
0.001
0.01
0.1
1
10
t 1 , R ectangular Pulse D uration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
C-858
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC20K-S
700
600
C, C apacitance (pF)
500
Cies Coes
400
300
VG E , G ate -to-E mitter V oltage (V )
1 00
V GE = 0V, f = 1MHz C ies = C ge + C gc , C ce SHORTED C res = C gc C oes = C ce + C gc
20
V C E = 4 80 V I C = 6.0 A
16
12
8
200
Cres
100
4
0 1 10
0 0 4 8 12 16 20
V C E , C o llector-to-Em itter V oltage (V)
Q g , Total G ate C harge (nC )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
0.26
Total Switching Losses (mJ)
Total Switching Losses (mJ)
0.25
VCC VGE TC IC
= 480V = 15V = 25C = 6.0A
10
RG = 50 V GE = 15V V CC = 480V I C = 12A
0.24
1
I C = 6.0A I C = 3.0A
0.1
0.23
0.22
0.21
0.20 0 10 20 30 40 50 60
0.01 -60 -40 -20 0 20 40 60 80
A
100 120 140 160
R G , Gate Resistance ()
W
TC, Case Temperature (C)
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Case Temperature
C-859
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC20K-S
1.4
1.2
1.0
I , C o lle c to r-to -E m itte r C u rre n t (A )
Total Switching Losses (mJ)
RG TC V CC V GE
= 50 = 150C = 480V = 15V
100
VG E E 2 0V G= T J = 12 5C
10
S A FE O P E RA TIN G A RE A
0.8
0.6
1
0.4
0.0 0 2 4 6 8 10 12
A
14
C
0.1 1 10 100 1000
0.2
I C , Collector-to-Emitter Current (A)
V C E , C o lle cto r-to-E m itte r V olta g e (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Refer to Section D for the following: Appendix C: Section D - page D-5 Fig. 13a - Clamped Inductive Load Test Circuit Fig. 13b - Pulsed Collector Current Test Circuit Fig. 14a - Switching Loss Test Circuit Fig. 14b - Switching Loss Waveform Package Outline 2 - SMD-220 Section D - page D-12
C-860
To Order


▲Up To Search▲   

 
Price & Availability of IRGBC20K-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X