Part Number Hot Search : 
80N100 AN1384 260DH5LP TC200 ELECTRO BT868 MAX3107E TFDU7100
Product Description
Full Text Search
 

To Download IRG4PC60U-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94441
IRG4PC60U-P
INSULATED GATE BIPOLAR TRANSISTOR
Features
* UltraFast: Optimized for high operating frequencies up to 50 kHz in hard switching and >200 kHz in resonant mode. * Application in UPS, Welding and High Current power supply. * Generation 4 IGBT design provides tighter parameter distribution and higher efficiency. * Solder plated version of industry standard TO-247AC package.
C
UltraFast Speed IGBT
VCES = 600V
G E
VCE(on) typ. = 1.6V
@VGE = 15V, IC = 40A
n-channel
Benefits
* Generation 4 IGBT's offer highest efficiency available. * Solder plated version of the TO-247 allows the reflow soldering of the package heatsink to a substrate material. * Designed for best performance when used with IR HEXFRED & IR FRED companion diodes.
TO-247AC
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM VGE EARV PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Breakdown Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Q Clamped Inductive Load Current R Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy S Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw Maximum Reflow TemperatureW
Max.
600 75 40 300 300 20 200 520 210 -55 to + 150 300 (0.063 in. (1.6mm from case ) 10 lbf*in (1.1N*m) 230 (Time above 183C should not exceed 100s)
Units
V A
V mJ W
C
C
Thermal Resistance
Parameter
RJC RCS RJA RJA Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient (Typical Socket Mount) Junction-to-Ambient (PCB Mount, Steady State)V Weight
Typ.
---0.24 ------6 (0.21)
Max.
0.24 ---40 20 ----
Units
C/W
g (oz)
www.irf.com
1
04/26/02
IRG4PC60U-P
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Typ. Collector-to-Emitter Breakdown Voltage 600 ---Emitter-to-Collector Breakdown Voltage T 17 ---V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage ---- 0.28 ---- 1.7 VCE(ON) Collector-to-Emitter Saturation Voltage ---- 1.9 ---- 1.6 VGE(th) Gate Threshold Voltage 3.0 ---VGE(th)/TJ Temperature Coeff. of Threshold Voltage ---- -12 gfe Forward Transconductance U 44 59 ---- ---ICES Zero Gate Voltage Collector Current ---- ------- ---IGES Gate-to-Emitter Leakage Current ---- ---V(BR)CES V(BR)ECS Max. Units Conditions ---V VGE = 0V, IC = 250A ---V VGE = 0V, IC = 1.0A ---- V/C VGE = 0V, IC = 1.0mA 2.0 IC = 40A VGE = 15V ---IC = 75A See Fig.2, 5 V ---IC = 40A , TJ = 150C 6.0 VCE = VGE, IC = 250A ---- mV/C VCE = VGE, IC = 250A ---S VCE 100V, IC = 40A 250 A VGE = 0V, VCE = 600V 2.0 VGE = 0V, VCE = 10V, TJ = 25C 5000 VGE = 0V, VCE = 600V, TJ = 150C 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. ---------------------------------------------------------Typ. 310 41 110 39 42 200 100 0.28 1.1 1.3 36 42 300 160 2.6 13 5860 370 75 Max. Units Conditions 320 IC = 40A 46 nC VCC = 480V See Fig. 8 120 VGE = 15V ------TJ = 25C ns IC = 40A, VCC = 480V VGE = 15V, RG = 5.0 ---Energy losses include "tail" ---mJ See Fig. 10, 11, 13, 14 1.8 ---TJ = 150C, ---IC = 40A, VCC = 480V ns ---VGE = 15V, RG = 5.0 ---Energy losses include "tail" ---mJ See Fig. 13, 14 ---nH Measured 5mm from package ---VGE = 0V ---pF VCC = 30V See Fig. 7 --- = 1.0MHz
Notes: Q Repetitive rating; VGE = 20V, pulse width limited by max. junction temperature. ( See fig. 13b ) R VCC = 80%(VCES), VGE = 20V, Rg = 5.0W. (See fig. 13a) S Repetitive rating; pulse width limited by maximum junction temperature. T Pulse width 80s; duty factor 0.1%.
U Pulse width 5.0s, single shot. V When mounted on 1" square PCB ( FR-4 or G-10
Material ). For recommended footprint and soldering techniques refer to application note #AN-994. W Refer to application note # 1023, "Surface Mounting of Larger Devices."
2
www.irf.com
IRG4PC60U-P
60 Duty cycle : 50% Tj = 125C Tsink = 90C Ta = 55C Gate drive as specified Turn-on losses include effects of reverse recovery Power Dissipation = 73W for Heatsink Mount Power Dissipation = 3.5W for typical PCB socket Mount
50
Load Current ( A )
40
60% of rated voltage
30
20
Ideal diodes
10
0 0.1 1 10 100
f , Frequency ( kHz )
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
1000
1000
IC, Collector-to-Emitter Current (A)
IC , Collector t-to-Emitter Current (A)
100
T J = 150C
100 T J = 150C 10 T J = 25C
10
1
T J = 25C VGE = 15V 20s PULSE WIDTH
VCC = 10V 5s PULSE WIDTH 1 4 5 6 7 8 9 10 11
0.1 0.0 1.0 2.0 3.0 4.0 5.0 VCE , Collector-to-Emitter Voltage (V)
VGE, Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics www.irf.com
Fig. 3 - Typical Transfer Characteristics 3
IRG4PC60U-P
80 3.0
V GE = 15V
VGE = 15V 80s PULSE WIDTH
Maximum DC Collector Current (A)
70 60 50 40 30 20 10 0 25 50 75 100 125 150
VCE , Collector-to Emitter Voltage (V)
IC = 80A
2.0
IC = 40A IC = 20A
1.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
T C , Case Temperature (C)
T J , Junction Temperature (C)
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Junction Temperature
1
) thJC
D = 0.50 0.1 0.20 0.10 0.05 0.01 0.02 0.01
Thermal Response (Z
SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = 2. Peak T J = P DM
0.001 0.00001
t1/ t 2 x Z thJC 0.1 +T C 0.0001 0.001 0.01
P DM t1 t2 1
t 1, Rectangular Pulse Duration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case 4 www.irf.com
IRG4PC60U-P
10000
8000
Cies
V GE = 0V, f = 1MHz C ies = C ge + C gc , C ce SHORTED C res = C gc C oes = C ce + C gc
20
Vcc = 480V V CC = 400V Ic = 40V IC = 40A
16
VGE, Gate-to-Emitter Voltage (V)
C, Capacitance (pF)
6000
12
Coes
4000
8
Cres
2000
4
0 1 10 100
0 0 100 200 300 400
VCE , Collector-to-Emitter Voltage (V)
Q G, Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
5.00 VCC = 480V VGE = 15V TJ = 25C I C = 40A
100 RG = 5.0 VGE = 15V
Total Switching Losses (mJ)
4.00
Total Switching Losses (mJ)
VCC = 480V 10 IC = 80A
3.00
IC = 40A 1 IC = 20A
2.00
1.00 0 10 20 30 40 50
0.1 -60 -40 -20 0 20 40 60 80 100 120 140 160
R G, Gate Resistance ( )
T J, Junction Temperature (C)
Fig. 9 - Typical Switching Losses vs. Gate Resistance www.irf.com
Fig. 10 - Typical Switching Losses vs. Junction Temperature 5
IRG4PC60U-P
8.0 1000 RG = 5.0 TJ = 150C VGE = 15V VCC = 480V
6.0 5.0 4.0 3.0 2.0 1.0 0.0 20
IC , Collector-to-Emitter Current (A)
7.0
VGE = 20V T J = 125
Total Switching Losses (mJ)
100
SAFE OPERATING AREA
10
1 30 40 50 60 70 80 0.1 1 10 100 1000
IC , Collector Current (A)
VDS , Drain-to-Source Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
6
www.irf.com
IRG4PC60U-P
L 50V 1 00 0V VC *
D .U .T.
RL = 0 - 480V 480V 4 X IC@25C
480F 960V R
Q
* Driver s am e ty pe as D .U .T.; Vc = 80% of V ce (m ax ) * Note: D ue to the 50V pow er s upply, pulse w idth a nd inductor w ill inc rea se to obta in ra ted Id.
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
IC L D river* 50V 1000V Q R S
* Driver same type as D.U.T., VC = 480V
D .U .T. VC
Fig. 14a - Switching Loss
Test Circuit
Q
R
9 0%
S
1 0% 90 %
VC
t d (o ff)
Fig. 14b - Switching Loss
Waveforms
10 % IC 5% t d (o n )
tr E on E ts = ( Eo n +E o ff )
tf t=5 s E o ff
www.irf.com
7
IRG4PC60U-P
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
3 .6 5 (.1 4 3 ) 3 .5 5 (.1 4 0 ) 0 .2 5 (.0 1 0 ) M D B M -A5 .5 0 (.2 1 7)
-D-
1 5 .9 0 (.6 2 6 ) 1 5 .3 0 (.6 0 2 ) -B-
5 .3 0 ( .2 0 9 ) 4 .7 0 ( .1 8 5 ) 2 .5 0 (.0 8 9 ) 1 .5 0 (.0 5 9 ) 4
N O TE S : 1 D IM E N S IO N S & T O L E R A N C IN G P E R A N S I Y 14 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 D IM E N S IO N S A R E S H O W N M ILL IM E T E R S (IN C H E S ). 4 C O N F O R M S T O JE D E C O U T L IN E T O -2 4 7 A C .
2 0 .3 0 (.8 0 0 ) 1 9 .7 0 (.7 7 5 ) 1
2X
5 .5 0 (.2 17 ) 4 .5 0 (.1 77 )
2
3
-C-
LEAD 1234-
A S S IG N M E N T S GATE COLLE CTO R E M IT T E R COLLE CTO R
*
14 .80 (.583 ) 14 .20 (.559 )
4.30 (.1 70) 3.70 (.1 45)
0 .8 0 (.0 3 1 ) 3X 0 .4 0 (.0 1 6 ) 2 .6 0 ( .1 0 2 ) 2 .2 0 ( .0 8 7 )
*
2 .4 0 ( .0 9 4 ) 2 .0 0 ( .0 7 9 ) 2X 5.45 (.2 15 )
L O N G E R L E A D E D (2 0m m ) V E R S IO N A V A IL A B LE (T O -24 7 A D ) T O O R D E R A D D "-E " S U F F IX T O P A R T N U M B ER
3X
1 .4 0 (.0 5 6 ) 1 .0 0 (.0 3 9 ) 0 .2 5 (.0 1 0 ) M
C AS
2X
3 .4 0 (.1 3 3 ) 3 .0 0 (.1 1 8 )
Solderable TO-247AC Part Marking Information
E XA M P LE : TH IS IS A N IR F P E 3 0 W ITH A S S E M B L Y LO T C O DE 3A 1Q
A
IN TE R N A TIO N A L R E C TIFIE R LOG O ASSEMBLY LOT CODE
PART NUMBER IR FP E 3 0 3A 1 Q 9 3 0 2 D A TE C O D E (Y YW W ) YY = YEAR W W W EEK
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.04/02
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRG4PC60U-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X