Part Number Hot Search : 
SRC1203 PMEG20 RL107G 00003 CEM2187 AN8798JC ASM706 152M3
Product Description
Full Text Search
 

To Download IRF7210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91844B
IRF7210
HEXFET(R) Power MOSFET
l l l l
Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel
S
1 2 3 4
8 7
A D D D D
S
S G
VDSS = -12V RDS(on) = 0.007
6 5
Description
These P-Channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques.
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS VGSM TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Gate-to-Source Voltage Single Pulse tp<10s Junction and Storage Temperature Range
Max.
-12 16 12 100 2.5 1.6 0.02 12 16 -55 to + 150
Units
V A W W/C V V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
50
Units
C/W
www.irf.com
1
10/19/04
IRF7210
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Q gs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -14 -12 --- --- -0.6 16 --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- --- 0.011 .005 .007 --- --- --- --- --- --- --- 212 27 52 50 3.0 6.5 30 17179 9455 8986
Max. Units Conditions --- V VGS = 0V, ID = -5.0mA --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, ID = -1mA .007 VGS = -4.5V, ID = -16A .010 VGS = -2.5V, ID = -12A --- V VDS = VGS, ID = -500A --- S VDS = -10V, ID = -16A -10 VDS = -12V, VGS = 0V -1.0 VDS = -9.6V, VGS = 0V A -100 VDS = -12V, VGS = 0V, TJ = 70C -100 nA VGS = -12V 100 VGS = 12V --- ID = -10A --- nC VDS = -10V --- VGS = -5.0V --- ns VDD = -10V --- ID = -10A s --- RD = 1.0 --- RG = 6.2 --- VGS = 0V --- pF VDS = -10V --- = 1.0kHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- 165 296 -2.5 A -100 -1.2 247 444 V ns nC
Conditions D MOSFET symbol showing the G integral reverse p-n junction diode. S TJ = 25C, IS = -2.5A, VGS = 0V TJ = 25C, IF = -2.5A di/dt = 85A/s
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
When mounted on 1 inch square copper board, t<10 sec
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRF7210
20
VGS -1.8V -1.6V -1.4V -1.2V -1.0V BOTTOM -0.8V TOP
300s PULSE WIDTH TJ = 25C
16
16
-I , Drain-to-Source Current (A) D
-I , Drain-to-Source Current (A) D
12
VGS -1.8V -1.6V -1.4V -1.2V -1.0V BOTTOM -0.8V TOP
300s PULSE WIDTH TJ = 150C
12
8
8
4
4
0 0 2 4 6 8
-0.8V
-0.8V A
0 0 2 4 6 8
A
10
10
-VDS , Drain-to-Source Voltage (V)
-V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
140
2.0
120
TJ = 25C
100
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -16A
-ID , Drain-to-Source Current (A)
1.5
80
60
TJ = 150C
1.0
40
0.5
20
0 0.0 2.0
V DS = -10V 300s PULSE WIDTH
4.0 6.0 8.0
A
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-V GS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7210
24000
-V , Gate-to-Source Voltage (V) GS
V GS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + C gd
10
I D = -10A VDS = -12V
8
C, Capacitance (pF)
20000
Ciss
16000
6
4
12000
Coss Crss
8000 0 2 4 6 8 10 12
2
A
0 0 50 100 150 200 250 300
A
-V DS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
RDS(on) , Drain-to-Source On Resistance ( ) -ID , Drain Current (A) I
1000
-I SD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
100
TJ = 25C TJ = 150C
100
100us
1ms 10
10
10ms
1 0.0 2.0 4.0 6.0
VGS = 0V
8.0
A
10.0
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-V SD , Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area.
4
www.irf.com
IRF7210
100
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 0.01 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10 100
10
1
0.1 0.001
t1, Rectangular Pulse Duration (sec)
Fig 9. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7210
SO-8 Package Details
D -B-
DIM
5
INCHES MIN .0532 .0040 .014 .0075 .189 .150 MAX .0688 .0098 .018 .0098 .196 .157
MILLIMETERS MIN 1.35 0.10 0.36 0.19 4.80 3.81 MAX 1.75 0.25 0.46 0.25 4.98 3.99
A A1 B
M AM
5
8 E -A-
7
6
5 H 0.25 (.010)
1
2
3
4
C D E e e1 H K
e 6X
e1 A
K x 45
.050 BASIC .025 BASIC .2284 .011 0.16 0 .2440 .019 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.28 0.41 0 6.20 0.48 1.27 8
-CB 8X 0.25 (.010) NOTES: 1. 2. 3. 4. A1 M CASBS
0.10 (.004)
L 8X
6
C 8X
L
RECOMMENDED FOOTPRINT 0.72 (.028 ) 8X
DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982. CONTROLLING DIMENSION : INCH. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES). OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006). 6 DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE..
6.46 ( .255 )
1.78 (.070) 8X
1.27 ( .050 ) 3X
Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U 96U@A8P9@AXX QA2A9DTBI6U@TAG@69AAAS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
6
www.irf.com
IRF7210
SO-8 Tape and Reel
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 10/04
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IRF7210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X