Part Number Hot Search : 
815AF CFB940P MOG2388C DTC124 10R0J SC5707 IRH7250 M38C82M1
Product Description
Full Text Search
 

To Download IRF2805SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95944
AUTOMOTIVE MOSFET
Typical Applications
l l l l l
IRF2805SPBF IRF2805LPbF
HEXFET(R) Power MOSFET
D
Climate Control ABS Electronic Braking Windshield Wipers Lead-Free Advanced Process Technology Ultra Low On-Resistance 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax
VDSS = 55V RDS(on) = 4.7m
Features
l l l l l
G S
ID = 135A
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this product are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
D2Pak IRF2805SPBF
TO-262 IRF2805LPbF
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS EAS (6 sigma) IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Single Pulse Avalanche Energy Tested Value Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
135 96 700 200 1.3 20 380 1220 See Fig.12a, 12b, 15, 16 2.0 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient(PCB Mounted, steady state)**
Typ.
--- ---
Max.
0.75 40
Units
C/W
HEXFET(R) is a registered trademark of International Rectifier.
www.irf.com
1
11/16/04
IRF2805S/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time Min. 55 --- --- 2.0 91 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.06 3.9 --- --- --- --- --- --- 150 38 52 14 120 68 110 4.5 7.5 5110 1190 210 6470 860 1600 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 4.7 m VGS = 10V, ID = 104A 4.0 V VDS = 10V, ID = 250A --- S VDS = 25V, ID = 104A 20 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 200 VGS = 20V nA -200 VGS = -20V 230 ID = 104A 57 nC VDS = 44V 78 VGS = 10V --- VDD = 28V --- ID = 104A ns --- RG = 2.5 --- VGS = 10V D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 44V, = 1.0MHz --- VGS = 0V, VDS = 0V to 44V
Source-Drain Ratings and Characteristics
Min. Typ. Max. Units IS
I SM
VSD t rr Q rr ton Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Starting TJ = 25C, L = 0.08mH RG = 25, IAS = 104A. (See Figure 12). ISD 104A, di/dt 240A/s, VDD V(BR)DSS, TJ 175C Pulse width 400s; duty cycle 2%.
Conditions D MOSFET symbol --- --- 175 showing the A G integral reverse --- --- 700 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 104A, VGS = 0V --- 80 120 ns TJ = 25C, IF = 104A --- 290 430 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS . Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A. Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production.
2
www.irf.com
IRF2805S/LPbF
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
ID, Drain-to-Source Current (A)
100
4.5V
ID, Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
10
1 0.1 1
20s PULSE WIDTH Tj = 25C
10 10 100 0.1 1
20s PULSE WIDTH Tj = 175C
10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
T J = 25C
ID, Drain-to-Source Current (A)
2.5
I D = 175A
RDS(on) , Drain-to-Source On Resistance
T J = 175C
2.0
100
(Normalized)
1.5
1.0
10 4.0 5.0 6.0
VDS = 25V 20s PULSE WIDTH
7.0 8.0 9.0 10.0
0.5
0.0 -60 -40 -20 0 20 40 60 80
V GS = 10V
100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF2805S/LPbF
10000 VGS = 0V, f = 1 MHZ C iss = C gs + C gd , C ds SHORTED Crss Coss = Cgd = C + Cgd ds
20 ID= 104A
VGS , Gate-to-Source Voltage (V)
8000
16
VDS= 44V VDS= 28V
C, Capacitance (pF)
6000
12
Ciss
4000
8
2000
4
Coss
0 1 10
Crss
100
0 0 40 80 120 160 200 240 Q G Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000.0
10000
100.0
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
T J = 175C
OPERATION IN THIS AREA LIMITED BY RDS(on)
1000
10.0
100
100sec 1msec
1.0
TJ = 25C
10 Tc = 25C Tj = 175C Single Pulse 1 10 10msec
0.1 0.2 0.4 0.6 0.8 1.0 1.2
VGS = 0V 1.4 1.6 1.8
1
100
1000
VSD, Source-toDrain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF2805S/LPbF
140
LIMITED BY PACKAGE
120
VDS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
ID , Drain Current (A)
100 80 60 40 20 0
-VDD
Fig 10a. Switching Time Test Circuit
VDS 90%
25 50 75 100 125 150 175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.001 0.01 0.1 1
0.01 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF2805S/LPbF
EAS , Single Pulse Avalanche Energy (mJ)
15V
800
VDS
L
DRIVER
600
ID 42.5A 73.5A BOTTOM 104A TOP
RG
20V VGS
D.U.T
IAS tp
+ V - DD
A
0.01
400
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
200
0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature ( C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS
QGD
-VGS(th) Gate threshold Voltage (V)
4.0
VG
ID = 250A
3.0
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
2.0
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
1.0 -75 -50 -25 0 25 50 75 100 125 150 175
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage Vs. Temperature
6
www.irf.com
IRF2805S/LPbF
10000
1000
Duty Cycle = Single Pulse Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses. Note: In no case should Tj be allowed to exceed Tjmax
Avalanche Current (A)
100
0.01 0.05
10
0.10
1
0.1 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
400
EAR , Avalanche Energy (mJ)
300
TOP Single Pulse BOTTOM 10% Duty Cycle ID = 104A
200
100
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asT jmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. 175 D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy Vs. Temperature
www.irf.com
7
IRF2805S/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T*
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 17. For N-channel HEXFET(R) power MOSFETs
8
www.irf.com
IRF2805S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L O T CO D E 8 0 2 4 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s i tion in dicates "L ead-F r ee" IN T E R N AT IO N AL R E CT IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 53 0 S D AT E CO D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L OG O AS S E M B L Y L OT CO D E P AR T N U M B E R F 530 S D AT E C O D E P = D E S IGN AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 WE E K 02 A = AS S E M B L Y S IT E C O D E
www.irf.com
9
IRF2805S/LPbF
TO-262 Package Outline
TO-262 Part Marking Information
E X AMP L E : T H IS IS AN IR L 3 1 03 L L OT COD E 17 8 9 AS S E M B L E D ON WW 19 , 1 9 97 IN T H E AS S E MB L Y L IN E "C" N ote: "P " in as s em bly line pos ition indicates "L ead-F ree" IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R
D AT E COD E Y E AR 7 = 1 9 97 WE E K 19 L IN E C
OR
IN T E R N AT ION AL R E CT IF I E R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R D AT E COD E P = D E S I GN AT E S L E AD -F R E E P R OD U CT (OP T ION AL ) Y E AR 7 = 1 9 9 7 WE E K 19 A = AS S E MB L Y S IT E COD E
10
www.irf.com
IRF2805S/LPbF
D2Pak Tape & Reel Infomation
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/04
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRF2805SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X