Part Number Hot Search : 
UNR31 D1010 TMBR6S05 12521 PT2275 T17C1 R1C10 HPS3KW
Product Description
Full Text Search
 

To Download IPS-FIVE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPS TM FIVE
PCL 5 Interpreter
Imaging Software
Driving the Digital Lifestyle
Processors Quatro SOCs Solutions
Product Brief
Zoran Corporation 1390 Kifer Road Sunnyvale, CA 94086-5305
www.zoran.com
The IPS FIVE interpreter from Zoran provides a complete PCL 5 printing solution for color and monochrome printers and multifunction peripherals. The interpreter is integrated with Zoran's rich featured embedded foundation technology--IPS-- enabling OEMs to develop high quality printers and MFPs that support the PCL 5 printing standard. IPS FIVE supports the
PCL 5e language as implemented in the hp LaserJet 4250 series of printers and PCL 5C as implemented in the hp Color LaserJet 5500 series. IPS FIVE implements all PCL 5C commands specified in the Hewlett-Packard PCL 5C Color Technical Reference Manual and the HP PCL 5 Specification.
Benefits
* Single interpreter provides high quality monochrome and color printing solution with full compatibility to Hewlett-Packard's PCL 5e and PCL 5C
Key Features
* Supports print resolutions up to 1200 dpi * Supports color commands on monochrome devices * Provides complete HP-GL/2 support
* Source code availability provides design flexibility and facilitates value-added customization * Supports Monotype Imaging UFST 4.2 (TrueType, CFF, MicroType and Asian Compression for TrueType) fonts and UTF-8 encoding * Integrated with Zoran's OneImageTM common display list technology to support multi-bit and contone output devices * Can be combined with the other languages in IPS--IPS XLC, IPS PS3, IPS PDFt and IPS XPS--for complete print functionality
Description
Supports Widest Variety Of Applications IPS FIVE is compatible with the widest range of applications, office printers and MFPs. Zoran's implementations offer full compatibility to the Hewlett-Packard standard. A single interpreter can be used to build either monochrome or color devices--both types of devices accept color PCL 5 commands for compatibility with newer HewlettPackard printers. IPS FIVE features sophisticated image processing, memory management and compression techniques for high quality. IPS FIVE also features innovative Smart Black technology that offers superior control of image quality for single-bit CMYK output devices while maintaining complete compatibility with the PCL 5 language. Zoran provides complete source code for the IPS FIVE interpreter and a full set of engineering documentation to allow OEMs to customize the interpreters for specific market requirements. IPS FIVE, combined with IPS XLC, provides a complete printing solution compatible with Hewlett-Packard's PCL 6 as implemented in the hp LaserJet 4250 series and hp Color LaserJet 5500 series. Zoran Engineering Support Services Zoran offers Source Code Maintenance and Engineering Support Programs that can shorten development cycles and ensure that the latest PCL language features are available as new controllers are developed. The IPS FIVE source code license includes technical support, software integration training and source code maintenance. The Source Code Maintenance Program provides extended source code maintenance and technical consulting, including informative technical bulletins and software patches and updates. Zoran's Engineering Support Program provides direct software integration assistance and design recommendations to optimize the interface between the PCL 5-compatible interpreter and the controller. OEMs can also work with a Zoran-authorized development partner. These companies have experience in Zoran's IPS FIVE software integration and can offer fixed-cost, turnkey controller development for a range of controller configurations and print engines.
05/07-MMCP
Imaging-IPS FIVE-PB-4
IPS FIVE
PCL 5 Interpreter
Driving the Digital Lifestyle
Product Brief
Descriptions (continued)
Specifications Compatibility * PCL 5e as implemented in HP's LaserJet 4250 series * PCL 5C as implemented in HP's Color LaserJet 5500 series * PJL as implemented in HP's LaserJet 5Si Print Resolutions * 300, 400, 600, 1200 and 1200x600 dpi Output Color Models * 1,2,4 and 8-bit pixel depths * Monochrome, RGB, CMY and CMYK by plane * Monochrome, CMY and CMYK by band * RGB by pixel (8-bit only) Fonts Resident Fonts * MicroType Downloaded Fonts * TrueType Minimum Memory Requirements * Monochrome: 4 MB (600 dpi, 1-bit) * Color: 8 MB (600 dpi, 1-bit) Paper Size * Executive, letter, legal, ledger, A3, A4, B4, B5, envelope, others Duplex Printing Support N-up Printing Support Quality Assurance * QualityLogic ATS, FTS and CET
Engines Print * Scan Fax Drivers & Host Applications Parallel * Network Data Stream
Hardware Services & Storage
IPS Architecture
This diagram illustrates the layered components of Zoran's embedded foundation software technology--IPS.
IPS Applications
API
Control/System Services
SPI
Zoran's IPS Applications * IPS PS3 * IPS PDFt * IPS FIVE * IPS XLC * IPS XPS (API) Application Programming Interface Control Services Control Program Interface * State Manager * Custom Control Fax Channel * Net Administration * PJL * Remote Control Panel System Services Queue Manager * Memory Manager * File System * Time Color Management * Image Processing * Image Nodes * Image Flow Image Store * Input/Output * Output Drivers * Connectivity * Compression (SPI) System Programming Interface Hardware Services Basic * Tasker messaging * RTOS Kernel Interface Front Panel * Compress * Image Processing * Custom Storage RAM * ROM * NVRam * Flash * Disk
(c) Copyright 1997-2007 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, IPS and OneImage are trademarks of Zoran Corporation. All other names used are owned by their respective owners. Zoran Corporation makes no guarantee concerning the accuracy of the information contained herein and further does not guarantee that the use of such information will not infringe the rights of any third party. Zoran will not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon, the information. Zoran reserves the right to make changes in the product and/or specifications presented herein at any time without notice.
Zoran Corporation
imaging.usa@zoran.com
05/07-MMCP
www.zoran.com
* imaging.japan@zoran.com * imaging.taiwan@zoran.com * imaging.korea@zoran.com
Imaging-IPS FIVE-PB-4


▲Up To Search▲   

 
Price & Availability of IPS-FIVE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X